Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTC4377 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC4377
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC4377 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC4377 Datasheet HTML 1Page - KEC(Korea Electronics) KTC4377 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2003. 9. 16
2/2
KTC4377
Revision No : 4
COLLECTOR CURRENT I
(mA)
C
h
- I
COLLECTOR-CURRENT I
(mA)
C
V
- I
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
I
- V
CCE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
I
- V
CBE
BE
BASE EMITTER VOLTAGE V
(V)
FE
C
CE(sat)
C
0
0
AMBIENT TEMPERATURE Ta ( C)
C
P
- Ta
20
40
60
80
100
120
140
160
0.2
0.4
0.6
0.8
1.0
1.2
MOUNTED ON CERAMIC
SUBSTRATE
(250mm x0.8t)
Ta=25 C
2
1
2
1
2
0
0
0
0
0.1
0.3
1
100
0.01
0.01
0.03
0.1
0.3
1
COMMON EMITTER
I /I =10
C
B
I
MAX(PULSE)
C
C
I
MAX(CONTI-
*
100mS
*
DC
OPERATION
10
3
0.01
0.03
1
0.05
0.5
Ta=100
C
Ta=25 C
Ta=-25 C
NUOUS)
10
Ta=-25 C
Ta=25 C
Ta=100 C
1k
CE
V
=1V
COMMON EMITTER
300
100
50
30
1
0.3
0.01
0.03
0.1
3
500
10
0.3
0.1
1.0
2.0
3.0
4.0
5.0
6.0
1.0
2.0
3.0
4.0
COMMON EMITTER
Ta=25 C
60
25
15
10
I =5mA
B
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
0.8
1.6
2.4
3.2
4.0
COMMON EMITTER
V
=1V
CE
Ta=25 C
Ta=-25 C
31030
0.03
0.1
0.3
1
3
10
SINGLE
NONREPETITIVE
PULSE Ta=25 C
CURVES MUST BE
DERATED LINEARLY
WITH INCREASE IN
TEMPERATURE
*


Similar Part No. - KTC4377

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC4377 KEC-KTC4377 Datasheet
306Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (STROBO FLASH, HIGH CURRENT)
logo
Weitron Technology
KTC4377 WEITRON-KTC4377 Datasheet
136Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
KTC4377 HTSEMI-KTC4377 Datasheet
629Kb / 2P
   TRANSISTOR (NPN)
logo
SHENZHEN YONGERJIA INDU...
KTC4377 WINNERJOIN-KTC4377 Datasheet
128Kb / 1P
   TRANSISTOR (NPN)
logo
GUANGDONG HOTTECH INDUS...
KTC4377 HOTTECH-KTC4377 Datasheet
175Kb / 2P
   Plastic-Encapsulate Transistors
More results

Similar Description - KTC4377

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com