Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8864TEUK Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8864TEUK
Description  Low-Dropout, 120mA Linear Regulators Miniature External Components
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8864TEUK Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8864TEUK Datasheet HTML 1Page - Maxim Integrated Products MAX8864TEUK Datasheet HTML 2Page - Maxim Integrated Products MAX8864TEUK Datasheet HTML 3Page - Maxim Integrated Products MAX8864TEUK Datasheet HTML 4Page - Maxim Integrated Products MAX8864TEUK Datasheet HTML 5Page - Maxim Integrated Products MAX8864TEUK Datasheet HTML 6Page - Maxim Integrated Products MAX8864TEUK Datasheet HTML 7Page - Maxim Integrated Products MAX8864TEUK Datasheet HTML 8Page - Maxim Integrated Products MAX8864TEUK Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Low-Dropout, 120mA Linear Regulators
4
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(VIN = +3.6V, CIN = 1µF, COUT = 1µF, MAX886_T, TA = +25°C, unless otherwise noted.)
110
FREQUENCY (kHz)
70
60
50
40
30
20
10
0
100
1000
0.1
0.01
VOUT = 3.15V
RL = 100W
COUT = 10
µF
COUT = 1
µF
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
10
0.01
0.1
10
100
1
1000
OUTPUT SPECTRAL NOISE DENSITY
vs. FREQUENCY
0.10
FREQUENCY (kHz)
1
RL = 50
COUT = 1
µF
COUT = 100
µF
1000
0.01
050 60 70
80
90
10 20 30 40
100
REGION OF STABLE COUT ESR
vs. LOAD CURRENT
0.1
LOAD CURRENT (mA)
1
10
100
INTERNAL FEEDBACK
STABLE REGION
COUT = 1
µF
EXTERNAL FEEDBACK
0
20
40
60
80
100
120
140
0
20
60
100
DROPOUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
40
80
10
30
70
50
90
TA = +85
°C
TA = +25
°C
TA = -40
°C
ILOAD = 50mA, VOUT IS AC COUPLED
OUTPUT NOISE DC TO 1MHz
VOUT
1ms/div
0
10
20
30
40
50
60
70
80
90
01
2
4
6
SUPPLY CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
35
ILOAD = 0mA
ILOAD = 50mA
3.00
3.05
3.10
3.15
3.20
3.25
3.30
020
-20
60
100
OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
40
-40
80
ILOAD = 50mA
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
20
0
-20
-40
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
ILOAD = 50mA


Similar Part No. - MAX8864TEUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8864TEUK+T MAXIM-MAX8864TEUK+T Datasheet
469Kb / 10P
   Low-Dropout, 120mA Linear Regulators
Rev 4; 7/12
MAX8864TEUK-T MAXIM-MAX8864TEUK-T Datasheet
126Kb / 8P
   Low-Dropout, 120mA Linear Regulators
More results

Similar Description - MAX8864TEUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
MAX8863T MAXIM-MAX8863T Datasheet
126Kb / 8P
   Low-Dropout, 120mA Linear Regulators
MAX8873T MAXIM-MAX8873T Datasheet
115Kb / 8P
   Low-Dropout, 120mA Linear Regulators
MAX8863 MAXIM-MAX8863 Datasheet
469Kb / 10P
   Low-Dropout, 120mA Linear Regulators
Rev 4; 7/12
MAX8510 MAXIM-MAX8510_06 Datasheet
403Kb / 11P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 3; 5/06
MAX8510EXK18-T MAXIM-MAX8510EXK18-T Datasheet
449Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
MAX9789AEVKIT MAXIM-MAX9789AEVKIT Datasheet
289Kb / 8P
   Integrated 120mA Low-Dropout Linear Regulator
Rev 1; 11/06
MAX8510 MAXIM-MAX8510 Datasheet
377Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
MAX1982 MAXIM-MAX1982_08 Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
MAX1983EUT MAXIM-MAX1983EUT Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com