Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8855ETJ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8855ETJ
Description  Dual, 5A, 2MHz Step-Down Regulators Integrated Boost Diodes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8855ETJ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8855ETJ Datasheet HTML 1Page - Maxim Integrated Products MAX8855ETJ Datasheet HTML 2Page - Maxim Integrated Products MAX8855ETJ Datasheet HTML 3Page - Maxim Integrated Products MAX8855ETJ Datasheet HTML 4Page - Maxim Integrated Products MAX8855ETJ Datasheet HTML 5Page - Maxim Integrated Products MAX8855ETJ Datasheet HTML 6Page - Maxim Integrated Products MAX8855ETJ Datasheet HTML 7Page - Maxim Integrated Products MAX8855ETJ Datasheet HTML 8Page - Maxim Integrated Products MAX8855ETJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Dual, 5A, 2MHz Step-Down Regulators
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN_ = VVDD = VVDL = 3.3V, VFB_ = 0.5V, VSS_ = VREFIN = 600mV, PGND_ = GND, RFSYNC = 10kΩ, L = 0.47µH, CBST_ = 0.1µF,
CSS_ = 0.022µF, PWRGD_ not connected; TA = -40°C to +85°C, typical values are at TA = +25°C, unless otherwise noted.) (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
EN1, EN2
EN_ Logic-Low
0.7
V
EN_ Logic-High
1.7
V
TA = +25
°C-1
+1
EN_ Input Current
VEN_ = 0 or 3.6V,
VVDD = 3.6V
TA = +85
°C
0.01
µA
SS1, SS2
SS_ Charging Current
VSS_ = 300mV
5
8
11
µA
REFIN, SS2
Discharge Resistance
In shutdown or a fault condition
335
THERMAL SHUTDOWN
Thermal-Shutdown Threshold
(Independent Channels)
+165
°C
Thermal-Shutdown Hysteresis
20
°C
Note 2: All devices 100% production tested at TA = +25°C. Limits over temperature are guaranteed by design.
Note 3: VVDD must equal VVDL and be equal to or greater than VIN_.
EFFICIENCY
vs. LOAD CURRENT WITH 3.3V INPUT
LOAD CURRENT (mA)
1000
10
20
30
40
50
60
70
80
90
100
0
100
10,000
VOUT_ = 2.5V
VOUT_ = 1.2V
VOUT_ = 1.8V
EFFICIENCY
vs. LOAD CURRENT WITH 2.5V INPUT
LOAD CURRENT (mA)
1000
10
20
30
40
50
60
70
80
90
100
0
100
10,000
VOUT_ = 1.2V
VOUT_ = 1.8V
SWITCHING FREQUENCY vs. RFSYNC
RFSYNC (k
Ω)
12
600
800
1000
1200
1400
1600
1800
2000
2200
2400
400
36
9
15
18
21
Typical Operating Characteristics
(VIN1 = VIN2 = 3.3V, MAX8855/MAX8855A, circuit of Figure 6, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX8855ETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8855ETJ++ MAXIM-MAX8855ETJ+ Datasheet
337Kb / 21P
   Dual, 5A, 2MHz Step-Down Regulator
Rev 0; 8/07
MAX8855ETJ++ MAXIM-MAX8855ETJ+ Datasheet
636Kb / 20P
   Dual, 5A, 2MHz Step-Down Regulator
Rev 2; 4/09
More results

Similar Description - MAX8855ETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8855 MAXIM-MAX8855_09 Datasheet
636Kb / 20P
   Dual, 5A, 2MHz Step-Down Regulator
Rev 2; 4/09
MAX8855 MAXIM-MAX8855 Datasheet
337Kb / 21P
   Dual, 5A, 2MHz Step-Down Regulator
Rev 0; 8/07
logo
Richtek Technology Corp...
RT8072 RICHTEK-RT8072 Datasheet
292Kb / 16P
   5A, 2MHz, High Efficiency Synchronous Step-Down Converter
logo
Maxim Integrated Produc...
MAX8833 MAXIM-MAX8833 Datasheet
335Kb / 21P
   Dual, 3A, 2MHz Step-Down Regulator
Rev 0; 8/07
MAX8833 MAXIM-MAX8833_09 Datasheet
360Kb / 20P
   Dual, 3A, 2MHz Step-Down Regulator
Rev 2; 4/09
MAX15039 MAXIM-MAX15039 Datasheet
441Kb / 18P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX8643 MAXIM-MAX8643 Datasheet
300Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 3/07
MAX8646 MAXIM-MAX8646 Datasheet
363Kb / 16P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/07
MAX8643A MAXIM-MAX8643A Datasheet
303Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 3/07
MAX8643A_0709 MAXIM-MAX8643A_0709 Datasheet
321Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 9/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com