Electronic Components Datasheet Search |
|
GS18A15-P1J Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd. |
|
GS18A15-P1J Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd. |
1 / 2 page SPECIFICATION ORDERNO. SAFETY MODEL NO. DCVOLTAGE Note.2 RATEDCURRENT CURRENTRANGE RATEDPOWER (max.) RIPPLE&NOISE(max.) Note.3 OUTPUT SETUP,RISE,HOLDUP TIME VOLTAGERANGE FREQUENCY RANGE EFFICIENCY (Typ.) ACCURRENT INPUT ENVIRONMENT INRUSHCURRENT(max.) LEAKAGECURRENT(max.) SAFETY STANDARDS SAFETY & EMC (Note.7) WORKINGTEMP. WORKINGHUMIDITY STORAGETEMP.,HUMIDITY TEMP.COEFFICIENT VIBRATION MTBF DIMENSION OTHERS NOTE PACKING PROTECTION 5V 7.5V 9V 12V 15V 18V 24V 28V 48V GS18A05 GS18A05-P1J GS18A09-P1J GS18A15-P1J GS18A24-P1J GS18A48-P1J GS18A07-P1J GS18A12-P1J GS18A18-P1J GS18A28-P1J GS18A07 GS18A09 GS18A12 GS18A15 GS18A18 GS18A24 GS18A28 GS18A48 3.0A 2.0A 2.0A 1.50A 1.20A 1.0A 0.75A 0.64A 0.375A 0~3.0A 0~2.0A 0~2.0A 0~1.20A 0~1.0A 50mVp-p 80mVp-p 80mVp-p 80mVp-p 100mVp-p 150mVp-p 180mVp-p 240mVp-p 240mVp-p VOLTAGETOLERANCE Note.4 LINEREGULATION Note.5 LOADREGULATION Note.6 5.0% 5.0% 5.0% 3.0% 3.0% 3.0% 2.0% 2.0% 2.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 5.0% 5.0% 5.0% 3.0% 3.0% 3.0% 2.0% 2.0% 2.0% 500ms,20ms,50ms/230VAC500ms,20ms,15ms/115VACatfullload 90~264VAC135~370VDC 47~63Hz 79.5% 82% 83% 85% 85% 85% 86% 86.5% 87% 0.5A /100VAC 45A /230VAC 0.75mA /240VAC UL60950-1,CSA C22.2, TUVEN60950-1,BSMICNS14336,PSEJ60950-1(5~28Vonly),CCCGB4943approved WITHSTANDVOLTAGE ISOLATIONRESISTANCE I/P-O/P: ,I/P-FG:2121VDC 4242VDC I/P-O/P,I/P-FG:100MOhms/500VDC /25 /70%RH 500Khrsmin.MIL-HDBK-217F(25 ) 0~+50 (Referto"DeratingCurve") 20%~90%RHnon-condensing -20~+85 ,10~95%RH 0.03%/ (0~50 ) 10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes 93*54*36mm(L*W*H) 230g;60pcs/15kg/CARTON CONNECTOR PLUG CABLE Seepage2 Seepage2 15W 15W 18W 18W 0~1.50A 18W 18W 18W 0~0.75A 18W 0~0.64A 18W 0~0.375A 1.All parameters are specified at 230VAC input, rated load, 25 70% RH ambient. 2.DC voltage: The output voltage set at point measure by plug terminal & 50% load. 3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor. 4.Tolerance: includes set up tolerance, line regulation, load regulation. 5.Line regulation is measured from low line to high line at rated load. 6.Load regulation is measured from 20% to 100% rated load 7.The power supply is considered as an independent unit, but the final equipment still need to re-confirm that the whole system complies with the EMC directives. 15~18W AC-DCSingleOutputDesktop G S 1 8 A series Features : CompliancetoEN55022 ,FCCPART 15/CISPR22classB,CNS13438classB EN61000-3-2,3 , ,GB9254 CompliancetoEN61000-4-2,3,4,5,6,8,11,lightindustrylevel,criteria A OVERLOAD OVERVOLTAGE 110~150% ratedoutputpower Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved 105~135%ratedoutputvoltage Protectiontype:Clampbyzenerdiode,outputshort Universal AC input / Full range No load power consumption<0.3W ErP step2 compliant Meet EISA 2007 (Energy Independence and Security Act) 3 pole AC inlet IEC320-C14 Class power (with earth pin) Protections: Short circuit / Overload / Over voltage Fully enclosed plastic case LED indicator for power on Approvals: UL / CUL / TUV / BSMI / CCC / PSE / CB / FCC / CE Pass LPS 2 years warranty (for 5V~28V only) EMCIMMUNITY EMCEMISSION FileName:GS18A-SPEC 2011-06-14 |
Similar Part No. - GS18A15-P1J |
|
Similar Description - GS18A15-P1J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |