Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8795AGCJ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8795AGCJ
Description  TFT-LCD DC-DC Converter with Operational Amplifiers 2.5V to 5.5V Input Supply Range
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8795AGCJ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8795AGCJ Datasheet HTML 3Page - Maxim Integrated Products MAX8795AGCJ Datasheet HTML 4Page - Maxim Integrated Products MAX8795AGCJ Datasheet HTML 5Page - Maxim Integrated Products MAX8795AGCJ Datasheet HTML 6Page - Maxim Integrated Products MAX8795AGCJ Datasheet HTML 7Page - Maxim Integrated Products MAX8795AGCJ Datasheet HTML 8Page - Maxim Integrated Products MAX8795AGCJ Datasheet HTML 9Page - Maxim Integrated Products MAX8795AGCJ Datasheet HTML 10Page - Maxim Integrated Products MAX8795AGCJ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TFT-LCD DC-DC Converter with
Operational Amplifiers
_______________________________________________________________________________________
7
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 3V, VMAIN = VSUP = 14V, VPGND = VAGND = VBGND = 0V, IREF = 25µA, TA = 0°C to +105°C. Typical values are at TA = +25°C,
unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAIN STEP-UP REGULATOR
Output Voltage Range
VMAIN
VIN
18
V
Operating Frequency
fOSC
1000
1200
1400
kHz
Oscillator Maximum Duty Cycle
86
90
93
%
TA = +25°C to +105°C
1.221
1.233
1.245
FB Regulation Voltage
VFB
No load
TA = 0°C to +105°C
1.212
1.233
1.248
V
FB Fault Trip Level
VFB falling
1.10
1.14
1.17
V
FB Load Regulation
0
< IMAIN < full load, transient only
-1
FB Line Regulation
VIN = 2.5V to 6V
0.1
±0.4
%/V
FB Input Bias Current
VFB = 1.233V
+100
+200
nA
FB Transconductance
∆ICOMP = ±2.5µA
75
160
280
µS
FB Voltage Gain
From FB to COMP
700
V/V
LX On-Resistance
RLX(ON)
ILX = 200mA
160
300
m
LX Leakage Current
ILX
VLX = 19V
10
20
µA
LX Current Limit
ILIM
VFB = 1.2V, duty cycle = 75%
2.5
3.0
3.5
A
Current-Sense Transresistance
0.1
0.2
0.3
V/A
Soft-Start Period
tSS
14
ms
Soft-Start Step Size
VREF /
128
V
OPERATIONAL AMPLIFIERS
SUP Supply Range
VSUP
6.0
18.0
SUP Overvoltage Fault Threshold
18.0
19
19.9
V
SUP Supply Current
ISUP
Buffer configuration, VPOS_ = VSUP / 2,
no load
3.5
5.0
mA
Input Offset Voltage
VOS
(VNEG_, VPOS_, VOUT_)
≅ VSUP / 2
0
12
mV
Input Bias Current
IBIAS
(VNEG_, VPOS_, VOUT_)
≅ VSUP / 2
-50
0
+50
nA
Input Common-Mode Voltage
Range
VCM
0VSUP
V
Common-Mode Rejection Ratio
CMRR
0
≤ (VNEG_, VPOS_) ≤ VSUP
45
80
dB
Open-Loop Gain
125
dB
Output Voltage Swing, High
VOH
IOUT_ = 5mA
VSUP -
100
VSUP -
50
mV
Output Voltage Swing, Low
VOL
IOUT_ = -5mA
50
100
mV
Short-Circuit Current
To VSUP / 2, source or sink
75
130
mA
Power-Supply Rejection Ratio
PSRR
DC, 6V
≤ VSUP ≤ 18V,
(VNEG_, VPOS_)
≅ VSUP / 2
60
dB
Slew Rate
45
V/µs
-3dB Bandwidth
RL = 10k
Ω, CL = 10pF, buffer configuration
20
MHz


Similar Part No. - MAX8795AGCJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8795AGCJ MAXIM-MAX8795AGCJ Datasheet
819Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers 0.6mA Quiescent Current
Rev 3; 3/11
MAX8795AGCJ MAXIM-MAX8795AGCJ Datasheet
646Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
MAX8795AGCJ++ MAXIM-MAX8795AGCJ+ Datasheet
480Kb / 30P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
MAX8795AGCJ++ MAXIM-MAX8795AGCJ+ Datasheet
646Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
MAX8795AGCJ/V++ MAXIM-MAX8795AGCJ/V+ Datasheet
646Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
More results

Similar Description - MAX8795AGCJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1542 MAXIM-MAX1542 Datasheet
506Kb / 20P
   TFT LCD DC-to-DC Converter with Operational Amplifiers
19-2741; Rev 0; 4/03
MAX8795A MAXIM-MAX8795A Datasheet
480Kb / 30P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
MAX8795A MAXIM-MAX8795A_12 Datasheet
646Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
MAX1518B MAXIM-MAX1518B Datasheet
1Mb / 25P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 0; 10/05
MAX8739 MAXIM-MAX8739 Datasheet
835Kb / 19P
   TFT, LCD, DC-DC Converter with Operational Amplifiers
Rev 0; 1/06
MAX8795A MAXIM-MAX8795A Datasheet
646Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
logo
Global Mixed-mode Techn...
G5519 GMT-G5519 Datasheet
633Kb / 1P
   TFT-LCD DC/DC Converter with Operational Amplifiers
logo
Maxim Integrated Produc...
MAX1516 MAXIM-MAX1516 Datasheet
919Kb / 26P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 0; 4/04
MAX1516A MAXIM-MAX1516A Datasheet
1Mb / 29P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 1; 10/14
logo
E-CMOS Corporation
EC9219 E-CMOS-EC9219 Datasheet
381Kb / 14P
   TFT- LCD DC-DC Converters with Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com