Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTC3730F Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC3730F
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3730F Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC3730F Datasheet HTML 1Page - KEC(Korea Electronics) KTC3730F Datasheet HTML 2Page - KEC(Korea Electronics) KTC3730F Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2005. 4. 7
2/3
KTC3730F
Revision No : 0
COLLECTOR CURRENT I
(mA)
h
- I
FE
C
COLLECTOR CURRENT I
(mA)
C
C
V
=10V
300
100
50
30
10
500
CE
V
=10V
CE
Ta=25
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
TYPICAL CHARACTERISTICS (Ta=25 C)
50
100
150
0
100
200
300
0.1
COLLECTOR-BASE VOLTAGE V
(V)
CB
C
, C
- V
ob
re
CB
0.3 0.5
1
3
5
30 50
10
0.1
0.3 0.5
1
3
5
30 50
10
f=1MHz
Cob
Cre
0.1
0.3
0.5
1
3
5
0.5
S
- I
2le
C
2
13
5
10
30
50
f=500MHz
0
5
10
15
FREQUENCY f (GHz)
V
=10V
CE
I =10mA
C
0.1
S
- f
2le
2
0.3
0.5
1
3
0
10
20
30
5
15
25
COLLECTOR CURRENT I
(mA)
V
- I
CE(sat)
C
C
300
100
50
30
10
500
I /I =10
CB
I /I =2
CB
0.1
0.3 0.5
1
3
5
30 50
10


Similar Part No. - KTC3730F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3730U KEC-KTC3730U Datasheet
21Kb / 1P
   USM PACKAGE
KTC3730V KEC-KTC3730V Datasheet
422Kb / 1P
   VSM PACKAGE
KTC3730V KEC-KTC3730V_15 Datasheet
80Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

Similar Description - KTC3730F

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com