Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8654ETX Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX8654ETX
Description  12V, 8A 1.2MHz Step-Down Regulator Operates from 4.5V to 14V Supply
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8654ETX Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX8654ETX Datasheet HTML 6Page - Maxim Integrated Products MAX8654ETX Datasheet HTML 7Page - Maxim Integrated Products MAX8654ETX Datasheet HTML 8Page - Maxim Integrated Products MAX8654ETX Datasheet HTML 9Page - Maxim Integrated Products MAX8654ETX Datasheet HTML 10Page - Maxim Integrated Products MAX8654ETX Datasheet HTML 11Page - Maxim Integrated Products MAX8654ETX Datasheet HTML 12Page - Maxim Integrated Products MAX8654ETX Datasheet HTML 13Page - Maxim Integrated Products MAX8654ETX Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
12V, 8A 1.2MHz
Step-Down Regulator
10
______________________________________________________________________________________
Detailed Description
The MAX8654 high-efficiency, voltage-mode switching
regulator is capable of delivering up to 8A of output
current. The MAX8654 provides output voltages from
0.6V to 0.85 x VIN from 4.5V to 14V input supplies, mak-
ing them ideal for on-board point-of-load applications.
The output voltage accuracy is better than ±1% over
temperature.
The MAX8654 allows for all ceramic-capacitor designs
and faster transient responses. The device is available in
a 6mm x 6mm 36-pin TQFN-EP package. The SYNCOUT
function allows end users to operate two MAX8654s at
the same switching frequency with 180° out-of-phase
operation to minimize the input ripple current, conse-
quently reducing the input capacitance requirements.
The REFIN function makes the MAX8654 an ideal candi-
date for DDR and tracking power supplies. Using inter-
nal low RDS(ON) n-channel MOSFETs for both high- and
low-side switches maintains high efficiency at both heavy
load and high switching frequencies.
The MAX8654 uses voltage-mode control architecture
with a high-bandwidth (20MHz) error amplifier. The volt-
age-mode control architecture allows up to 1.2MHz
switching, reducing board area. The op-amp voltage
error amplifier works with type 3 compensation to fully
utilize the bandwidth of the high-frequency switching to
obtain fast transient response. Adjustable soft-start time
provides flexibility to minimize input startup inrush cur-
rent. The open-drain power-good (PWRGD) output
goes high impedance when the output reaches 90% of
its regulation point.
MAX8654
IN
VP
0.1
µF
3.57k
1
µF
2.2
µF
100k
75k
10
µF
1.0
µH
0.22
µF
2 x 22
µF
1nF
BST
VDL
INPUT
4.5V TO 14V
LX
EN
PGND
COMP
FB
SYNC
SYNCOUT
PWRGD
GND
VL
VL
ILIM
REFIN
SS
FREQ
10
µF
0.022
µF
IN
10nF
22pF
4.99k
100
20k
1.1k
VL
OUTPUT
3.3V, 8A
Figure 1. Typical Application Circuit, 3.3V, 8A, 500kHz


Similar Part No. - MAX8654ETX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8654ETX MAXIM-MAX8654ETX Datasheet
484Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator
Rev 0; 8/06
MAX8654ETX++ MAXIM-MAX8654ETX+ Datasheet
246Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator
Rev 2; 7/09
More results

Similar Description - MAX8654ETX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8654EVKIT MAXIM-MAX8654EVKIT Datasheet
699Kb / 13P
   Operates from 4.5V to 14V Supply
Rev 1; 10/08
MAX8654 MAXIM-MAX8654_09 Datasheet
246Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator
Rev 2; 7/09
MAX8654 MAXIM-MAX8654 Datasheet
484Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator
Rev 0; 8/06
MAX17501GTEVKIT MAXIM-MAX17501GTEVKIT Datasheet
1Mb / 8P
   Operates from a 14V to 60V Input Supply
Rev 0; 11/12
MAX17761EVKITA MAXIM-MAX17761EVKITA Datasheet
843Kb / 8P
   Operates from a 4.5V to 76V Input Supply
Rev 0; 9/17
MAX17501HTEVKIT MAXIM-MAX17501HTEVKIT Datasheet
1Mb / 9P
   Operates from a 4.5V to 60V Input Supply
Rev 0; 10/12
MAX14870EVKIT MAXIM-MAX14870EVKIT Datasheet
414Kb / 7P
   Operates from a Wide 4.5V to 36V Supply
Rev 2; 10/19
MAX17502ETEVKIT MAXIM-MAX17502ETEVKIT Datasheet
562Kb / 8P
   Operates from a 4.5V to 60V Input Supply
Rev 2; 11/17
MAX14871EVKIT MAXIM-MAX14871EVKIT Datasheet
3Mb / 16P
   Operates From a Wide 4.5V to 36V Supply
Rev 0; 6/15
MAX14874EVKIT MAXIM-MAX14874EVKIT Datasheet
700Kb / 7P
   Operates from a Wide 4.5V to 36V Supply
Rev 0; 6/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com