Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8649AEWE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8649AEWE
Description  1.8A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8649AEWE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8649AEWE Datasheet HTML 1Page - Maxim Integrated Products MAX8649AEWE Datasheet HTML 2Page - Maxim Integrated Products MAX8649AEWE Datasheet HTML 3Page - Maxim Integrated Products MAX8649AEWE Datasheet HTML 4Page - Maxim Integrated Products MAX8649AEWE Datasheet HTML 5Page - Maxim Integrated Products MAX8649AEWE Datasheet HTML 6Page - Maxim Integrated Products MAX8649AEWE Datasheet HTML 7Page - Maxim Integrated Products MAX8649AEWE Datasheet HTML 8Page - Maxim Integrated Products MAX8649AEWE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
General Description
The MAX8649/MAX8649A high-efficiency DC-to-DC step-
down switching regulators deliver up to 1.8A of output cur-
rent. The device operates from a 2.5V to 5.5V input
voltage range, making it future proof for next-generation
battery technologies. The output voltage is I2C program-
mable from 0.75V to 1.38V. Remote sense ensures pre-
cise DC regulation at the load. Total output error is less
than 2% over load, line, and temperature.
The ICs operate at a 3.25MHz fixed frequency. The high
operating frequency minimizes the size of external com-
ponents. The switching frequency of the converter can be
synchronized to the master clock of the application. When
synchronizing to an external clock, the ICs measure the
frequency of the external clock to ensure that the clock is
stable before changing the switching frequency to the
external clock frequency.
An on-board DAC allows adjustment of the output volt-
age in 10mV steps. The output voltage can be pro-
grammed directly through the I2C interface, or by
preloading a set of on-board registers and using the
two VID logic signals to select the appropriate register.
Other features include internal soft-start control circuitry
to reduce inrush current, output overvoltage, overcur-
rent, and overtemperature protection.
The ICs feature different I2C addresses so that devices
may be used in a system. For a 2.5A version of this
device, refer to the MAX8952 data sheet.
Applications
Cell Phones and Smartphones
PDAs and MP3 Players
Features
o 1.8A Guaranteed Output Current
o I2C Programmable VOUT (750mV to 1.38V in 10mV
Steps)
o Operates from 2.5V to 5.5V Input Supply
o On-Chip FET and Synchronous Rectifier
o Fixed 3.25MHz PWM Switching Frequency
o Synchronizes to 13MHz, 19.2MHz, or 26MHz
System Clock when Available
o Small 1.0µH Inductor
o Initial Accuracy 0.5% at 1.25V Output
o 2% Output Accuracy Over Load, Line, and
Temperature
o Power-Save Mode Increases Light Load Efficiency
o Overvoltage and Overcurrent Protection
o Thermal Shutdown Protection
o 400kHz I2C Interface
o < 1µA Shutdown Current
o 16-Bump, 2mm x 2mm WLP Package
1.8A Step-Down Regulator with
Remote Sense in 2mm x 2mm WLP
________________________________________________________________
Maxim Integrated Products
1
19-4504; Rev 4; 6/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Ordering Information
PART
PIN-PACKAGE
I2C ADDRESS
(WRITE/READ)
MAX8649EWE+T
16 WLP (0.5mm pitch)
0xC0/0xC1
MAX8649AEWE+T 16 WLP (0.5mm pitch)
0xC4/0xC5
+
Denotes a lead(Pb)-free/RoHS-compliant package.
Note: All devices operate over the -40°C to +85°C temperature
range.
Bump Configuration
+
WLP 0.5mm PITCH
B2
B4
C4
B3
B1
A4
A3
A2
A1
D4
C1
D1
C3
C2
D3
D2
IN1
AGND
IN2
EN
LX
LX
SNS-
VID0
PGND
PGND
VDD
SDA
SCL
SYNC
VID1
SNS+
TOP VIEW
(BUMPS ON BOTTOM)
Typical Operating Circuit
2.5V TO
5.5V
VOUT
(0.75V TO
1.38V)
LX
IN2
VDD
SCL
1.8V TO
3.6V
2.5V TO
5.5V
11
Ω
0.1
μF
10
μF
0.1
μF
10
μF
0.1
μF
SDA
IN1
FSYNC
PGND
SNS+
SNS-
EN
VID0
VID1
AGND
MAX8649
MAX8649A
1
μH
CPU
0.1
μF
2.2
μF


Similar Part No. - MAX8649AEWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8649 MAXIM-MAX8649 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 0; 9/09
MAX8649 MAXIM-MAX8649 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 1; 2/10
MAX8649EWE+T MAXIM-MAX8649EWE+T Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 0; 9/09
MAX8649EWE+T MAXIM-MAX8649EWE+T Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 1; 2/10
MAX8649 MAXIM-MAX8649_10 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 1; 2/10
More results

Similar Description - MAX8649AEWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8649 MAXIM-MAX8649 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 0; 9/09
MAX8649 MAXIM-MAX8649_10 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 1; 2/10
MAX8952 MAXIM-MAX8952 Datasheet
1Mb / 31P
   2.5A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 1; 6/11
logo
Monolithic Power System...
EV2360DG-00B MPS-EV2360DG-00B Datasheet
156Kb / 4P
   1.8A, 24V, 1.4MHz Step-Down Converter in 2mm x 2mm QFN8 Evaluation Board
logo
Maxim Integrated Produc...
MAX8836Z MAXIM-MAX8836Z Datasheet
420Kb / 19P
   1.2A PWM Step-Down Converter in 2mm x 2mm WLP/UCSP for PA Power
19-4059; Rev 1; 9/08
MAX8805Y MAXIM-MAX8805Y Datasheet
468Kb / 21P
   600mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 0; 4/07
MAX8805W MAXIM-MAX8805W Datasheet
562Kb / 22P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 1; 10/07
MAX8805 MAXIM-MAX8805 Datasheet
881Kb / 24P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
19-0777; Rev 5; 2/10
MAX15040 MAXIM-MAX15040 Datasheet
323Kb / 15P
   High-Efficiency, 4A, Step-Down Regulator with Integrated Switches in 2mm x 2mm Package
19-4426; Rev 2; 7/10
logo
Analog Devices
LTC3302 AD-LTC3302 Datasheet
2Mb / 20P
   5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com