Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YA852C12R Datasheet(PDF) 3 Page - Fuji Electric

Part # YA852C12R
Description  Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

YA852C12R Datasheet(HTML) 3 Page - Fuji Electric

  YA852C12R Datasheet HTML 1Page - Fuji Electric YA852C12R Datasheet HTML 2Page - Fuji Electric YA852C12R Datasheet HTML 3Page - Fuji Electric YA852C12R Datasheet HTML 4Page - Fuji Electric YA852C12R Datasheet HTML 5Page - Fuji Electric YA852C12R Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2
3
YA852C12R
http://www.fujisemi.com
FUJI Diode
6
4
2
0
0
2
4
6
8
Per 1element
DC
Square wave λ=180°
Sine wave λ=180°
Square wave λ=120°
Square wave λ=60°
Forward Power Dissipation
(max.)
Io
Average Output Current
(A)
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
Reverse Power Dissipation
(max.)
α=180°
DC
VR
Reverse Voltage
(V)
λ
360°
I0
α
360°
VR
0.1
1
10
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Tj=150℃
Tj=125℃
Tj=100℃
Tj=25℃
Forward Characteristic
(typ.)
VF
Forward Voltage (V)
0
10
20
30
40
50
60
70
80
90
100 110 120 130 140
10
-1
10
0
10
1
10
2
10
3
10
4
Reverse Characteristic
(typ.)
Tj= 25℃
Tj=100℃
Tj=125℃
Tj=150℃
VR
Reverse Voltage
(V)


Similar Part No. - YA852C12R

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
YA852C15R FUJI-YA852C15R Datasheet
723Kb / 6P
   Schottky Barrier Diode
More results

Similar Description - YA852C12R

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com