Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTB1423 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTB1423
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTB1423 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTB1423_07 Datasheet HTML 1Page - KEC(Korea Electronics) KTB1423_07 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2007. 5. 21
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTB1423
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 2
SWITCHING APPLICATIONS.
HAMMER DRIVER, PULSE MOTOR DRIVER
APPLICATIONS.
FEATURES
High DC Current Gain : hFE=1000(Min.) at VCE=-3V, IC=-3A.
High Collector Breakdown Voltage : VCEO=-120V (Min.)
Complementary to KTD1413.
MAXIMUM RATING (Ta=25
)
DIM
MILLIMETERS
TO-220IS
0.76+0.09/-0.05
A
B
C
D
E
F
G
0.5+0.1/-0.05
H
1.2+0.25/-0.1
1.5+0.25/-0.1
J
K
L
M
N
P
Q
R
1
2
3
L
N
M
D
N
H
E
R
L
S
0.5 Typ
S
D
A
C
2.70 0.3
+
_
12.0 0.3
+
_
13.6 0.5
+
_
3.7 0.2
+
_
Φ3.2 0.2
+
_
10.0 0.3
+
_
15.0 0.3
+
_
3.0 0.3
+
_
4.5 0.2
+
_
2.54 0.1
+
_
+
2.6 0.2
_
6.8 0.1
+
_
1. BASE
2. COLLECTOR
3. EMITTER
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-120
V
Collector-Emitter Voltage
VCEO
-120
V
Emitter-Base Voltage
VEB0
-5
V
Collector Current
DC
IC
-5
A
Pules
ICP
-8
Base Current
IB
-0.12
A
Collector Power Dissipation
(Tc=25
)
PC
30
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-100V, IE=0
-
-
-1
mA
Emitter Cut-off Current
IEBO
VBE=-5V, IC=0
-
-
-2
mA
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-10mA, IB=0
-120
-
-
V
DC Current Gain
hFE(1)
VCE=-3V, IC=-0.5A
1000
-
-
hFE(2)
VCE=-3V, IC=-3A
1000
-
-
Collector-Emitter Saturation Voltage
VCE(sat) 1
IC=-3A, IB=-12mA
-
-
-2
V
VCE(sat) 2
IC=-5A, IB=-20mA
-
-
-4
Base-Emitter Voltage
VBE
VCE=-3V, IC=-3A
-
-
-2.5
V
Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
-
300
pF
C
B
E
R
8k
120
R
1
2
=∼
=∼
EQUIVALENT CIRCUIT


Similar Part No. - KTB1423_07

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTB1423 KEC-KTB1423_15 Datasheet
448Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

Similar Description - KTB1423_07

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com