Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6896PAZ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6896PAZ
Description  Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6896PAZ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6896PAZ Datasheet HTML 1Page - Maxim Integrated Products MAX6896PAZ Datasheet HTML 2Page - Maxim Integrated Products MAX6896PAZ Datasheet HTML 3Page - Maxim Integrated Products MAX6896PAZ Datasheet HTML 4Page - Maxim Integrated Products MAX6896PAZ Datasheet HTML 5Page - Maxim Integrated Products MAX6896PAZ Datasheet HTML 6Page - Maxim Integrated Products MAX6896PAZ Datasheet HTML 7Page - Maxim Integrated Products MAX6896PAZ Datasheet HTML 8Page - Maxim Integrated Products MAX6896PAZ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Ultra-Small, Adjustable
Sequencing/Supervisory Circuits
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 1.5V to 5.5V, TA = -40°C to +125°C, unless otherwise specified. Typical values are at VCC = 3.3V and TA = +25°C, unless
otherwise noted.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, ENABLE, ENABLE, IN....................................-0.3V to +6V
OUT,
OUT (push-pull) ................................-0.3V to (VCC + 0.3V)
OUT,
OUT (open-drain)..........................................-0.3V to +30V
CDELAY......................................................-0.3V to (VCC + 0.3V)
Output Current (all pins) ...................................................±20mA
Continuous Power Dissipation (TA = +70°C)
6-Pin µDFN (derate 2.1mW/°C above +70°C)...........167.7mW
6-Pin Thin SOT23 (derate 9.1mW/°C above +70°C) ...727.3mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY
Operating Voltage Range
VCC
1.5
5.5
V
Undervoltage Lockout (Note 3)
UVLO
VCC falling
1.20
1.35
V
VCC Supply Current
ICC
VCC = 3.3V, no load
10
20
µA
IN
Threshold Voltage
VTH
VIN rising, 1.5V < VCC < 5.5V
0.491
0.5
0.509
V
Hysteresis
VHYST
VIN falling
5
mV
Input Current (Note 4)
IIN
VIN = 0V or VCC
-15
+15
nA
CDELAY
Delay Charge Current
ICD
200
250
300
nA
Delay Threshold
VTCD
CDELAY rising
0.95
1.00
1.05
V
CDELAY Pulldown Resistance
RCDELAY
130
500
ENABLE/
ENABLE
Input Low Voltage
VIL
0.4
V
Input High Voltage
VIH
1.4
V
Input Leakage Current
ILEAK
ENABLE, ENABLE = VCC or GND
-100
+100
nA
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four
layer board. For detailed information on package thermal considerations refer to www.maxim-ic.com/thermal-tutorial.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
µDFN
Junction-to-Ambient Thermal Resistance (
θJA)...............477°C/W
Junction-to-Case Thermal Resistance (
θJC)......................122°C/W
Thin SOT23
Junction-to-Ambient Thermal Resistance (
θJA)................110°C/W
Junction-to-Case Thermal Resistance (
θJC).......................50°C/W


Similar Part No. - MAX6896PAZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6896PAZT MAXIM-MAX6896PAZT Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6896PAZT++ MAXIM-MAX6896PAZT+ Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6896PAZT++ MAXIM-MAX6896PAZT+ Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX6896PAZT++ MAXIM-MAX6896PAZT+ Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6896PAZT++ MAXIM-MAX6896PAZT+ Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
More results

Similar Description - MAX6896PAZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895 MAXIM-MAX6895_09 Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX16052 MAXIM-MAX16052 Datasheet
153Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 1; 10/08
MAX16052 MAXIM-MAX16052_10 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX16041 MAXIM-MAX16041 Datasheet
275Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 0; 8/06
MAX16025 MAXIM-MAX16025 Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
logo
Texas Instruments
TPS3895 TI1-TPS3895 Datasheet
749Kb / 21P
[Old version datasheet]   Single-Channel, Adjustable Supervisory Circuit in Ultra-Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com