Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7034 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX7034
Description  315MHz/434MHz ASK Superheterodyne Receiver 250μs Startup Time
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7034 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7034 Datasheet HTML 1Page - Maxim Integrated Products MAX7034 Datasheet HTML 2Page - Maxim Integrated Products MAX7034 Datasheet HTML 3Page - Maxim Integrated Products MAX7034 Datasheet HTML 4Page - Maxim Integrated Products MAX7034 Datasheet HTML 5Page - Maxim Integrated Products MAX7034 Datasheet HTML 6Page - Maxim Integrated Products MAX7034 Datasheet HTML 7Page - Maxim Integrated Products MAX7034 Datasheet HTML 8Page - Maxim Integrated Products MAX7034 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
315MHz/434MHz ASK Superheterodyne
Receiver
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(
Typical Application Circuit, VDD5 = +4.5V to +5.5V, no RF signal applied. TA = -40°C to +125°C, unless otherwise noted. Typical val-
ues are at VDD5 = +5.0V and TA = +25°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD5 to AGND.......................................................-0.3V to +6.0V
AVDD to AGND .....................................................-0.3V to +4.0V
DVDD to DGND .....................................................-0.3V to +4.0V
AGND to DGND.....................................................-0.1V to +0.1V
IRSEL, DATAOUT, XTALSEL,
SHDN, EN_REG to AGND ....................-0.3V to (VDD5 + 0.3V)
All Other Pins to AGND ..........................-0.3V to (VDVDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
28-Pin TSSOP (derate 12.8mW/°C above +70°C) ..1025.6mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD5
+5.0V nominal supply voltage
4.5
5.0
5.5
V
fRF = 315MHz
6.7
8.2
Supply Current
IDD
VSHDN = VDD5
fRF = 434MHz
7.2
8.7
mA
Shutdown Supply Current
ISHDN
VSHDN = 0V
3
8
µA
Input-Voltage Low
VIL
0.4
V
EN_REG, SHDN
VDD5 -
0.4
Input-Voltage High
VIH
XTALSEL
VDVDD -
0.4
V
Input Logic Current High
IIH
15
µA
fRF = 434MHz, VIRSEL = VDVDD
VDVDD -
0.4
fRF = 375MHz, VIRSEL = VDVDD/2
1.1
VDVDD -
1.5
Image-Reject Select Voltage
(Note 2)
fRF = 315MHz, VIRSEL = 0V
0.4
V
DATAOUT Output-Voltage Low
VOL
ISINK = 10µA
0.125
V
DATAOUT Output-Voltage High
VOH
ISOURCE = 10µA
VDD5 -
0.125
V


Similar Part No. - MAX7034

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7034 MAXIM-MAX7034 Datasheet
207Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 0; 1/08
MAX7034 MAXIM-MAX7034 Datasheet
172Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 1; 3/09
MAX7034 MAXIM-MAX7034 Datasheet
283Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
MAX7034AUI+T MAXIM-MAX7034AUI+T Datasheet
207Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 0; 1/08
MAX7034AUI/V+T MAXIM-MAX7034AUI/V+T Datasheet
172Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 1; 3/09
More results

Similar Description - MAX7034

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7034_1206 MAXIM-MAX7034_1206 Datasheet
283Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
MAX7036 MAXIM-MAX7036_V01 Datasheet
700Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
2016
MAX7034 MAXIM-MAX7034_09 Datasheet
172Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 1; 3/09
MAX7034 MAXIM-MAX7034 Datasheet
207Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 0; 1/08
MAX1471 MAXIM-MAX1471 Datasheet
806Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 0; 4/04
MAX1471 MAXIM-MAX1471_V01 Datasheet
1Mb / 27P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
2017
MAX1471 MAXIM-MAX1471_10 Datasheet
332Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 3; 12/10
MAX1471 MAXIM-MAX1471_05 Datasheet
396Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 1; 3/05
MAX1471 MAXIM-MAX1471_11 Datasheet
328Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 4; 9/11
MAX7033 MAXIM-MAX7033 Datasheet
849Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 1; 7/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com