Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7034 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX7034
Description  315MHz/434MHz ASK Superheterodyne Receiver 250μs Startup Time
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7034 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX7034_11 Datasheet HTML 2Page - Maxim Integrated Products MAX7034_11 Datasheet HTML 3Page - Maxim Integrated Products MAX7034_11 Datasheet HTML 4Page - Maxim Integrated Products MAX7034_11 Datasheet HTML 5Page - Maxim Integrated Products MAX7034_11 Datasheet HTML 6Page - Maxim Integrated Products MAX7034_11 Datasheet HTML 7Page - Maxim Integrated Products MAX7034_11 Datasheet HTML 8Page - Maxim Integrated Products MAX7034_11 Datasheet HTML 9Page - Maxim Integrated Products MAX7034_11 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Pin Description
PIN
NAME
FUNCTION
1
XTAL1
Crystal Input 1
2, 7
AVDD
Positive Analog Supply Voltage. For +5V operation, pin 2 is the output of an on-chip +3.4V low-
dropout regulator, and should be bypassed to AGND with a 0.1µF capacitor as close as possible to
the pin. Pin 7 must be externally connected to the supply from pin 2, and bypassed to AGND with a
0.01µF capacitor as close as possible to the pin (see the Voltage Regulator section and the Typical
Application Circuit).
3
LNAIN
Low-Noise Amplifier Input. See the Low-Noise Amplifier section.
PHASE NOISE
vs. OFFSET FREQUENCY
OFFSET FREQUENCY (Hz)
1M
100k
10k
1k
100
-120
-100
-80
-60
-40
-20
0
-140
10
10M
fRF = 315MHz
PHASE NOISE
vs. OFFSET FREQUENCY
OFFSET FREQUENCY (Hz)
1M
100k
10k
1k
100
-120
-100
-80
-60
-40
-20
0
-140
10
10M
fRF = 433.92MHz
315MHz/434MHz ASK Superheterodyne
Receiver
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(
Typical Application Circuit, VDD5 = +5.0V, fRF = 433.92MHz, TA = +25°C, unless otherwise noted.)
NORMALIZED IF GAIN
vs. IF FREQUENCY
IF FREQUENCY (MHz)
10
-25
-20
-15
-10
-5
0
5
-30
1100
S11 MAGNITUDE PLOT OF RFIN
vs. FREQUENCY
FREQUENCY (MHz)
470
440
380 410
260 290 320 350
230
-40
-30
-20
-10
0
10
20
30
40
50
-50
200
500
315MHz
-24.1dB
S11 SMITH CHART PLOT OF RFIN
MAX7034 toc12
500MHz
200MHz
WITH INPUT
MATCHING
315MHz


Similar Part No. - MAX7034_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7034_1206 MAXIM-MAX7034_1206 Datasheet
283Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
More results

Similar Description - MAX7034_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7034_1206 MAXIM-MAX7034_1206 Datasheet
283Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
MAX7036 MAXIM-MAX7036_V01 Datasheet
700Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
2016
MAX7034 MAXIM-MAX7034_09 Datasheet
172Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 1; 3/09
MAX7034 MAXIM-MAX7034 Datasheet
207Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 0; 1/08
MAX1471 MAXIM-MAX1471 Datasheet
806Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 0; 4/04
MAX1471 MAXIM-MAX1471_V01 Datasheet
1Mb / 27P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
2017
MAX1471 MAXIM-MAX1471_10 Datasheet
332Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 3; 12/10
MAX1471 MAXIM-MAX1471_05 Datasheet
396Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 1; 3/05
MAX1471 MAXIM-MAX1471_11 Datasheet
328Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 4; 9/11
MAX7033 MAXIM-MAX7033 Datasheet
849Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 1; 7/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com