Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6628MTAT Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6628MTAT
Description  Remote 1C Accurate Digital Temperature Remote 짹1째C Accurate Digital Temperature
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6628MTAT Datasheet(HTML) 9 Page - Maxim Integrated Products

  MAX6628MTAT Datasheet HTML 1Page - Maxim Integrated Products MAX6628MTAT Datasheet HTML 2Page - Maxim Integrated Products MAX6628MTAT Datasheet HTML 3Page - Maxim Integrated Products MAX6628MTAT Datasheet HTML 4Page - Maxim Integrated Products MAX6628MTAT Datasheet HTML 5Page - Maxim Integrated Products MAX6628MTAT Datasheet HTML 6Page - Maxim Integrated Products MAX6628MTAT Datasheet HTML 7Page - Maxim Integrated Products MAX6628MTAT Datasheet HTML 8Page - Maxim Integrated Products MAX6628MTAT Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Remote ±1°C Accurate Digital Temperature
Sensors with SPI-Compatible Serial Interface
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 _____________________ 9
© 2011 Maxim Integrated Products
Maxim is a registered trademark of Maxim Integrated Products, Inc.
Revision History
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
0
4/01
Initial release
1
7/01
Removed future status from the MAX6628; changed ICONV from 600μA (max) to
650μA (max) in the Electrical Characteristics table; replaced TOC1 in the Typical
Operating Characteristics section
1, 2, 4
2
4/04
Updated the lead temperature information in the Absolute Maximum Ratings section;
updated the notes for the Electrical Characteristics table
2, 3
3
4/06
Added the TDFN package; updated Table 3; removed transistor count from the Chip
Information section
1, 2, 5, 6, 7,
8, 10
4
8/08
Added missing exposed pad description, updated ordering part numbers, and updated
pin name for pin 7
1–4, 6, 8–11
5
6/11
Corrected the top mark information and SOT23 part number in the Ordering Information
table; added the soldering information to the Absolute Maximum Ratings section; added
the land pattern numbers to the Package Information table
1, 2, 8


Similar Part No. - MAX6628MTAT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6628MTA MAXIM-MAX6628MTA Datasheet
117Kb / 9P
   Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 4; 8/08
MAX6628MTA+T MAXIM-MAX6628MTA+T Datasheet
421Kb / 11P
   Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 3; 4/06
MAX6628MTA+T MAXIM-MAX6628MTA+T Datasheet
1Mb / 10P
   Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
2016
More results

Similar Description - MAX6628MTAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM63 TI1-LM63_14 Datasheet
1Mb / 41P
[Old version datasheet]   Accurate Remote Diode Digital Temperature Sensor
logo
Microchip Technology
MCP9844 MICROCHIP-MCP9844_14 Datasheet
576Kb / 40P
   짹1째C Accurate, 1.8V Digital Temperature Sensor
03/25/14
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627_V01 Datasheet
1Mb / 10P
   Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
2016
MAX6627 MAXIM-MAX6627 Datasheet
151Kb / 9P
   Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 1; 7/01
logo
Microchip Technology
MCP9844 MICROCHIP-MCP9844 Datasheet
903Kb / 44P
   짹1째C Accurate, 1.8V Digital Temperature Sensor
2013
logo
Analog Devices
ADT7301ARTZ-500RL7 AD-ADT7301ARTZ-500RL7 Datasheet
286Kb / 16P
   짹1째C Accurate, 13-Bit, Digital Temperature Sensor
REV. B
ADT7301 AD-ADT7301_15 Datasheet
286Kb / 16P
   1C Accurate, 13-Bit, Digital Temperature Sensor
Rev. B
ADT75 AD-ADT75_15 Datasheet
352Kb / 24P
   1C Accurate, 12-Bit Digital Temperature Sensor
Rev. B
logo
Texas Instruments
LM99 TI-LM99_15 Datasheet
1Mb / 30P
[Old version datasheet]   LM99 짹1째C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
logo
Analog Devices
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com