Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6627 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6627
Description  Remote 1C Accurate Digital Temperature Remote 짹1째C Accurate Digital Temperature
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6627 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6627 Datasheet HTML 1Page - Maxim Integrated Products MAX6627 Datasheet HTML 2Page - Maxim Integrated Products MAX6627 Datasheet HTML 3Page - Maxim Integrated Products MAX6627 Datasheet HTML 4Page - Maxim Integrated Products MAX6627 Datasheet HTML 5Page - Maxim Integrated Products MAX6627 Datasheet HTML 6Page - Maxim Integrated Products MAX6627 Datasheet HTML 7Page - Maxim Integrated Products MAX6627 Datasheet HTML 8Page - Maxim Integrated Products MAX6627 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Remote ±1°C Accurate Digital Temperature
Sensors with SPI-Compatible Serial Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
VCC ...........................................................................-0.3V to +6V
SDO, SCK, DXP, CS ...................................-0.3V to (VCC + 0.3V)
DXN .......................................................................-0.3V to +0.8V
SDO Pin Current Range ......................................-1mA to +50mA
Current Into All Other Pins ..................................................10mA
ESD Protection (Human Body Model) .............................±2000V
Continuous Power Dissipation (TA = +70°C)
SOT23 (derate 9.7mW/°C above +70°C) .....................777mW
TDFN (derate 18.5mW/°C above +70°C)................1481.5mW
Operating Temperature Range .........................-55°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
ELECTRICAL CHARACTERISTICS
(3.0V
≤ VCC ≤ 5.5V, -55°C ≤ TA ≤ +125°C, unless otherwise noted. Typical values are at TA = +25°C, VCC = +3.3V, unless otherwise
noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TEMPERATURE
0°C
≤ TRJ ≤ +125°C, TA = +30°C,
VCC = +3.3V
-1.0
±0.5
±1
-55°C
≤ TRJ ≤ +100°C, 0°C ≤ TA ≤ +70°C,
VCC = +3.3V
-2.4
+2.4
-55°C
≤ TRJ ≤ +145°C, 0°C ≤ TA ≤ +70°C,
VCC = +3.3V
-4.5
+4.5
Accuracy (Note 1)
-55°C
≤ TRJ ≤ +125°C, -55°C ≤ TA ≤ +125°C,
VCC = +3.3V
-5.5
+5.5
°C
Power-Supply Sensitivity
0.25
0.7
°C/V
Resolution
0.0625
°C
MAX6627
0.5
Time Between Conversion Starts
tSAMPLE
MAX6628
8
s
Conversion Time
tCONV
180
250
320
ms
POWER SUPPLY
Supply Voltage Range
VCC
3.0
5.5
V
ISDO
Shutdown, VCC = +0.8V
5
IIDLE
ADC idle, CS = low
20
Supply Current, SCK Idle
ICONV
ADC converting
360
600
µA
MAX6627
200
400
Average Operating Current
ICC
MAX6628
30
50
µA
Power-On Reset (POR)
Threshold
VCC, falling edge
1.6
V
High level
80
100
120
Current Sourcing for Diode
Low level
8
10
12
µA


Similar Part No. - MAX6627

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627 Datasheet
151Kb / 9P
   Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 1; 7/01
MAX6627 MAXIM-MAX6627 Datasheet
421Kb / 11P
   Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 3; 4/06
MAX6627 MAXIM-MAX6627 Datasheet
117Kb / 9P
   Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 4; 8/08
MAX6627MKA MAXIM-MAX6627MKA Datasheet
117Kb / 9P
   Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 4; 8/08
MAX6627MKA#TG16 MAXIM-MAX6627MKA#TG16 Datasheet
1Mb / 10P
   Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
2016
More results

Similar Description - MAX6627

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM63 TI1-LM63_14 Datasheet
1Mb / 41P
[Old version datasheet]   Accurate Remote Diode Digital Temperature Sensor
logo
Microchip Technology
MCP9844 MICROCHIP-MCP9844_14 Datasheet
576Kb / 40P
   짹1째C Accurate, 1.8V Digital Temperature Sensor
03/25/14
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627_V01 Datasheet
1Mb / 10P
   Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
2016
MAX6627 MAXIM-MAX6627 Datasheet
151Kb / 9P
   Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 1; 7/01
logo
Microchip Technology
MCP9844 MICROCHIP-MCP9844 Datasheet
903Kb / 44P
   짹1째C Accurate, 1.8V Digital Temperature Sensor
2013
logo
Analog Devices
ADT7301ARTZ-500RL7 AD-ADT7301ARTZ-500RL7 Datasheet
286Kb / 16P
   짹1째C Accurate, 13-Bit, Digital Temperature Sensor
REV. B
ADT7301 AD-ADT7301_15 Datasheet
286Kb / 16P
   1C Accurate, 13-Bit, Digital Temperature Sensor
Rev. B
ADT75 AD-ADT75_15 Datasheet
352Kb / 24P
   1C Accurate, 12-Bit Digital Temperature Sensor
Rev. B
logo
Texas Instruments
LM99 TI-LM99_15 Datasheet
1Mb / 30P
[Old version datasheet]   LM99 짹1째C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
logo
Analog Devices
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com