Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4999 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4999
Description  USB 2.0 Hi-Speed Differential 8:1 Multiplexer Small 32-Pin, 5mm x 5mm, TQFN Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4999 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4999_11 Datasheet HTML 3Page - Maxim Integrated Products MAX4999_11 Datasheet HTML 4Page - Maxim Integrated Products MAX4999_11 Datasheet HTML 5Page - Maxim Integrated Products MAX4999_11 Datasheet HTML 6Page - Maxim Integrated Products MAX4999_11 Datasheet HTML 7Page - Maxim Integrated Products MAX4999_11 Datasheet HTML 8Page - Maxim Integrated Products MAX4999_11 Datasheet HTML 9Page - Maxim Integrated Products MAX4999_11 Datasheet HTML 10Page - Maxim Integrated Products MAX4999_11 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
USB 2.0 Hi-Speed Differential
8:1 Multiplexer
8
_______________________________________________________________________________________
Applications Information
Increasing USB Channels
The MAX4999 features an enable input that allows two
MAX4999s to be connected, allowing multiplexing
between 16 USB channels. Figure 4 shows the typical
application with a single USB common terminal multi-
plexed to eight channels (8:1). See the Eye Diagram -
Single graph in the
Typical Operating Characteristics.
Figure 5 shows two MAX4999 devices configured with
the USB common terminal multiplexed to 16 USB chan-
nels (16:1). See the Eye Diagram - Double graph in the
Typical Operating Characteristics. The MAX4999 was
designed to be symmetrical so that the two common
ports may be wired in parallel with very short wiring to
create a 16:1 configuration. When operating in 16:1 con-
figuration, interchange COM0 and COM1 on the second
device to reverse the D+ and D- pins. This minimizes
vias and crossovers (Figure 5).
USB Switching
The MAX4999 analog multiplexers are fully compliant
with the USB 2.0 specification. The low on-resistance
and low on-capacitance of the MAX4999 make it ideal
for high-performance switching applications.
Board Layout
Hi-Speed switches require proper layout and design pro-
cedures for optimum performance. Keep design-con-
trolled impedance PCB traces as short as possible.
Ensure that high-quality bypass ceramic capacitors
(X7R, X5R or better) are placed as close to the device as
possible and use large ground planes where possible.
VCC
GND
C0
EN
C1
C2
CONTROL
LOGIC
CHARGE
PUMP
MAX4999
COM1
MUX
D0 _1
D1 _1
D2 _1
D3 _1
D4 _1
D5 _1
D6 _1
D7 _1
COM0
MUX
D0 _0
D1 _0
D2 _0
D3 _0
D4 _0
D5 _0
D6 _0
D7 _0
Functional Diagram/Truth Table
X = DON’T CARE
MAX4999
EN
C2
C1
C0
FUNCTION
1
0
0
0
COM_
→D0_ _
1
0
0
1
COM_
→D1_ _
1
0
1
0
COM_
→D2_ _
1
0
1
1
COM_
→D3_ _
1
1
0
0
COM_
→D4_ _
1
1
0
1
COM_
→D5_ _
1
1
1
0
COM_
→D6_ _
1
1
1
1
COM_
→D7_ _
0X
X
X
STANDBY MODE.
ALL SWITCHES IN HIGH-
IMPEDANCE STATE.
CHARGE PUMP IS OFF.


Similar Part No. - MAX4999_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4999ETJ MAXIM-MAX4999ETJ Datasheet
140Kb / 10P
   USB 2.0 Hi-Speed Differential 8:1 Multiplexer
Rev 0; 5/08
MAX4999ETJ++ MAXIM-MAX4999ETJ+ Datasheet
174Kb / 11P
   USB 2.0 Hi-Speed Differential 8:1 Multiplexer
19-4127; Rev 2; 3/15
MAX4999 MAXIM-MAX4999_V01 Datasheet
174Kb / 11P
   USB 2.0 Hi-Speed Differential 8:1 Multiplexer
19-4127; Rev 2; 3/15
More results

Similar Description - MAX4999_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4999 MAXIM-MAX4999_V01 Datasheet
174Kb / 11P
   USB 2.0 Hi-Speed Differential 8:1 Multiplexer
19-4127; Rev 2; 3/15
MAX4999 MAXIM-MAX4999 Datasheet
140Kb / 10P
   USB 2.0 Hi-Speed Differential 8:1 Multiplexer
Rev 0; 5/08
MAX15020EVKIT MAXIM-MAX15020EVKIT Datasheet
417Kb / 7P
   Space-Saving 5mm x 5mm, 20-pin TQFN Package
Rev 3; 5/15
logo
Fairchild Semiconductor
FSUSB63 FAIRCHILD-FSUSB63 Datasheet
1Mb / 3P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
logo
ON Semiconductor
FSUSB63 ONSEMI-FSUSB63 Datasheet
874Kb / 11P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
December-2017, Rev. 2
logo
Microchip Technology
USB2512 MICROCHIP-USB2512 Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
USB251 MICROCHIP-USB251 Datasheet
810Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
2010 - 2015
USB251XB MICROCHIP-USB251XB Datasheet
1,017Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
10-20-15
USB2512B MICROCHIP-USB2512B Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
logo
Maxim Integrated Produc...
MAX20042F MAXIM-MAX20042F Datasheet
1Mb / 16P
   Automotive Hi-Speed USB 2.0 Protectors
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com