Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4699ETE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4699ETE
Description  Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4699ETE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4699ETE Datasheet HTML 1Page - Maxim Integrated Products MAX4699ETE Datasheet HTML 2Page - Maxim Integrated Products MAX4699ETE Datasheet HTML 3Page - Maxim Integrated Products MAX4699ETE Datasheet HTML 4Page - Maxim Integrated Products MAX4699ETE Datasheet HTML 5Page - Maxim Integrated Products MAX4699ETE Datasheet HTML 6Page - Maxim Integrated Products MAX4699ETE Datasheet HTML 7Page - Maxim Integrated Products MAX4699ETE Datasheet HTML 8Page - Maxim Integrated Products MAX4699ETE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Low-Voltage, Dual DPDT/Quad SPDT
Analog Switches in QFN
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(V+ = +5V ±10%, VGND = 0V, VIH = +2.4V, VIL = +0.8V, (VL = +1.5V, VIH = +1.0V, VIL = +0.4V for MAX4702 only), TA = -40°C to
+85°C. Typical values are at V+ = +5V and TA = +25°C, unless otherwise noted.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
+25°C
7
12
Turn-Off Time
tOFF
VNO_ or VNC_ = +3V; RL =
300
Ω, CL = 35pF, Figure 2
TMIN to TMAX
15
ns
+25°C
10
Break-Before-Make (Note 6)
tBBM
VNO_ or VNC_ = +3V; RL =
300
Ω, CL = 35pF, Figure 2
TMIN to TMAX
2
ns
Charge Injection
Q
VGEN = 0V, RGEN = 0
Ω,
CL = 1.0nF, Figure 4
+25°C
0.5
pC
DIGITAL I/O
MAX4699/MAX4701
2.4
Input Logic High
VIH
MAX4702 (VL = +1.5V)
1.0
V
MAX4699/MAX4701
0.8
Input Logic Low
VIL
MAX4702 (VL = +1.5V)
0.4
V
Logic Input Current
IIH, IIL
VIN = 0 to V+
-1
1
µA
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in
this data sheet.
Note 3: -40°C specifications are guaranteed by design.
Note 4: ΔRON = RON(MAX) - RON(MIN).
Note 5: Flatness is defined as the difference between the maximum and minimum value of on-resistance as
measured over the specified analog signal ranges.
Note 6: Guaranteed by design.
Note 7: Off-Isolation = 20log10 (VCOM_ / VNO), VCOM = output, VNO = input to off switch.
Note 8: Between any two switches.


Similar Part No. - MAX4699ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4699ETE++ MAXIM-MAX4699ETE+ Datasheet
216Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 2; 10/09
More results

Similar Description - MAX4699ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4699 MAXIM-MAX4699 Datasheet
564Kb / 13P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 0; 8/01
MAX4699 MAXIM-MAX4699_09 Datasheet
216Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 2; 10/09
logo
Vishay Siliconix
DG2018DN-T1-E4 VISHAY-DG2018DN-T1-E4 Datasheet
141Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
DG2018 VISHAY-DG2018_08 Datasheet
138Kb / 9P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
DG2018 VISHAY-DG2018_V01 Datasheet
154Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
01-Jan-2022
DG2018 VISHAY-DG2018 Datasheet
81Kb / 8P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. A, 01-Aug-03
72342 VISHAY-72342 Datasheet
141Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
logo
Maxim Integrated Produc...
MAX4747 MAXIM-MAX4747_06 Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4747 MAXIM-MAX4747 Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4747 MAXIM-MAX4747_12 Datasheet
248Kb / 14P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in WLP
Rev 3; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com