Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4365EUA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4365EUA
Description  1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4365EUA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4365EUA Datasheet HTML 6Page - Maxim Integrated Products MAX4365EUA Datasheet HTML 7Page - Maxim Integrated Products MAX4365EUA Datasheet HTML 8Page - Maxim Integrated Products MAX4365EUA Datasheet HTML 9Page - Maxim Integrated Products MAX4365EUA Datasheet HTML 10Page - Maxim Integrated Products MAX4365EUA Datasheet HTML 11Page - Maxim Integrated Products MAX4365EUA Datasheet HTML 12Page - Maxim Integrated Products MAX4365EUA Datasheet HTML 13Page - Maxim Integrated Products MAX4365EUA Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
cients, such as tantalum or aluminum electrolytic.
Capacitors with high-voltage coefficients, such as
ceramics, may result in an increase distortion at low
frequencies.
Other considerations when designing the input filter
include the constraints of the overall system, the actual
frequency band of interest and click-and-pop suppres-
sion. Although high-fidelity audio calls for a flat gain
response between 20Hz and 20kHz, portable voice-
reproduction devices such as cellular phones and two-
way radios need only concentrate on the frequency
range of the spoken human voice (typically 300Hz to
3.5kHz). In addition, speakers used in portable devices
typically have a poor response below 150Hz. Taking
these two factors into consideration, the input filter may
not need to be designed for a 20Hz to 20kHz response,
saving both board space and cost due to the use of
smaller capacitors.
BIAS Capacitor
The BIAS bypass capacitor, CBIAS, improves PSRR and
THD+N by reducing power-supply noise at the common-
mode bias node, and serves as the primary click-and-
pop suppression mechanism. CBIAS is fed from an
internal 25k
Ω source, and controls the rate at which the
common-mode bias voltage rises at startup and falls
during shutdown. For optimum click-and-pop suppres-
sion, ensure that the input capacitor (CIN) is fully
charged (ten time constants) before CBIAS. The value of
CBIAS for best click-and-pop suppression is given by:
In addition, a larger CBIAS value yields higher PSRR.
C
CR
k
BIAS
IN IN
≥ ⎡
⎣⎢
⎦⎥
10
25
1.4W and 1W, Ultra-Small, Audio Power
Amplifiers with Shutdown
______________________________________________________________________________________
11
OUTPUT
POWER (W)
INTERNAL POWER
DISSIPATION (W)
EFFICIENCY (%)
0.25
0.55
31.4
0.50
0.63
44.4
0.75
0.63
54.4
1.00
0.59
62.8
1.25
0.53
70.2
1.40
0.48
74.3
VCC
VCC
CIN
RIN
RF
CF
CBIAS
6
OUT-
IN+
BIAS
AUDIO INPUT
3
2
CLICKLESS/
POPLESS
SHUTDOWN
CONTROL
GND
SHDN
8
OUT+ 5
7
1
MAX4364
MAX4365
50k
50k
10k
10k
IN-
4
Figure 2. High-Gain Configuration
Table 1. Efficiency in a 5V, 8Ω BTL System


Similar Part No. - MAX4365EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4365EUA MAXIM-MAX4365EUA Datasheet
682Kb / 15P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 1; 10/02
MAX4365EUA++ MAXIM-MAX4365EUA+ Datasheet
2Mb / 14P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
19-2387; Rev 7; 11/17
More results

Similar Description - MAX4365EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4364 MAXIM-MAX4364_V01 Datasheet
2Mb / 14P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
19-2387; Rev 7; 11/17
MAX4364 MAXIM-MAX4364 Datasheet
682Kb / 15P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 1; 10/02
MAX4366 MAXIM-MAX4366 Datasheet
494Kb / 18P
   330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 2; 12/02
MAX4366 MAXIM-MAX4366_V01 Datasheet
293Kb / 16P
   330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
19-2338; Rev 5; 6/08
logo
National Semiconductor ...
LM4860 NSC-LM4860 Datasheet
278Kb / 9P
   Series 1W Audio Power Amplifier with Shutdown Mode
logo
Maxim Integrated Produc...
MAX9716 MAXIM-MAX9716_09 Datasheet
405Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 2; 3/09
logo
Texas Instruments
LM4860M_NOPB TI1-LM4860M_NOPB Datasheet
1,004Kb / 20P
[Old version datasheet]   Series 1W Audio Power Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4860 NSC-LM4860_00 Datasheet
323Kb / 11P
   Series 1W Audio Power Amplifier with Shutdown Mode
logo
Maxim Integrated Produc...
MAX9716 MAXIM-MAX9716 Datasheet
333Kb / 19P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 0; 1/04
MAX9716 MAXIM-MAX9716_12 Datasheet
450Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 3; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com