Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4365EUA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4365EUA
Description  1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4365EUA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4365EUA Datasheet HTML 3Page - Maxim Integrated Products MAX4365EUA Datasheet HTML 4Page - Maxim Integrated Products MAX4365EUA Datasheet HTML 5Page - Maxim Integrated Products MAX4365EUA Datasheet HTML 6Page - Maxim Integrated Products MAX4365EUA Datasheet HTML 7Page - Maxim Integrated Products MAX4365EUA Datasheet HTML 8Page - Maxim Integrated Products MAX4365EUA Datasheet HTML 9Page - Maxim Integrated Products MAX4365EUA Datasheet HTML 10Page - Maxim Integrated Products MAX4365EUA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
1.4W and 1W, Ultra-Small, Audio Power
Amplifiers with Shutdown
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(VCC = 5V, THD+N measurement bandwidth = 22Hz to 22kHz, TA = +25°C, unless otherwise noted.)
MAX4365
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.1
3.4
4
5
6
7
3
2.7
5.5
4.8
MAX4365
POWER DISSIPATION vs. OUTPUT POWER
OUTPUT POWER (mW)
300
200
100
50
100
150
200
250
0
0500
400
VCC = 3V
RL = 8
fIN = 1kHz
MAX4365
POWER DISSIPATION vs. OUTPUT POWER
OUTPUT POWER (mW)
900
600
300
200
400
600
800
0
0
1500
1200
VCC = 5V
RL = 8
fIN = 1kHz
MAX4365
OUTPUT POWER vs. LOAD RESISTANCE
LOAD RESISTANCE (
Ω)
30
20
10
400
600
800
1000
1200
0
050
10% THD+N
1% THD+N
40
VCC = 3V
fIN = 1kHz
200
MAX4365
OUTPUT POWER vs. LOAD RESISTANCE
LOAD RESISTANCE (
Ω)
30
20
10
200
400
600
800
1000
1200
0
050
40
VCC = 5V
fIN = 1kHz
MAX4365
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
35
10
-15
4
5
6
7
3
-40
85
60
VCC = 5V
MAX4365
OUTPUT POWER vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.8
4.1
3.4
500
1000
1500
2000
2500
0
2.7
5.5
RL = 8
fIN = 1kHz
1% THD+N
10% THD+N
OUTPUT POWER (mW)
725
600
500
400
325
250
200
125
0.01
0.1
1
10
100
0.001
0
850 1000
VCC = 3V
AV = 4V/V
RL = 8
20kHz
20Hz
1kHz
MAX4365
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. OUTPUT POWER
OUTPUT POWER (mW)
725
600
500
400
325
250
200
125
0.01
0.1
1
10
100
0.001
0
800 1000
VCC = 3V
AV = 2V/V
RL = 8
20kHz
20Hz
1kHz
MAX4365
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. OUTPUT POWER


Similar Part No. - MAX4365EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4365EUA MAXIM-MAX4365EUA Datasheet
682Kb / 15P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 1; 10/02
MAX4365EUA++ MAXIM-MAX4365EUA+ Datasheet
2Mb / 14P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
19-2387; Rev 7; 11/17
More results

Similar Description - MAX4365EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4364 MAXIM-MAX4364_V01 Datasheet
2Mb / 14P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
19-2387; Rev 7; 11/17
MAX4364 MAXIM-MAX4364 Datasheet
682Kb / 15P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 1; 10/02
MAX4366 MAXIM-MAX4366 Datasheet
494Kb / 18P
   330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 2; 12/02
MAX4366 MAXIM-MAX4366_V01 Datasheet
293Kb / 16P
   330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
19-2338; Rev 5; 6/08
logo
National Semiconductor ...
LM4860 NSC-LM4860 Datasheet
278Kb / 9P
   Series 1W Audio Power Amplifier with Shutdown Mode
logo
Maxim Integrated Produc...
MAX9716 MAXIM-MAX9716_09 Datasheet
405Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 2; 3/09
logo
Texas Instruments
LM4860M_NOPB TI1-LM4860M_NOPB Datasheet
1,004Kb / 20P
[Old version datasheet]   Series 1W Audio Power Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4860 NSC-LM4860_00 Datasheet
323Kb / 11P
   Series 1W Audio Power Amplifier with Shutdown Mode
logo
Maxim Integrated Produc...
MAX9716 MAXIM-MAX9716 Datasheet
333Kb / 19P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 0; 1/04
MAX9716 MAXIM-MAX9716_12 Datasheet
450Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 3; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com