Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39132-B1654-B510 Datasheet(PDF) 4 Page - EPCOS

Part # B39132-B1654-B510
Description  SAW RF low loss filter Satellite CSS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39132-B1654-B510 Datasheet(HTML) 4 Page - EPCOS

  B39132-B1654-B510 Datasheet HTML 1Page - EPCOS B39132-B1654-B510 Datasheet HTML 2Page - EPCOS B39132-B1654-B510 Datasheet HTML 3Page - EPCOS B39132-B1654-B510 Datasheet HTML 4Page - EPCOS B39132-B1654-B510 Datasheet HTML 5Page - EPCOS B39132-B1654-B510 Datasheet HTML 6Page - EPCOS B39132-B1654-B510 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
January 11, 2011
B1654
1280.18 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF low loss filter
Data sheet
Matching network (element values depend on PCB layout)
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
501)
V
machine model, 1 pulse
Input power at
1260.18...1300.18 MHz PIN
0
dBm
source impedance 150
1) acc. to JESD22-A115A (machine model), 1 negative & 1 positive pulse.
Lp1 = 33nH
Lp2 = 33nH
Lp1
Lp2


Similar Part No. - B39132-B1654-B510

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39132B1641U510 EPCOS-B39132B1641U510 Datasheet
61Kb / 7P
   SAW RF low loss filter
logo
TDK Electronics
B39132B1641U510 TDK-B39132B1641U510 Datasheet
81Kb / 7P
   SAW Components SAW RF low loss filter
B39132B1642U810 TDK-B39132B1642U810 Datasheet
87Kb / 8P
   SAW Components SAW RF low loss filter
B39132B1645B510 TDK-B39132B1645B510 Datasheet
167Kb / 7P
   SAW Components SAW filter Double conversion
B39132B1654B510 TDK-B39132B1654B510 Datasheet
84Kb / 7P
   SAW Components SAW RF low loss filter
More results

Similar Description - B39132-B1654-B510

ManufacturerPart #DatasheetDescription
logo
EPCOS
B1652 EPCOS-B1652 Datasheet
56Kb / 7P
   SAW RF low loss filter Satellite CSS
B1661 EPCOS-B1661 Datasheet
65Kb / 7P
   SAW RF low loss filter Satellite CSS
B1658 EPCOS-B1658 Datasheet
63Kb / 7P
   SAW RF low loss filter Satellite CSS
B1668 EPCOS-B1668 Datasheet
72Kb / 7P
   SAW RF low loss filter Satellite CSS
B1655 EPCOS-B1655 Datasheet
56Kb / 7P
   SAW RF low loss filter Satellite CSS
B1656 EPCOS-B1656 Datasheet
57Kb / 7P
   SAW RF low loss filter Satellite CSS
B1666 EPCOS-B1666 Datasheet
71Kb / 7P
   SAW RF low loss filter Satellite CSS
B1667 EPCOS-B1667 Datasheet
71Kb / 7P
   SAW RF low loss filter Satellite CSS
B1653 EPCOS-B1653 Datasheet
64Kb / 7P
   SAW RF low loss filter Satellite CSS
B1657 EPCOS-B1657 Datasheet
58Kb / 7P
   SAW RF low loss filter Satellite CSS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com