Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3946ETG Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3946ETG
Description  1Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3946ETG Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3946ETG Datasheet HTML 1Page - Maxim Integrated Products MAX3946ETG Datasheet HTML 2Page - Maxim Integrated Products MAX3946ETG Datasheet HTML 3Page - Maxim Integrated Products MAX3946ETG Datasheet HTML 4Page - Maxim Integrated Products MAX3946ETG Datasheet HTML 5Page - Maxim Integrated Products MAX3946ETG Datasheet HTML 6Page - Maxim Integrated Products MAX3946ETG Datasheet HTML 7Page - Maxim Integrated Products MAX3946ETG Datasheet HTML 8Page - Maxim Integrated Products MAX3946ETG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
_______________________________________________________________________________________ 3
1Gbps to 11.3Gbps, SFP+ Laser Driver
with Laser Impedance Mismatch Tolerance
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.85V to +3.63V, TA = -40°C to +85°C, and Figure 1. Guaranteed by design and characterization from TA = -40°C to +95°C.
Typical values are at VCC = +3.3V, IBIAS = 60mA, IMOD = 40mA, 25I differential output load, and TA = +25°C, unless otherwise
noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Bias Current
IBIASMIN
Current into BIAS pin, DISABLE = low, and
TX_EN = high
5
mA
Bias-Off Current
IBIAS-OFF
Current into BIAS pin, DISABLE = high or
TX_EN = low or SET_IBIAS[8:0] = H0x00;
BIAS pin voltage at VCC
100
F
A
Bias Current DAC Stability
5mA P IBIAS P 80mA, VBIAS = VCC - 1.5V
(Notes 2, 4)
1
3
%
Instantaneous Compliance
Voltage at BIAS
VBIAS
0.9
1.5
2.1
V
BMON Current Gain
GBMON
GBMON = IBMON/IBIAS, external resistor to
ground defines voltage
9
10
11
mA/A
Compliance Voltage at BMON
0
1.8
V
BMON Current Gain Stability
5mA P IBIAS P 80mA (Notes 2, 4)
1.2
4
%
LASER MODULATOR
TOUT+ and TOUT-
Instantaneous Output
Compliance Voltage
VCC -
1.0
VCC +
1.0
V
Maximum Modulation Current
IMODMAX
Current into external 25I differential termi-
nation, output common-mode
voltage = VCC
80
mAP-P
Current into external 50I differential termi-
nation, output common-mode
voltage = VCC
60
Minimum Modulation Current
IMODMIN
10
mAP-P
Differential Output Resistance
2 x ROUT
50
I
Modulation-Off Maximum Current
IMOD-OFF
Current between TOUT+ and TOUT- when
DISABLE = high or TX_EN = low or
SET_IMOD[8:0] = H0x00
100
F
A
Modulation Current DAC Stability
10mA P IMOD P 80mA (Notes 2, 4)
1.5
3
%
Modulation Current Edge Speed
(Note 2)
tR, tF
20% to 80%, 20mA P IMOD P 80mA
22
30
ps
20% to 80%, 10mA P IMOD P 80mA,
TXDE_MD[1:0] = 3d
22
30
Deterministic Jitter (Notes 2, 5)
DJ
10mA P IMOD P 60mA, 11.3Gbps, output
differential load = 50I
5
12
psP-P
10mA P IMOD P 80mA, 11.3Gbps, output
differential load = 25I
5
12
10mA P IMOD P 80mA, 11.3Gbps, output
differential load = 5I
7
10mA P IMOD P 60mA, 10.7Gbps, output
differential load = 50I (K28.5 pattern)
5
10.5


Similar Part No. - MAX3946ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3946ETG++ MAXIM-MAX3946ETG+ Datasheet
2Mb / 28P
   1.0625Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance
Rev 0; 3/10
More results

Similar Description - MAX3946ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3946 MAXIM-MAX3946 Datasheet
2Mb / 28P
   1.0625Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance
Rev 0; 3/10
logo
Micrel Semiconductor
SY88022L MICREL-SY88022L Datasheet
361Kb / 10P
   11.3Gbps Laser Diode Driver
SY88022AL MICREL-SY88022AL Datasheet
493Kb / 12P
   11.3Gbps Laser Diode Driver
logo
Maxim Integrated Produc...
MAX3738 MAXIM-MAX3738 Datasheet
403Kb / 14P
   1Gbps to 2.7Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 0; 1/04
MAX3949 MAXIM-MAX3949 Datasheet
2Mb / 38P
   11.3Gbps, Low-Power, AC-Coupled Laser Driver
Rev 1; 4/14
MAX3948 MAXIM-MAX3948_V01 Datasheet
2Mb / 37P
   11.3Gbps, Low-Power, DC-Coupled Laser Driver
2012
MAX3948 MAXIM-MAX3948 Datasheet
3Mb / 37P
   11.3Gbps, Low-Power, DC-Coupled Laser Driver
Rev 0; 6/11
MAX3735A MAXIM-MAX3735A Datasheet
1Mb / 18P
   2.7Gbps, Low-Power SFP Laser Driver
2013
MAX3646 MAXIM-MAX3646 Datasheet
832Kb / 14P
   155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 1; 7/04
MAX3738 MAXIM-MAX3738_11 Datasheet
441Kb / 16P
   155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 3; 6/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com