Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD862-04 Datasheet(PDF) 1 Page - Fuji Electric

Part # SD862-04
Description  SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

SD862-04 Datasheet(HTML) 1 Page - Fuji Electric

  SD862-04 Datasheet HTML 1Page - Fuji Electric SD862-04 Datasheet HTML 2Page - Fuji Electric SD862-04 Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SD862-04 (40V / 2.0A )
Features
Surface-mount device
Low VF
Super high speed switching
High reliability by planer design
Applications
High speed switching
Maximum ratings and characteristics
Absolute maximum ratings (at Tc=25°C unless otherwise specified )
Item
Repetitive peak reverse voltage
Average output current
Surge current
Operating junction temperature
Storage temperature
Symbol
VRRM
Io
IFSM
Tj
Tstg
Conditions
Sine wave 10ms,
1shot
80
150
-55 to +150
Unit
V
A
A
°C
°C
Electrical characteristics (at Tc=25°C unless otherwise specified )
Item
Forward voltage drop
Reverse current
Thermal resistance
Symbol
VFM
IRRM
Rth(j-l)
Conditions
IFM=2.0A
VR=VRRM
Junction to lead
Max.
0.59
0.1
18
Unit
V
mA
°C/W
Square wave duty=1/2
Tl=125°C
Rating
40
2.0
SCHOTTKY BARRIER DIODE
Outline drawings, mm
Marking
5.0
(0.8)
Type No
Cathode mark
Lot. No
D A
(0.8)
4.0
0.5
0.5
Mechanical characteristics
Approximate mass
0.035
g
http://www.fujielectric.co.jp/fdt/scd/


Similar Part No. - SD862-04

ManufacturerPart #DatasheetDescription
logo
SHOUDING Shouding Semic...
SD8621 SHOUDING-SD8621 Datasheet
1,011Kb / 6P
   00K H z 6A DC/DC Boost chip
More results

Similar Description - SD862-04

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com