Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3206EEBL Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3206EEBL
Description  Low-Capacitance, 2/3/4/6-Channel, 15kV ESD Protection Arrays for High-Speed Data Interfaces
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3206EEBL Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3206EEBL Datasheet HTML 1Page - Maxim Integrated Products MAX3206EEBL Datasheet HTML 2Page - Maxim Integrated Products MAX3206EEBL Datasheet HTML 3Page - Maxim Integrated Products MAX3206EEBL Datasheet HTML 4Page - Maxim Integrated Products MAX3206EEBL Datasheet HTML 5Page - Maxim Integrated Products MAX3206EEBL Datasheet HTML 6Page - Maxim Integrated Products MAX3206EEBL Datasheet HTML 7Page - Maxim Integrated Products MAX3206EEBL Datasheet HTML 8Page - Maxim Integrated Products MAX3206EEBL Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD
Protection Arrays for High-Speed Data Interfaces
_______________________________________________________________________________________
5
During an ESD event, the current pulse rises from zero
to peak value in nanoseconds (Figure 3). For example,
in a 15kV IEC-61000 Air-Gap Discharge ESD event,
the pulse current rises to approximately 45A in 1ns
(di/dt = 45 x 109). An inductance of only 10nH adds an
additional 450V to the clamp voltage. An inductance of
10nH represents approximately 0.5in of board trace.
Regardless of the device’s specified diode clamp volt-
age, a poor layout with parasitic inductance significantly
increases the effective clamp voltage at the protected
signal line.
A low-ESR 0.1µF capacitor must be used between VCC
and GND. This bypass capacitor absorbs the charge
transferred by an +8kV IEC-61000 Contact Discharge
ESD event.
Ideally, the supply rail (VCC) would absorb the charge
caused by a positive ESD strike without changing its
regulated value. In reality, all power supplies have an
effective output impedance on their positive rails. If a
power supply’s effective output impedance is 1
Ω, then
by using V = I
× R, the clamping voltage of VC increas-
es by the equation VC = IESD x ROUT. An +8kV IEC
61000-4-2 ESD event generates a current spike of 24A,
so the clamping voltage increases by VC = 24A
× 1Ω,
or VC = 24V. Again, a poor layout without proper
bypassing increases the clamping voltage. A ceramic
chip capacitor mounted as close to the MAX3202E/
MAX3203E/MAX3204E/MAX3206E VCC pin is the best
choice for this application. A bypass capacitor should
also be placed as close to the protected device as
possible.
±15kV ESD Protection
ESD protection can be tested in various ways; the
MAX3202E/MAX3203E/MAX3204E/MAX3206E are
characterized for protection to the following limits:
• ±15kV using the Human Body Model
• ±8kV using the Contact Discharge method speci-
fied in IEC 61000-4-2
• ±15kV using the IEC 61000-4-2 Air-Gap Discharge
method
ESD Test Conditions
ESD performance depends on a number of conditions.
Contact Maxim for a reliability report that documents
test setup, methodology, and results.
Human Body Model
Figure 4 shows the Human Body Model, and Figure 5
shows the current waveform it generates when dis-
charged into a low impedance. This model consists of
a 100pF capacitor charged to the ESD voltage of inter-
est, which is then discharged into the device through a
1.5k
Ω resistor.
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC
1M
RD
1.5k
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 4. Human Body ESD Test Model
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPERES
Figure 5. Human Body Model Current Waveform
tR = 0.7ns to 1ns
30ns
60ns
t
100%
90%
10%
I
Figure 3. IEC 61000-4-2 ESD Generator Current Waveform


Similar Part No. - MAX3206EEBL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3206EEBL-T MAXIM-MAX3206EEBL-T Datasheet
754Kb / 15P
   Low-Capacitance, 2/3/4/6-Channel, 짹15kV ESD Protection Arrays for High-Speed Data Interfaces
Rev 2; 11/04
More results

Similar Description - MAX3206EEBL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3202E MAXIM-MAX3202E_09 Datasheet
152Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD Protection Arrays for High-Speed Data Interfaces
MAX3202E MAXIM-MAX3202E_V01 Datasheet
231Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, 짹15kV ESD Protection Arrays for High-Speed Data Interfaces
2011
MAX3202E MAXIM-MAX3202E Datasheet
754Kb / 15P
   Low-Capacitance, 2/3/4/6-Channel, 짹15kV ESD Protection Arrays for High-Speed Data Interfaces
Rev 2; 11/04
logo
Texas Instruments
TPD2E001 TI1-TPD2E001_17 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
TPD3E001 TI1-TPD3E001_15 Datasheet
1Mb / 22P
[Old version datasheet]   Low-Capacitance 3-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_16 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_17 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V02 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
logo
TECH PUBLIC Electronics...
TPD3E001DRYR-TP TECHPUBLIC-TPD3E001DRYR-TP Datasheet
1Mb / 5P
   Low-Capacitance 3-Channel ESD-Protection for High-Speed Date Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com