Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2769ETV Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2769ETV
Description  Universal GPS Receiver AEC-Q100 Automotive Qualified
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2769ETV Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2769ETV Datasheet HTML 1Page - Maxim Integrated Products MAX2769ETV Datasheet HTML 2Page - Maxim Integrated Products MAX2769ETV Datasheet HTML 3Page - Maxim Integrated Products MAX2769ETV Datasheet HTML 4Page - Maxim Integrated Products MAX2769ETV Datasheet HTML 5Page - Maxim Integrated Products MAX2769ETV Datasheet HTML 6Page - Maxim Integrated Products MAX2769ETV Datasheet HTML 7Page - Maxim Integrated Products MAX2769ETV Datasheet HTML 8Page - Maxim Integrated Products MAX2769ETV Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
����������������������������������������������������������������� Maxim Integrated Products 4
MAX2769B
Universal GPS Receiver
AC ELECTRICAL CHARACTERISTICS* (continued)
(MAX2769B EV kit, VCC_ = 2.7V to 3.3V, TA = -40NC to +85NC, PGM = Ground. Registers are set to the default power-up states. LNA
input is driven from a 50I source. All RF measurements are done in the analog output mode with ADC bypassed. PGA gain is set
to 51dB gain by serial-interface word GAININ = 111010. Maximum IF output load is not to exceed 10kI||7.5pF on each pin. Typical
values are at VCC_ = 2.85V and TA = +25NC, unless otherwise noted.) (Note 1)
Note 1: MAX2769B is production tested at TA = +25NC and +85NC. All min/max specifications are guaranteed by design and char-
acterization from -40NC to +85NC, unless otherwise noted. Default register settings are not production tested or guaran-
teed. User must program the registers upon power-up.
Note 2: Default, low-NF mode of the IC. LNA choice is gated by the ANT_FLAG signal. In the normal mode of operation without an
active antenna, LNA1 is active. If an active antenna is connected and ANT_FLAG switches to 1, LNA1 is automatically dis-
abled and LNA2 becomes active. PLL is in an integer-N mode with fCOMP = fTCXO/16 = 1.023MHz and ICP = 0.5mA. The
complex IF filter is configured as a 5th-order Butterworth filter with a center frequency of 4MHz and bandwidth of 2.5MHz.
Output data is in a 2-bit sign/magnitude format at CMOS logic levels in the I channel only.
Note 3: The LNA output connects to the mixer input without a SAW filter between them.
Note 4: Two tones are located at 12MHz and 24MHz offset frequencies from the GPS center frequency of 1575.42MHz at -60dBm/
tone. Passive pole at the mixer output is programmed to be 13MHz.
Note 5: Measured from the LNA input to the LNA output. Two tones are located at 12MHz and 24MHz offset frequencies from the
GPS center frequency of 1575.42MHz at -60dBm per tone.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LNA2 INPUT
Power Gain
13
dB
Noise Figure
1.14
dB
Input IP3
(Note 5)
1
dBm
Output Return Loss
19
dB
Input Return Loss
11
dB
FREQUENCY SYNTHESIZER
LO Frequency Range
0.2V < VTUNE < (VCC_ - 0.3V)
1550
1610
MHz
LO Tuning Gain
57
MHz/V
Reference Input Frequency
8
44
MHz
Main Divider Ratio
36
32,767
Reference Divider Ratio
1
1023
Charge-Pump Current
ICP = 0
0.5
mA
ICP = 1
1
TCXO INPUT BUFFER/OUTPUT CLOCK BUFFER
Frequency Range
8
32
MHz
Output Logic-Level High (VOH)
With respect to ground, IOH = 10FA (DC-coupled)
2
V
Output Logic-Level Low (VOL)
With respect to ground, IOL = 10FA (DC-coupled)
0.8
V
Capacitive Slew Current
Load = 10k
W + 40pF, fCLKOUT = 32MHz
11
mA
Output Load
10||40
kI||pF
Reference Input Level
Sine wave
0.5
VP-P
Clock Output Multiply/Divide
Range
/4, /2, /1
(x2, max input frequency of 16MHz)
÷4
x2
ADC
ADC Differential Nonlinearity
AGC enabled, 3-bit output
Q
0.1
LSB
ADC Integral Nonlinearity
AGC enabled, 3-bit output
Q
0.1
LSB
*The parametric values (min, typ, max limits) shown in the Electrical Characteristics table supersede values quoted elsewhere in this data sheet.


Similar Part No. - MAX2769ETV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2769ETI++ MAXIM-MAX2769ETI+ Datasheet
519Kb / 23P
   Universal GPS Receiver
Rev 2; 6/10
More results

Similar Description - MAX2769ETV

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8585 ALLEGRO-A8585 Datasheet
3Mb / 35P
   Automotive AEC-Q100 qualified
A4411 ALLEGRO-A4411 Datasheet
1Mb / 45P
   Automotive AEC-Q100 qualified
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com