Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2670GTBT Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2670GTBT
Description  GPS/GNSS Front-End Amplifier ESD Protected to 짹2kV Human Body Model
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2670GTBT Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2670GTBT Datasheet HTML 1Page - Maxim Integrated Products MAX2670GTBT Datasheet HTML 2Page - Maxim Integrated Products MAX2670GTBT Datasheet HTML 3Page - Maxim Integrated Products MAX2670GTBT Datasheet HTML 4Page - Maxim Integrated Products MAX2670GTBT Datasheet HTML 5Page - Maxim Integrated Products MAX2670GTBT Datasheet HTML 6Page - Maxim Integrated Products MAX2670GTBT Datasheet HTML 7Page - Maxim Integrated Products MAX2670GTBT Datasheet HTML 8Page - Maxim Integrated Products MAX2670GTBT Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
����������������������������������������������������������������� Maxim Integrated Products 4
MAX2670
GPS/GNSS Front-End Amplifier
Typical Operating Characteristics (continued)
(PIN = -40dBm, fIN = 1575MHz, inputs and outputs are terminated to 50I, VCC = 5.0V, TA = +25NC, unless otherwise noted.)
17.4
17.3
17.6
17.5
17.8
17.7
17.9
18.0
18.1
3.0
4.0
3.5
4.5
5.0
5.5
AMP 1 GAIN vs. SUPPLY VOLTAGE
(WITH EXTERNAL INPUT IMPEDANCE MATCH)
SUPPLY VOLTAGE (V)
TA = +105°C
TA = +85°C
TA = +25°C
TA = -40°C
16.0
15.5
17.0
16.5
18.0
17.5
3.0
4.0
3.5
4.5
5.0
5.5
AMP 2 GAIN vs. SUPPLY VOLTAGE
(PIN 7 OPEN)
SUPPLY VOLTAGE (V)
TA = +105°C
TA = +85°C
TA = +25°C
TA = -40°C
13.0
12.5
12.0
14.0
13.5
15.0
14.5
3.0
4.0
3.5
4.5
5.0
5.5
AMP 2 GAIN vs. SUPPLY VOLTAGE
(PIN 7 SHORT TO GND)
SUPPLY VOLTAGE (V)
TA = +105°C
TA = +85°C
TA = +25°C
TA = -40°C
13
12
15
14
17
16
18
19
20
800
1200
1000
1400
1600
1800
2000
AMP 1 GAIN vs. FREQUENCY
(WITH EXTERNAL INPUT IMPEDANCE MATCH)
FREQUENCY (MHz)
2
0
6
4
10
8
12
14
16
18
800
1200
1000
1400
1600
1800
2000
AMP 2 GAIN vs. FREQUENCY
FREQUENCY (MHz)
LOW-GAIN MODE
HIGH-GAIN MODE
-22
-20
-21
-19
-18
-17
-16
-40
0
20
-20
40
60
80
100
AMP 1 INPUT P1dB vs. TEMPERATURE
(WITHOUT EXTERNAL INPUT IMPEDANCE MATCH)
TEMPERATURE (°C)
4.8
5.2
5.0
5.4
5.6
5.8
-40
0
20
-20
40
60
80
100
AMP 2 OUTPUT P1dB vs. TEMPERATURE
(PIN 7 OPEN)
TEMPERATURE (°C)
-4.5
-5.0
-3.5
-4.0
-2.5
-3.0
-2.0
800
1200
1000
1400
1600
1800
2000
AMP 1 S11
(WITHOUT EXTERNAL INPUT IMPEDANCE MATCH)
FREQUENCY (MHz)
-14
-16
-10
-12
-6
-8
-4
800
1200
1000
1400
1600
1800
2000
AMP 1 S22
FREQUENCY (MHz)


Similar Part No. - MAX2670GTBT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2670EVKIT MAXIM-MAX2670EVKIT Datasheet
336Kb / 8P
   Evaluation Kit
Rev 0; 12/16
MAX2670EVKIT# MAXIM-MAX2670EVKIT# Datasheet
336Kb / 8P
   Evaluation Kit
Rev 0; 12/16
More results

Similar Description - MAX2670GTBT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2678 MAXIM-MAX2678 Datasheet
413Kb / 10P
   GPS/GNSS Front-End Amplifier
Rev 1; 11/18
logo
Skyworks Solutions Inc.
SKY65709-51 SKYWORKS-SKY65709-51 Datasheet
117Kb / 2P
   Low-Noise Amplifier Front-End Module with GPS-GNSS Pre-Filter
logo
Maxim Integrated Produc...
MAX12000 MAXIM-MAX12000 Datasheet
304Kb / 9P
   1575MHz GPS Front-End Amplifier
Rev 0; 3/06
logo
Skyworks Solutions Inc.
SKY65713-11 SKYWORKS-SKY65713-11 Datasheet
167Kb / 2P
   Low-Noise Amplifier Front-End Module with BDS-GPS-GNSS Pre-Filter
SKY65715-81 SKYWORKS-SKY65715-81 Datasheet
189Kb / 2P
   Low-Noise Amplifier Front-End Module with GPS-GNSS-BDS Pre-Filter
SKY65723-81 SKYWORKS-SKY65723-81 Datasheet
598Kb / 10P
   Low-Noise Amplifier Front-End Module with GPS/GNSS/BDS Pre-Filter
July 8, 2019
logo
New Japan Radio
NJG1159PHH-TE1 NJRC-NJG1159PHH-TE1 Datasheet
508Kb / 20P
   GNSS Front-End Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-86576 AVAGO-MGA-86576 Datasheet
154Kb / 6P
   Front End Amplifier for GPS Receivers
logo
Infineon Technologies A...
BGM781N11 INFINEON-BGM781N11 Datasheet
570Kb / 12P
   GPS Front-End Module
Rev.3.1, Oct. 2009
logo
ATMEL Corporation
ATR0601 ATMEL-ATR0601_06 Datasheet
556Kb / 18P
   GPS Front-end IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com