Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS865C10 Datasheet(PDF) 4 Page - Fuji Electric

Part # MS865C10
Description  Low IR Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

MS865C10 Datasheet(HTML) 4 Page - Fuji Electric

  MS865C10 Datasheet HTML 1Page - Fuji Electric MS865C10 Datasheet HTML 2Page - Fuji Electric MS865C10 Datasheet HTML 3Page - Fuji Electric MS865C10 Datasheet HTML 4Page - Fuji Electric MS865C10 Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
MS865C10 (100V, 20A)
5
http://www.fujisemi.com
FUJI Diode
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
Rth(j-c):1.75°C/W
Transient Thermal Impedance (max.)
t
Time (sec)


Similar Part No. - MS865C10

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MS865C12 FUJI-MS865C12 Datasheet
498Kb / 5P
   Low IR Schottky Barrier Diode
MS865C15 FUJI-MS865C15 Datasheet
524Kb / 5P
   Low IR Schottky Barrier Diode
More results

Similar Description - MS865C10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB3003CH SANYO-SB3003CH Datasheet
43Kb / 3P
   Low IR Schottky Barrier Diode Low IR Schottky Barrier Diode
logo
Fuji Electric
MS868C12 FUJI-MS868C12 Datasheet
625Kb / 5P
   Low IR Schottky Barrier Diode
PG865C15R FUJI-PG865C15R Datasheet
567Kb / 5P
   Low IR Schottky Barrier Diode
YA862C04R FUJI-YA862C04R Datasheet
134Kb / 3P
   Low IR Schottky barrier diode
TS862C10R FUJI-TS862C10R Datasheet
145Kb / 3P
   Low IR Schottky barrier diode
YG865C06R FUJI-YG865C06R Datasheet
134Kb / 3P
   Low IR Schottky barrier diode
YG868C04R FUJI-YG868C04R Datasheet
157Kb / 3P
   Low IR Schottky barrier diode
MS865C15 FUJI-MS865C15 Datasheet
524Kb / 5P
   Low IR Schottky Barrier Diode
YG862C06R FUJI-YG862C06R Datasheet
132Kb / 3P
   Low IR Schottky barrier diode
MS862C08 FUJI-MS862C08 Datasheet
590Kb / 5P
   Low IR Schottky Barrier Diode
YG862C04R FUJI-YG862C04R Datasheet
134Kb / 3P
   Low IR Schottky barrier diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com