Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2042A Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2042A
Description  SiGe High-Linearity, 1600MHz to 3900MHz Upconversion/Downconversion
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2042A Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2042A Datasheet HTML 3Page - Maxim Integrated Products MAX2042A Datasheet HTML 4Page - Maxim Integrated Products MAX2042A Datasheet HTML 5Page - Maxim Integrated Products MAX2042A Datasheet HTML 6Page - Maxim Integrated Products MAX2042A Datasheet HTML 7Page - Maxim Integrated Products MAX2042A Datasheet HTML 8Page - Maxim Integrated Products MAX2042A Datasheet HTML 9Page - Maxim Integrated Products MAX2042A Datasheet HTML 10Page - Maxim Integrated Products MAX2042A Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
����������������������������������������������������������������� Maxim Integrated Products 7
MAX2042A
SiGe High-Linearity, 1600MHz to 3900MHz
Upconversion/Downconversion Mixer with LO Buffer
3.3V Supply, RF = 2000MHz to 2900MHz, HIGH-SIDE LO INJECTION AC ELECTRICAL
CHARACTERISTICS (DOWNCONVERTER OPERATION)
(Typical Application Circuit with tuning elements outlined in Table 1, RF and LO ports are driven from 50I sources, Typical values
are for TC = +25NC, VCC = 3.3V, PRF = 0dBm, PLO = 0dBm, fRF = 2600MHz, fLO = 2900MHz, fIF = 300MHz, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Small-Signal Conversion Loss
LC
(Note 8)
7.4
dB
Loss Variation vs. Frequency
D
LC
fRF = 2000MHz to 2900MHz, any 100MHz band
Q
0.25
dB
Conversion Loss Temperature
Coefficient
TCCL
TC = -40NC to +85NC
0.0079
dB/NC
Single Sideband Noise Figure
NFSSB
No blockers present
7.4
dB
Noise Figure Temperature
Coefficient
TCNF
Single sideband, no blockers present,
TC = -40NC to +85NC
0.022
dB/NC
Input 1dB Compression Point
IP1dB
(Note 10)
19.7
dBm
Third-Order Input Intercept
Point
IIP3
fRF1 = 2600MHz, fRF2 = 2601MHz,
PRF1 = PRF2 = 0dBm
31
dBm
IIP3 Variation with TC
fRF1 = 2600MHz, fRF2 = 2601MHz,
PRF1 = PRF2 = 0dBm, TC = -40NC to +85NC
Q
0.1
dB
2LO - 2RF Spur Rejection
2 x 2
fRF = 2600MHz,
fLO = 2900MHz,
fSPUR = 2750MHz
PRF = -10dBm
72
dBc
PRF = 0dBm
62
3LO - 3RF Spur Rejection
3 x 3
fRF = 2600MHz,
fLO = 2900MHz,
fSPUR = 2800MHz
PRF = -10dBm
85
dBc
PRF = 0dBm
65
RF Input Return Loss
RLRF
LO on and IF terminated into a matched
impedance
16
dB
LO Input Return Loss
RLLO
RF and IF terminated into a matched
impedance
32
dB
IF Output Impedance
ZIF
Nominal differential impedance at the IC’s IF
outputs
50
I
IF Return Loss
RLIF
RF terminated into 50I, LO driven by 50I
source, IF transformed to single-ended 50I
using external components shown in the Typical
Application Circuit
18
dB
RF-to-IF Isolation
PLO = +3dBm
38
dB
LO Leakage at RF Port
PLO = +3dBm
-31.5
dBm
2LO Leakage at RF Port
PLO = +3dBm
-30
dBm
LO Leakage at IF Port
PLO = +3dBm
-31.4
dBm


Similar Part No. - MAX2042A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2042 MAXIM-MAX2042 Datasheet
4Mb / 27P
   SiGe High-Linearity, 2000MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 8/09
MAX20429 MAXIM-MAX20429 Datasheet
715Kb / 18P
   Dual 6A High-Efficiency Low Voltage Buck Converter
Rev 1; 12/20
MAX20429 MAXIM-MAX20429 Datasheet
576Kb / 12P
   Single Supply Operation with 3.0V to 5.5V Input Supply Range
Rev 0; 12/20
MAX20429AAFNA MAXIM-MAX20429AAFNA Datasheet
715Kb / 18P
   Dual 6A High-Efficiency Low Voltage Buck Converter
Rev 1; 12/20
MAX20429CAFNA MAXIM-MAX20429CAFNA Datasheet
715Kb / 18P
   Dual 6A High-Efficiency Low Voltage Buck Converter
Rev 1; 12/20
More results

Similar Description - MAX2042A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19996A MAXIM-MAX19996A Datasheet
825Kb / 35P
   SiGe, High-Linearity, 2000MHz to 3900MHz Downconversion Mixer with LO Buffer
Rev 1; 5/09
MAX2042 MAXIM-MAX2042 Datasheet
4Mb / 27P
   SiGe High-Linearity, 2000MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 8/09
MAX2044 MAXIM-MAX2044 Datasheet
6Mb / 39P
   SiGe, High-Linearity, 2300MHz to 4000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 10/09
MAX19757 MAXIM-MAX19757 Datasheet
4Mb / 34P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer
Rev 0; 12/12
MAX2029ETP-T MAXIM-MAX2029ETP-T Datasheet
417Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
   High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2029 MAXIM-MAX2029 Datasheet
411Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX2041 MAXIM-MAX2041 Datasheet
395Kb / 16P
   High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06
MAX2031 MAXIM-MAX2031 Datasheet
634Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 7/05
MAX2031 MAXIM-MAX2031_09 Datasheet
1Mb / 20P
   High-Linearity, 650MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch
Rev 1; 6/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com