Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1878 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1878
Description  Dual-Output Step-Down and LCD Step-Up Power Supply for PDAs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1878 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1878 Datasheet HTML 4Page - Maxim Integrated Products MAX1878 Datasheet HTML 5Page - Maxim Integrated Products MAX1878 Datasheet HTML 6Page - Maxim Integrated Products MAX1878 Datasheet HTML 7Page - Maxim Integrated Products MAX1878 Datasheet HTML 8Page - Maxim Integrated Products MAX1878 Datasheet HTML 9Page - Maxim Integrated Products MAX1878 Datasheet HTML 10Page - Maxim Integrated Products MAX1878 Datasheet HTML 11Page - Maxim Integrated Products MAX1878 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Inductor Selection
The MAX1878 is optimized to use a 10µH inductor over
the entire operating range. Smaller inductance values
typically offer smaller physical size for a given series
resistance or saturation current. Circuits using larger
inductance values may startup at lower input voltages
and exhibit less ripple, but also provide reduced output
power. This occurs when the inductance is sufficiently
large to prevent the maximum current limit from being
reached before the maximum on-time expires. The
inductor’s saturation current rating should be greater
than the peak switching current. However, it is generally
acceptable to bias the inductor into saturation by as
much as 20%, although this will slightly reduce efficien-
cy. Choose a low DC-resistance inductor to improve effi-
ciency. For the above reasons choose the step-up
converter inductor in the range of 10µH to 33µH
depending on the input voltage (4µH per volt of VIN).
Step-Up Converter Diode Selection
The high maximum switching frequency of 500kHz
requires a high-speed rectifier such as the 1N4148. To
maintain high efficiency, the average current rating of
the diode should be greater than the peak switching
current. Choose a reverse breakdown voltage greater
than the output voltage. A Schottky diode is not recom-
mended as the lower forward voltage does little to
improve efficiency whereas the higher reverse leakage
current decreases efficiency.
Input Bypass Capacitors
Bypass VIN with a 10µF low-ESR surface-mount ceram-
ic capacitor to PGND and PGNDLCD as close to the IC
as possible. This input bypass capacitor reduces peak
currents and noise at the input voltage source. Connect
AIN1 and AIN2 together and bypass with a low-ESR
1µF surface-mount ceramic capacitor to AGND. A low
resistance (10Ω) from IN to AIN1 and AIN2 creates a
lowpass RC filter and provides low-noise analog input
power to the MAX1878.
Output Filter Capacitors
The MAX1878 is a voltage mode converter and requires
ripple at FB and FBLCD for stable regulation. For most
applications, bypass VLCD with a 0.1µF small ceramic
surface-mount capacitor to PGNDLCD. For small
ceramic capacitors, the output ripple voltage is domi-
nated by the capacitance value. If tantalum or electrolyt-
ic capacitors are used, the higher ESR increases the
output ripple voltage. Decreasing the ESR reduces the
output ripple voltage and the peak-to-peak transient
voltage. Surface-mount capacitors are generally pre-
ferred because they lack the inductance and resistance
of their through-hole equivalents. Bypass VMAIN with a
10µF to 47µF tantalum capacitor to PGND. Choose a
capacitor with 200mΩ to 300mΩ ESR to provide stable
switching while minimizing output ripple. A 22µF filter
capacitor works well for most applications.
Ripple Regulation
For proper switching control the ripple at FB and FBLCD
must be greater than 25mV. Use R6 and C6 as shown in
Figure 1 to inject ripple into FB. To insure sufficient ripple
on FBLCD, connect C5 as shown in Figure 1.
PC Board Layout and Grounding
High switching frequencies make PC board layout a
very important part of design. Good design minimizes
excessive EMI on the feedback paths and voltage gra-
dients in the ground plane, both of which can result in
instability or regulation errors. Connect the inductors,
input filter capacitors, and output filter capacitors as
close to the device as possible, and keep their traces
short, direct, and wide. The external voltage-feedback
networks should be very close to the feedback pins,
within 0.2 inches (5mm). Keep noisy traces, such as LX
and LXLCD, away from the voltage feedback networks;
also keep them separate, using grounded copper.
The exposed backside pad and corner tabs of the
TQFN package are internally connected to analog
ground. For heat dissipation, connect the exposed
backside pad to a large analog ground plane, prefer-
ably on a surface of the board that receives good air-
flow. Connect all power grounds and all analog
grounds to separate ground planes in a star ground
configuration. Connect the analog ground plane and
the power ground plane together at a single point. The
MAX1878 evaluation kit data sheet includes a proper
PC board layout and routing scheme.
Dual-Output Step-Down and LCD Step-Up
Power Supply for PDAs
10
______________________________________________________________________________________


Similar Part No. - MAX1878

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1878 MAXIM-MAX1878 Datasheet
879Kb / 12P
   Dual-Output Step-Down and LCD Step-Up Power Supply for PDAs
Rev 1; 12/03
MAX1878EGC MAXIM-MAX1878EGC Datasheet
879Kb / 12P
   Dual-Output Step-Down and LCD Step-Up Power Supply for PDAs
Rev 1; 12/03
More results

Similar Description - MAX1878

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1878 MAXIM-MAX1878 Datasheet
879Kb / 12P
   Dual-Output Step-Down and LCD Step-Up Power Supply for PDAs
Rev 1; 12/03
logo
Shenzhen Huazhimei Semi...
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
   Step-up, step-down, step-up and step-down LED driver chip
logo
YOBON TECHNOLOGIES,INC.
YB1316 YOBON-YB1316 Datasheet
173Kb / 3P
   Step-Up/ Step-Down / Fixed Output Application
logo
National Semiconductor ...
LM2716 NSC-LM2716 Datasheet
563Kb / 17P
   Dual (Step-up and Step-down) PWM DC/DC Converter
LM2716 NSC-LM2716 Datasheet
563Kb / 17P
   Dual (Step-up and Step-down) PWM DC/DC Converter
logo
Eutech Microelectronics...
EUP2520 EUTECH-EUP2520 Datasheet
652Kb / 13P
   Dual Output Step-Up Converter for White LED Backlighting and OLED Display Power Supply
logo
Rohm
BA9743AFV ROHM-BA9743AFV_08 Datasheet
3Mb / 17P
   Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
BA9743AFV ROHM-BA9743AFV_11 Datasheet
4Mb / 17P
   Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
logo
National Semiconductor ...
LM2640 NSC-LM2640 Datasheet
504Kb / 18P
   Dual Adjustable Step-Down Switching Power Supply Controller
LM2641 NSC-LM2641 Datasheet
466Kb / 18P
   Dual Adjustable Step-Down Switching Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com