Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1614 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1614
Description  High-Side, n-Channel MOSFET Switch Driver Internal On/Off Latch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1614 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1614 Datasheet HTML 1Page - Maxim Integrated Products MAX1614 Datasheet HTML 2Page - Maxim Integrated Products MAX1614 Datasheet HTML 3Page - Maxim Integrated Products MAX1614 Datasheet HTML 4Page - Maxim Integrated Products MAX1614 Datasheet HTML 5Page - Maxim Integrated Products MAX1614 Datasheet HTML 6Page - Maxim Integrated Products MAX1614 Datasheet HTML 7Page - Maxim Integrated Products MAX1614 Datasheet HTML 8Page - Maxim Integrated Products MAX1614 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
High-Side, n-Channel MOSFET
Switch Driver
_______________________________________________________________________________________
5
_______________Detailed Description
The MAX1614 uses an internal, monolithic charge pump
and low-dropout linear regulator to supply the required
8V VGS voltage to fully enhance an n-channel MOSFET
high-side switch (Figure 1). The charge pump typically
supplies 30µA, charging 800pF of gate capacitance in
400µs (VBATT = 15V). For slower turn-on times, simply
add a small capacitor between the GATE and SRC
pins. When turned off, GATE and SRC pull low and typi-
cally discharge an 800pF gate capacitance in 80µs.
The MAX1614 provides separate on/off control inputs
(ON and OFF). ON and OFF connect, respectively, to
the SET and RESET inputs of an internal flip-flop. When
ON is pulsed low (with OFF = high), the internal charge
pump turns on, and GATE is pumped to 8V above SRC,
turning on the external MOSFETs. The charge pump
maintains gate drive to the external MOSFETs until OFF
is pulsed low. When this happens, the internal charge
pump turns off, and GATE discharges to ground
through an internal switch. For slower turn-on times,
simply add a small capacitor.
__________ Applications Information
Connecting
ON/OFF to 3V or 5V Logic
ON and OFF internally connect to 2µA max pullup
current sources (Figure 1). The open-circuit voltage
for ON and OFF ranges from 7V to 10.5V (nominally
8.5V). Since the current sources are relatively weak,
connecting ON and OFF directly to logic powered from
lower voltages (e.g., 3V or 5V) poses no problem if the
gate outputs driving these pins can sink at least 2µA
while high.
Although the MAX1614 shutdown function was designed
to operate with a single pushbutton on/off switch, it can
also be driven by a single gate. Connect ON to GND
and drive OFF directly (Figure 2).
Maximum Switching Rate
The MAX1614 is not intended for fast switching appli-
cations. In fact, it is specifically designed to limit the
rate of change of the load current,
∆I/∆t. The maximum
switching rate is limited by the turn-on time, which is a
function of the charge-pump output current and the
total capacitance on GATE (CGATE). Calculate the turn-
on time as a function of external MOSFET gate capaci-
tance using the Gate Charging Current vs. VBATT graph
in the
Typical Operating Characteristics. Since turn-off
time is small compared to turn-on time, the maximum
switching rate is approximately 1/tON.
Adding Gate Capacitance
The charge pump uses an internal monolithic transfer
capacitor to charge the external MOSFET gates.
Normally, the external MOSFET’s gate capacitance is
sufficient to serve as a reservoir capacitor. If the
MOSFETs are located at a significant distance from the
MAX1614, place a local bypass capacitor (100pF typ)
across the GATE and SRC pins. For slower turn-on
times, simply add a small capacitor between GATE and
SRC.
______________________________________________________________Pin Description
System Ground
GND
5
Gate-Drive Output. Connect to the gates of external, n-channel MOSFETs. When the MAX1614 is off, GATE
actively pulls to GND.
GATE
6
Source Input. Connect to the sources of external, n-channel MOSFETs. When the MAX1614 is off, SRC
actively pulls to GND.
SRC
7
Battery Input. Connect to a battery voltage between 5V and 26V.
BATT
8
Low-Battery Comparator Input. LBO goes low when VLBI falls below 1.20V (typ). Connect a voltage divider
between BATT, LBI, and GND to set the battery undervoltage trip threshold (see
Typical Operating Circuit).
LBI
4
Open-Drain, Low-Battery Comparator Output. LBO is low when VLBI is below the trip point.
LBO
3
PIN
RESET Input to the On/Off Latch. Pulse OFF low with ON high to turn off the external MOSFET switch. When
both ON and OFF are low, the part is off.
OFF
2
SET Input to the On/Off Latch. Pulse ON low with OFF high to turn on the external MOSFET switch. When
both ON and OFF are low, the part is off.
ON
1
FUNCTION
NAME


Similar Part No. - MAX1614

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1614 MAXIM-MAX1614 Datasheet
87Kb / 8P
   High-Side, N-Channel MOSFET Switch Driver
19-1176; Rev 0; 12/96
MAX16140 MAXIM-MAX16140 Datasheet
437Kb / 12P
   nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
MAX16140B220KM MAXIM-MAX16140B220KM Datasheet
437Kb / 12P
   nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
MAX16140B220KMT MAXIM-MAX16140B220KMT Datasheet
437Kb / 12P
   nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
MAX16140D220JM MAXIM-MAX16140D220JM Datasheet
437Kb / 12P
   nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
More results

Similar Description - MAX1614

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1614 MAXIM-MAX1614 Datasheet
87Kb / 8P
   High-Side, N-Channel MOSFET Switch Driver
19-1176; Rev 0; 12/96
logo
Rohm
BD6538G ROHM-BD6538G_14 Datasheet
1Mb / 25P
   Output OFF Latch High Side Switch ICs
BD6538G-LB ROHM-BD6538G-LB Datasheet
512Kb / 24P
   Output OFF Latch High Side Switch ICs
BD2220G ROHM-BD2220G_14 Datasheet
937Kb / 26P
   0.75A Current Limit Latch Off High Side Switch ICs
logo
Linear Technology
LTC4446 LINER-LTC4446 Datasheet
193Kb / 12P
   High Voltage High Side/Low Side N-Channel MOSFET Driver
LTC4446 LINER-LTC4446_15 Datasheet
175Kb / 12P
   High Voltage High Side/ Low Side N-Channel MOSFET Driver
logo
Toshiba Semiconductor
TPD7102F TOSHIBA-TPD7102F_13 Datasheet
269Kb / 16P
   1 channel High-Side N channel Power MOSFET Gate Driver
TPD7102F TOSHIBA-TPD7102F Datasheet
268Kb / 16P
   1 channel High-Side N channel Power MOSFET Gate Driver
TPD7104F TOSHIBA-TPD7104F Datasheet
589Kb / 13P
   1 channel High-Side N channel Power MOSFET Gate Driver
logo
SHANGHAI BELLING CO., L...
BL2557 BELLING-BL2557 Datasheet
501Kb / 2P
   ON/OFF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com