Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRA018-S12-I Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # FRA018-S12-I
Description  12~18WAC-DC Single Output Interchangeable Wall-mounted type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

FRA018-S12-I Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  FRA018-S12-I Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. FRA018-S12-I Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TYPE
ORDERNO.
Australiantype
U.Ktype
Europeantype
UStype
Mixfourtype
ACplug-AU
ACplug-UK
ACplug-EU
ACplug-US
ACplug-MIX
GE1805-P1J
GE1807-P1J
GE1809-P1J
GE1812-P1J
GE1815-P1J
GE1818-P1J
GE1824-P1J
GE1848-P1J
I
I
I
I
I
I
I
I
I
POWERSUPPLY MAINBODY ORDERNO.
SAFETY MODEL NO.
DCVOLTAGE
Note.2
RATEDCURRENT
OUTPUT
SETUP,RISE,HOLDUP TIME
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
LIFE
DIMENSION
OTHERS
DCOUTPUT
NOTE
PLUG
CABLE
OVERLOAD
OVERVOLTAGE
9V
7.5V
5V
12V
15V
18V
24V
48V
2.0A
1.73A
2.4A
1.5A
1.2A
1.0A
0.75A
0.375A
CURRENTRANGE
0~2.0A
0~1.73A
0~2.4A
0~1.5A
0~1.2A
0~1.0A
0~0.75A
0~0.375A
RIPPLE&NOISE(max.) Note.3
100mVp-p
75mVp-p
50mVp-p
120mVp-p
150mVp-p
180mVp-p
240mVp-p
300mVp-p
VOLTAGETOLERANCE Note.4
LINEREGULATION
Note.5
LOADREGULATION
Note.6
3.0%
3.0%
3.0%
1.0%
1.0%
1.0%
1.0%
1.0%
5.0%
5.0%
5.0%
5.0%
1.0%
1.0%
1.0%
5.0%
5.0%
3.0%
3.0%
3.0%
3.0%
3.0%
3.0%
3.0%
4000ms,100ms,30ms/230VAC4000ms,100ms,10ms/115VACatfullload
90~264VAC135~370VDC
47~63Hz
0.7
A /230VAC
A /100VAC0.4
COLDSTART 40A /100VAC80A /230VAC
0.25mA /240VAC
110%~200%ratedoutputpower
115%~135%
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
100Khrsmin.MIL-HDBK-217F (25
)
2years:100%load30
,8hours/day
-10~+50
(Referto"DeratingCurve")
20%~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
81*43*40.5mm(L*W*H)
1.All parameters are specified at 230VAC input, rated load, 25
70% RH ambient.
2.DC voltage: The output voltage set at point measure by plug terminal & 50% load.
3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
4.Tolerance: includes set up tolerance, line regulation, load regulation.
5.Line regulation is measured from low line to high line at rated load.
6.Load regulation is measured from 10% to 100% rated load
7.Main body unit and AC inlet plug should be ordered seperately ; it needs to be used along with any of the AC inlet plug.
CONNECTOR
FRA018-S05-
FRA018-S07-
FRA018-S09-
FRA018-S12-
FRA018-S15-
FRA018-S18-
FRA018-S24-
FRA018-S48-
RATEDPOWER (max.)
18W
18W
18W
13W
12W
18W
18W
18W
StandardtypeP1J:2.1
*5.5
*11mmturningforktype,centerpositiveforstock;Othertypeavailablebycustomerrequested
Seepage2
Features :
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Clampbyzenerdiode
ENVIRONMENT
PROTECTION
FileName:GE18-SPEC2011-06-14
12~18W AC-DCSingleOutputInterchangeableWall-mountedtype
G E 1 8 series
Interchangeable AC plugs (plug kit sold seperately)
Universal AC input / Full range
No load power consumption< 0.3W
ErP step2 compliant
Meet EISA 2007 (Energy Independence and Security Act) for 5~48V
Class
power (without earth pin)
Protections: Short circuit / Overload / Over voltage
Fully enclosed plastic case
LED indicator for power on
Pass LPS
Approvals: UL / CUL / TUV / CCC / CB / FCC / CE / C-Tick
2 years warranty
UL60950-1,CSA C22.2, TUVEN60950-1,CCCGB4943approved
I/P-O/P:4242VDC
I/P-O/P:
/25
/70%RH
100MOhms/500VDC
CompliancetoEN55022,EN61000-3-2,3,FCCpart15,GB9254classB
CompliancetoEN61000-4-2,3,4,5,6,8,11,l
criteria A
ightindustrylevel,
PACKING
134g;60pcs/12.32kg/CARTON
81%
79%
75%
82%
84%
84%
85%
85%
I
I
I
I
I
I
I
SPECIFICATION
AC INLET PLUG
EMCIMMUNITY
EMCEMISSION


Similar Part No. - FRA018-S12-I

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
FRA010-120 DBLECTRO-FRA010-120 Datasheet
112Kb / 3P
   Radial Leaded PTC FRA Series
logo
RFE international
FRA010-120F RFE-FRA010-120F Datasheet
182Kb / 2P
   FRA010-120F FRA Series
logo
Mean Well Enterprises C...
FRA012-S05-I MEANWELL-FRA012-S05-I Datasheet
192Kb / 2P
   10~15WAC-DC Single Output Interchangeable Wall-mounted type
FRA012-S07-I MEANWELL-FRA012-S07-I Datasheet
192Kb / 2P
   10~15WAC-DC Single Output Interchangeable Wall-mounted type
FRA012-S09-I MEANWELL-FRA012-S09-I Datasheet
192Kb / 2P
   10~15WAC-DC Single Output Interchangeable Wall-mounted type
More results

Similar Description - FRA018-S12-I

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GS18U MEANWELL-GS18U Datasheet
100Kb / 2P
   10~18WAC-DC Single Output Wall-mounted type
GS18E MEANWELL-GS18E_11 Datasheet
158Kb / 2P
   15~18WAC-DC Single Output Wall-mounted type
GS18U MEANWELL-GS18U_12 Datasheet
166Kb / 2P
   15~18WAC-DC Single Output Wall-mounted type
GS18U MEANWELL-GS18U_11 Datasheet
148Kb / 2P
   15~18WAC-DC Single Output Wall-mounted type
ES18E MEANWELL-ES18E Datasheet
152Kb / 2P
   9~18WAC-DC Single Output Wall-mounted type
ES18U MEANWELL-ES18U Datasheet
147Kb / 2P
   9~18WAC-DC Single Output Wall-mounted type
GS18E MEANWELL-GS18E Datasheet
110Kb / 2P
   10~18WAC-DC Single Output Wall-mounted type
GE12 MEANWELL-GE12 Datasheet
192Kb / 2P
   10~15WAC-DC Single Output Interchangeable Wall-mounted type
GE24 MEANWELL-GE24 Datasheet
193Kb / 2P
   15~24WAC-DC Single Output Interchangeable Wall-mounted type
GS15E MEANWELL-GS15E_11 Datasheet
138Kb / 2P
   12~15WAC-DC Single Output Wall-mounted type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com