Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1454 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1454
Description  Precision Sensor Signal Conditioner with Overvoltage Protection
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1454 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1454_11 Datasheet HTML 1Page - Maxim Integrated Products MAX1454_11 Datasheet HTML 2Page - Maxim Integrated Products MAX1454_11 Datasheet HTML 3Page - Maxim Integrated Products MAX1454_11 Datasheet HTML 4Page - Maxim Integrated Products MAX1454_11 Datasheet HTML 5Page - Maxim Integrated Products MAX1454_11 Datasheet HTML 6Page - Maxim Integrated Products MAX1454_11 Datasheet HTML 7Page - Maxim Integrated Products MAX1454_11 Datasheet HTML 8Page - Maxim Integrated Products MAX1454_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
����������������������������������������������������������������� Maxim Integrated Products 3
MAX1454
Precision Sensor Signal Conditioner
with Overvoltage Protection
ELECTRICAL CHARACTERISTICS (continued)
(VDDX = 5V, VGND = 0V, TA = +25NC, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG OUTPUT
Differential Signal Gain
Selectable in 32 steps
6 to 2048
V/V
PGA[4:0] = 00000bin
5.5
6
6.5
PGA[4:0] = 00101bin
12.5
14
15.5
PGA[4:0] = 01010bin
40
44
48
PGA[4:0] = 01100bin
58
64
70
PGA[4:0] = 01101bin
72
80
88
PGA[4:0] = 01110bin
86
96
106
PGA[4:0] = 01111bin
101
112
123
PGA[4:0] = 10000bin
130
144
158
PGA[4:0] = 10110bin
374
416
458
PGA[4:0] = 11100bin
1037
1152
1267
PGA[4:0] = 11111bin
1823
2048
2253
Output-Voltage Swing
No load
VGND +
0.02
VDDX -
0.32
V
Output-Voltage Low
IOUT = 1mA sinking, TA = TMIN to TMAX
0.25
V
Output-Voltage High
IOUT = 1mA sourcing, TA = TMIN to TMAX
VDDX -
0.55
V
Output Current Drive
Capability
Maintain DC output to 2mV error compared
to no load case (Note 4)
Q
1
mA
Output Source Current Limit
8
mA
Output Sink Current Limit
-8
mA
Output Impedance at DC
VOUT = 2.5V
0.2
I
Output Offset Ratio
D
VOUT/
D
Offset DAC
0.9
1.2
V/V
Output Offset TC Ratio
D
VOUT/
D
Offset TC DAC
0.9
1.2
V/V
Step Response
(63% Final Value)
85
F
s
Maximum Capacitive Load
0.01
F
F
Noise at Output Pin
DC to 1kHz, source
impedance = 5kI
Gain = 36
0.5
mVRMS
Gain = 256
1.5
Gain = 512
3
Gain = 1024
6
Gain = 2048
12


Similar Part No. - MAX1454_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14541E MAXIM-MAX14541E Datasheet
874Kb / 8P
   3-Channel, Low-Leakage ESD Protector
Rev 0; 4/09
MAX14541EAXK+T MAXIM-MAX14541EAXK+T Datasheet
874Kb / 8P
   3-Channel, Low-Leakage ESD Protector
Rev 0; 4/09
MAX14544 MAXIM-MAX14544 Datasheet
1Mb / 10P
   28V-Capable, ILIM VBUS Accessory Switch
Rev 0; 1/10
MAX14544ETA+T MAXIM-MAX14544ETA+T Datasheet
1Mb / 10P
   28V-Capable, ILIM VBUS Accessory Switch
Rev 0; 1/10
MAX14545 MAXIM-MAX14545 Datasheet
1Mb / 10P
   28V-Capable, ILIM VBUS Accessory Switch
Rev 0; 1/10
More results

Similar Description - MAX1454_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1454 MAXIM-MAX1454_V01 Datasheet
1Mb / 25P
   Precision Sensor Signal Conditioner with Overvoltage Protection
19-5945 Rev 0; 6/11
MAX1452 MAXIM-MAX1452 Datasheet
283Kb / 24P
   Low-Cost Precision Sensor Signal Conditioner
Rev 1; 6/01
MAX1452 MAXIM-MAX1452_10 Datasheet
267Kb / 25P
   Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
MAX1452 MAXIM-MAX1452_V01 Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-1829; Rev 5; 4/15
MAX1452 MAXIM-MAX1452_09 Datasheet
182Kb / 25P
   Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
MAX14550 MAXIM-MAX14550_V01 Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-2088; Rev 2; 5/14
logo
List of Unclassifed Man...
ZSSC3008 ETC2-ZSSC3008 Datasheet
772Kb / 47P
   Sensor Signal Conditioner with Diagnostics
logo
Integrated Device Techn...
ZSSC3015 IDT-ZSSC3015 Datasheet
508Kb / 48P
   Sensor Signal Conditioner with Diagnostics
logo
List of Unclassifed Man...
ZSSC3015 ETC2-ZSSC3015 Datasheet
1,002Kb / 51P
   Sensor Signal Conditioner with Diagnostics
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com