Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1425CAI Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1425CAI
Description  10-Bit, 20Msps ADC Separate Digital Supply Input for 3V Logic Compatibility
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1425CAI Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1425CAI Datasheet HTML 2Page - Maxim Integrated Products MAX1425CAI Datasheet HTML 3Page - Maxim Integrated Products MAX1425CAI Datasheet HTML 4Page - Maxim Integrated Products MAX1425CAI Datasheet HTML 5Page - Maxim Integrated Products MAX1425CAI Datasheet HTML 6Page - Maxim Integrated Products MAX1425CAI Datasheet HTML 7Page - Maxim Integrated Products MAX1425CAI Datasheet HTML 8Page - Maxim Integrated Products MAX1425CAI Datasheet HTML 9Page - Maxim Integrated Products MAX1425CAI Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
0
20
40
60
80
SPURIOUS-FREE DYNAMIC RANGE
vs. POWER (fIN = 9.984MHz)
INPUT (dB)
-60
-30
-45
-15
0
-80
-60
-40
-20
0
TOTAL HARMONIC DISTORTION
vs. POWER (fIN = 2.003MHz)
INPUT (dB)
-60
-30
-45
-15
0
-80
-60
-40
-20
0
TOTAL HARMONIC DISTORTION
vs. POWER (fIN = 5.009MHz)
INPUT (dB)
-60
-30
-45
-15
0
10-Bit, 20Msps ADC
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VAVDD = VCMLP = +5V, VDVDD = +3.3V, VCMLN = VAGND = 0V, internal reference, digital output load = 35pF, fCLK = 20Msps (50%
duty cycle), for dynamic performance 0dB is full scale, TA = +25°C, unless otherwise noted.)
0
20
10
30
40
50
60
SIGNAL-TO-NOISE PLUS DISTORTION
vs. POWER (fIN = 9.884MHz)
INPUT (dB)
-60
-30
-45
-15
0
0
20
40
60
SIGNAL-TO-NOISE RATIO
vs. POWER (fIN = 9.884MHz)
INPUT (dB)
-60
-30
-45
-15
0
0
20
10
30
40
50
60
SIGNAL-TO-NOISE RATIO
vs. POWER (fIN = 2.003MHz)
INPUT (dB)
-60
-30
-45
-15
0
0
20
10
30
40
50
60
SIGNAL-TO-NOISE RATIO
vs. POWER (fIN = 5.009MHz)
INPUT (dB)
-60
-30
-45
-15
0
0
20
10
30
40
50
60
70
80
SPURIOUS-FREE DYNAMIC RANGE
vs. POWER (fIN = 2.003MHz)
INPUT (dB)
-60
-30
-45
-15
0
0
20
10
30
40
50
60
70
80
SPURIOUS-FREE DYNAMIC RANGE
vs. POWER (fIN = 5.009MHz)
INPUT (dB)
-60
-30
-45
-15
0


Similar Part No. - MAX1425CAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1425CAI MAXIM-MAX1425CAI Datasheet
212Kb / 16P
   10-Bit, 20Msps ADC
19-1597; Rev 0; 1/00
More results

Similar Description - MAX1425CAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1425 MAXIM-MAX1425 Datasheet
212Kb / 16P
   10-Bit, 20Msps ADC
19-1597; Rev 0; 1/00
MAX1160 MAXIM-MAX1160 Datasheet
76Kb / 8P
   10-Bit, 20Msps, TTL-Output ADC
19-1189; Rev 0; 3/97
logo
Linear Technology
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2201 LINER-LTC2201 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
logo
Maxim Integrated Produc...
MAX1184 MAXIM-MAX1184 Datasheet
504Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 10/01
MAX1185 MAXIM-MAX1185_11 Datasheet
359Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 3; 5/11
MAX1185 MAXIM-MAX1185 Datasheet
495Kb / 20P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
MAX1185 MAXIM-MAX1185_10 Datasheet
299Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 2; 4/10
logo
Burr-Brown (TI)
ADS901 BURR-BROWN-ADS901 Datasheet
174Kb / 11P
   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS900 TI-ADS900_V01 Datasheet
342Kb / 15P
[Old version datasheet]   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com