Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1227BCEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1227BCEE
Description  12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1227BCEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1227BCEE Datasheet HTML 4Page - Maxim Integrated Products MAX1227BCEE Datasheet HTML 5Page - Maxim Integrated Products MAX1227BCEE Datasheet HTML 6Page - Maxim Integrated Products MAX1227BCEE Datasheet HTML 7Page - Maxim Integrated Products MAX1227BCEE Datasheet HTML 8Page - Maxim Integrated Products MAX1227BCEE Datasheet HTML 9Page - Maxim Integrated Products MAX1227BCEE Datasheet HTML 10Page - Maxim Integrated Products MAX1227BCEE Datasheet HTML 11Page - Maxim Integrated Products MAX1227BCEE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
12-Bit 300ksps ADCs with FIFO,
Temp Sensor, Internal Reference
8
_______________________________________________________________________________________
Pin Description
PIN
MAX1231
TQFN-EP
MAX1231
QSOP
MAX1229
MAX1227
NAME
FUNCTION
2–12, 26,
27, 28,
1–14
AIN0–13
Analog Inputs
1–10
AIN0–9
Analog Inputs
1–6
AIN0–5
Analog Inputs
13
15
REF-/AIN14
Negative Input for External Differential Reference/Analog Input 14.
See Table 3 for details on programming the setup register.
11
REF-/AIN10
Negative Input for External Differential Reference/Analog Input 10.
See Table 3 for details on programming the setup register.
7
REF-/AIN6
Negative Input for External Differential Reference/Analog Input 6.
See Table 3 for details on programming the setup register.
14
16
CNVST/
AIN15
Active-Low Conversion Start Input/Analog Input 15. See Table 3 for
details on programming the setup register.
12
CNVST/
AIN11
Active-Low Conversion Start Input/Analog Input 11. See Table 3 for
details on programming the setup register.
———
8
CNVST/
AIN7
Active-Low Conversion Start Input/Analog Input 7. See Table 3 for
details on programming the setup register.
15
17
13
9
REF+
Positive Reference Input. Bypass to GND with a 0.1µF capacitor.
16
18
14
10
GND
Ground
18
19
15
11
VDD
Power Input. Bypass to GND with a 0.1µF capacitor.
20
20
16
12
SCLK
Serial Clock Input. Clocks data in and out of the serial interface.
(Duty cycle must be 40% to 60%.) See Table 3 for details on
programming the clock mode.
21
21
17
13
CS
Active-Low Chip Select Input. When CS is low, the serial interface
is enabled. When CS is high, DOUT is high impedance.
22
22
18
14
DIN
Serial Data Input. DIN data is latched into the serial interface on the
rising edge of SCLK.
23
23
19
15
DOUT
Serial Data Output. Data is clocked out on the falling edge of
SCLK. High impedance when CS is connected to VDD.
24
24
20
16
EOC
End of Conversion Output. Data is valid after EOC pulls low.
1, 17, 19,
25
N.C.
No Connection. Not internally connected.
EP
Exposed Pad (TQFN Only). Connect to GND.


Similar Part No. - MAX1227BCEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1227BCEE++ MAXIM-MAX1227BCEE+ Datasheet
231Kb / 22P
   12-Bit 300ksps ADCs with FIFO,Temp Sensor, Internal Reference
Rev 7; 4/12
MAX1227BCEE-T MAXIM-MAX1227BCEE-T Datasheet
512Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2851; Rev 1; 7/03
MAX1227BCEE-T MAXIM-MAX1227BCEE-T Datasheet
265Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 2/10
More results

Similar Description - MAX1227BCEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1227 MAXIM-MAX1227_12 Datasheet
231Kb / 22P
   12-Bit 300ksps ADCs with FIFO,Temp Sensor, Internal Reference
Rev 7; 4/12
MAX1227 MAXIM-MAX1227_10 Datasheet
265Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 2/10
MAX1226 MAXIM-MAX1226 Datasheet
543Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2852; Rev 1; 7/03
MAX1227 MAXIM-MAX1227 Datasheet
512Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2851; Rev 1; 7/03
MAX1226 MAXIM-MAX1226_V01 Datasheet
394Kb / 23P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
2010
MAX1026 MAXIM-MAX1026_09 Datasheet
254Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 11/09
MAX1026 MAXIM-MAX1026 Datasheet
474Kb / 24P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 1; 7/03
MAX1027 MAXIM-MAX1027 Datasheet
248Kb / 23P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 2; 10/05
MAX1027 MAXIM-MAX1027_V01 Datasheet
821Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
2011
MAX1026 MAXIM-MAX1026_11 Datasheet
339Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 4; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com