Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1112EAP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1112EAP
Description  5V, Low-Power, Multi-Channel, Serial 8-Bit ADCs Internal 4.096V Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1112EAP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1112EAP Datasheet HTML 1Page - Maxim Integrated Products MAX1112EAP Datasheet HTML 2Page - Maxim Integrated Products MAX1112EAP Datasheet HTML 3Page - Maxim Integrated Products MAX1112EAP Datasheet HTML 4Page - Maxim Integrated Products MAX1112EAP Datasheet HTML 5Page - Maxim Integrated Products MAX1112EAP Datasheet HTML 6Page - Maxim Integrated Products MAX1112EAP Datasheet HTML 7Page - Maxim Integrated Products MAX1112EAP Datasheet HTML 8Page - Maxim Integrated Products MAX1112EAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
+5V, Low-Power, Multi-Channel,
Serial 8-Bit ADCs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to AGND............................................................-0.3V to +6V
AGND to DGND.....................................................-0.3V to +0.3V
CH0–CH7, COM, REFIN,
REFOUT to AGND ...................................-0.3V to (VDD + 0.3V)
Digital Inputs to DGND.............................................-0.3V to +6V
Digital Outputs to DGND ............................-0.3V to (VDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
QSOP (derate 8.30mW/°C above +70°C) .....................667mW
SSOP (derate 8.00mW/°C above +70°C) .....................640mW
Operating Temperature Ranges
MAX1112CAP/MAX1113CEE...............................0°C to +70°C
MAX1112EAP/MAX1113EEE ............................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
ELECTRICAL CHARACTERISTICS
(VDD = 4.5V to 5.5V; unipolar input mode; VCOM = 0V; fSCLK = 500kHz, external clock (50% duty cycle); 10 clocks/conversion cycle
(50ksps); 1µF capacitor at REFOUT; TA = TMIN to TMAX; unless otherwise noted.)
-3dB rolloff
MHz
1.5
Small-Signal Bandwidth
kHz
800
VCH_ = 4.096VP-P, 25kHz (Note 3)
External reference, 4.096V
No missing codes over temperature
CONDITIONS
Full-Power Bandwidth
±1
Internal or external reference
LSB
Gain Error (Note 2)
dB
-75
Channel-to-Channel Crosstalk
dB
68
SFDR
Spurious-Free Dynamic Range
dB
-70
THD
Total Harmonic Distortion
(Up to the 5th Harmonic)
LSB
±0.1
Channel-to-Channel
Offset Matching
ppm/°C
±0.8
Gain Temperature Coefficient
LSB
±1
DNL
Differential Nonlinearity
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
LSB
±0.3
±1
TUE
Total Unadjusted Error
Bits
8
Resolution
dB
49
SINAD
Signal-to-Noise
and Distortion Ratio
LSB
±0.1
±0.5
INL
Relative Accuracy (Note 1)
LSB
±0.3
±1
Offset Error
DC ACCURACY
DYNAMIC SPECIFICATIONS (10.034kHz sine-wave input, 4.096VP-P, 50ksps, 500kHz external clock)


Similar Part No. - MAX1112EAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1112 MAXIM-MAX1112 Datasheet
127Kb / 8P
   Complete Evaluation System Samples to 5ksps
Rev 0; 3/97
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 4/12
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11120ATI++ MAXIM-MAX11120ATI+ Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 4/12
More results

Similar Description - MAX1112EAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1080 MAXIM-MAX1080 Datasheet
550Kb / 24P
   300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
MAX1280 MAXIM-MAX1280_V01 Datasheet
450Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX187 MAXIM-MAX187 Datasheet
177Kb / 20P
   5V, Low-Power, 12-Bit Serial ADCs
19-0196; Rev 0; 10/93
MAX187 MAXIM-MAX187_V01 Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX1084 MAXIM-MAX1084_V01 Datasheet
375Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com