Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX536BCPE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX536BCPE
Description  Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX536BCPE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX536BCPE Datasheet HTML 5Page - Maxim Integrated Products MAX536BCPE Datasheet HTML 6Page - Maxim Integrated Products MAX536BCPE Datasheet HTML 7Page - Maxim Integrated Products MAX536BCPE Datasheet HTML 8Page - Maxim Integrated Products MAX536BCPE Datasheet HTML 9Page - Maxim Integrated Products MAX536BCPE Datasheet HTML 10Page - Maxim Integrated Products MAX536BCPE Datasheet HTML 11Page - Maxim Integrated Products MAX536BCPE Datasheet HTML 12Page - Maxim Integrated Products MAX536BCPE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Calibrated, Quad, 12-Bit
Voltage-Output DACs with Serial Interface
_______________________________________________________________________________________
9
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
VDD = +15V, VSS = -5V, REFAB = 5V, CL = 100pF, RL = 10kΩ
MAX536
DYNAMIC RESPONSE (ALL BITS ON, OFF, ON)
5
µs/div
CS,
5V/div
OUTA,
2V/div
VDD = +15V, VSS = -5V, REFAB = 10V, CL = 100pF, RL = 10kΩ
MAX536
NEGATIVE FULL-SCALE SETTLING TIME
(ALL BITS ON TO ALL BITS OFF)
1
µs/div
CS,
5V/div
OUTA,
5V/div
OUTA,
5mV/div
VDD = +15V, VSS = -5V, REFAB = 10V, CL = 100pF, RL = 10kΩ
MAX536
POSITIVE FULL-SCALE SETTLING TIME
(ALL BITS OFF TO ALL BITS ON)
1
µs/div
CS,
5V/div
OUTA,
5V/div
OUTA,
-10V OFFSET
5mV/div
VDD = +15V, VSS = -5V, REFAB = 10V, CS = HIGH,
DIN TOGGLING AT 12 THE CLOCK RATE,
OUTA = 5V
MAX536
DIGITAL FEEDTHROUGH
SCK,
5V/div
OUTA,
AC-COUPLED,
10mV/div
MAX536


Similar Part No. - MAX536BCPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX536BCPE MAXIM-MAX536BCPE Datasheet
361Kb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 2a; 1/97
More results

Similar Description - MAX536BCPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX536 MAXIM-MAX536 Datasheet
361Kb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 2a; 1/97
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
logo
IC MICROSYSTEMS
ICM7377B ICMIC-ICM7377B Datasheet
133Kb / 11P
   Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com