Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4050_EX3-21+T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # LM4050_EX3-21+T
Description  50ppmC Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM4050_EX3-21+T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button LM4050_EX3-21+T Datasheet HTML 2Page - Maxim Integrated Products LM4050_EX3-21+T Datasheet HTML 3Page - Maxim Integrated Products LM4050_EX3-21+T Datasheet HTML 4Page - Maxim Integrated Products LM4050_EX3-21+T Datasheet HTML 5Page - Maxim Integrated Products LM4050_EX3-21+T Datasheet HTML 6Page - Maxim Integrated Products LM4050_EX3-21+T Datasheet HTML 7Page - Maxim Integrated Products LM4050_EX3-21+T Datasheet HTML 8Page - Maxim Integrated Products LM4050_EX3-21+T Datasheet HTML 9Page - Maxim Integrated Products LM4050_EX3-21+T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
50ppm/°C Precision Micropower Shunt Voltage
References with Multiple Reverse Breakdown Voltages
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—4.096V
(IR = 100µA, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LM4050A (0.1%)
4.0919
4.0960
4.1001
LM4050B (0.2%)
4.0878
4.0960
4.1042
Reverse Breakdown Voltage
VR
TA = +25
°C
LM4050C (0.5%)
4.0755
4.0960
4.1165
V
LM4050A
±4.1
±25
LM4050B
±8.2
±29
Reverse Breakdown Voltage
Tolerance (Note 2)
VRTOL
LM4050C
±20
±41
mV
Minimum Operating Current
IRMIN
50
73
µA
IR = 10mA
±30
IR = 1mA
±20
±50
Average Reverse Voltage
Temperature Coefficient
(Notes 2, 3)
∆VR/∆T
IR = 100µA
±15
ppm/
°C
IRMIN
≤ IR ≤ 1mA
0.5
1.2
Reverse Breakdown Voltage
Change with Operating
Current Change
1mA
≤ IR ≤ 15mA
3.0
10.0
mV
Reverse Dynamic
Impedance (Note 3)
ZR
IR = 1mA, f = 120Hz, IAC = 0.1IR
0.5
1.0
Wideband Noise
eN
IR = 100µA, 10Hz
≤ f ≤ 10kHz
64
µVRMS
Reverse Breakdown Voltage
Long-Term Stability
∆VR
T = 1000h
120
ppm


Similar Part No. - LM4050_EX3-21+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LM4050AEX3-2.1+T MAXIM-LM4050AEX3-2.1+T Datasheet
251Kb / 13P
   50ppm/째C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 4; 5/09
LM4050AEX3-2.1-T MAXIM-LM4050AEX3-2.1-T Datasheet
287Kb / 14P
   50ppm/°C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 3; 3/06
LM4050AEX3-2.5+T MAXIM-LM4050AEX3-2.5+T Datasheet
251Kb / 13P
   50ppm/째C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 4; 5/09
LM4050AEX3-2.5-T MAXIM-LM4050AEX3-2.5-T Datasheet
287Kb / 14P
   50ppm/°C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 3; 3/06
LM4050BEX3-2.1+T MAXIM-LM4050BEX3-2.1+T Datasheet
251Kb / 13P
   50ppm/째C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 4; 5/09
More results

Similar Description - LM4050_EX3-21+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LM4050 MAXIM-LM4050_09 Datasheet
251Kb / 13P
   50ppm/째C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 4; 5/09
LM4050 MAXIM-LM4050 Datasheet
287Kb / 14P
   50ppm/°C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 3; 3/06
LM4040 MAXIM-LM4040 Datasheet
415Kb / 15P
   Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Rev 7; 11/11
LM4040 MAXIM-LM4040_V01 Datasheet
1Mb / 17P
   Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
2019
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040 Datasheet
452Kb / 10P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4041 DIODES-LM4041 Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com