Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD10M441H Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PD10M441H
Description  85A 450~500V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PD10M441H Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PD10M441H Datasheet HTML 1Page - Nihon Inter Electronics Corporation PD10M441H Datasheet HTML 2Page - Nihon Inter Electronics Corporation PD10M441H Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
MOSFET
MOSFET
MOSFET
MOSFET
85A
85A
85A
85A 450
450
450
450~
500V
500V
500V
500V
PD10M441H
PD10M440H
P2H10M441H
P2H10M440H
耐 圧・クラス
Grade
Rating
記 号
Symbol
PD10M441H/P2H10M441H PD10M440H/P2H10M440H
単位
Unit
450
500
ドレイン・ソース間電圧
Drain-Source Voltage
VDSS
VGS=0V
V
ゲート・ソース間電圧
Gate-Source Voltage
VGSS
±20
V
Duty=50%
85(Tc=25℃)
ドレイン電流(連続)
Continuous Drain Current
D.C.
ID
60(Tc=25℃)
A
パルスドレイン電流
Pulsed Drain Current
IDM
170(Tc=25℃)
A
全損失
Total Power Dissipation
PD
730(Tc=25℃)
W
動作接合温度範囲
Operating Junction Temperature Range
Tjw
−40∼+150℃
保存温度範囲
Storage Temperature Range
Tstg
−40∼+125℃
2000
絶縁耐圧
RMS Isolation Voltage
Viso
端子 - ベース間,AC1 分間 Terminals to Base, AC 1 min .
V
3.0(本体取付 Module Base to Heat sink)
締付トルク
Mounting Torque
Ftor
2.0(ネジ端子部 Bus bar to Main Terminals)
N・m
PD10M441H/440H
PD10M441H/440H
PD10M441H/440H
PD10M441H/440H
P2H10M441H/440H
P2H10M441H/440H
P2H10M441H/440H
P2H10M441H/440H
質量 Approximate Weight :220g
質量 Approximate Weight :220g
最大定格
最大定格
最大定格
最大定格
Maximum Ratings
108.0
108.0


Similar Part No. - PD10M441H

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD10M441H NIEC-PD10M441H Datasheet
67Kb / 3P
   MOSFET MODULE DUAL 85A 450V/500V
logo
Kyocera Kinseki Corpota...
PD10M441H KSS-PD10M441H Datasheet
478Kb / 3P
   MOSFET
More results

Similar Description - PD10M441H

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PD10M440H NI-PD10M440H_15 Datasheet
123Kb / 3P
   85A 450節?00V
logo
Nihon Inter Electronics...
PD4M440L NIEC-PD4M440L_1 Datasheet
119Kb / 3P
   30A 450~500V
PD7M440L NIEC-PD7M440L_1 Datasheet
121Kb / 3P
   50A 450~500V
PD10M440L NIEC-PD10M440L_1 Datasheet
117Kb / 3P
   70A 450~500V
PD7M440H NIEC-PD7M440H_1 Datasheet
114Kb / 3P
   50A 450~500V
PD10M440H NIEC-PD10M440H Datasheet
67Kb / 3P
   MOSFET MODULE DUAL 85A 450V/500V
PD4M440H NIEC-PD4M440H_1 Datasheet
117Kb / 3P
   MOSFET 30A 450~500V
PD4M440H NIEC-PD4M440H Datasheet
64Kb / 3P
   MOSFET MODULE Dual 30A 450/500V
logo
IXYS Corporation
IXTH12N45 IXYS-IXTH12N45 Datasheet
65Kb / 1P
   12 AMPS, 450-500V, 0.4OM/0.5OM
logo
Fairchild Semiconductor
IRF440-443 FAIRCHILD-IRF440-443 Datasheet
150Kb / 5P
   N-Channel Power MOSFETs, 8A, 450 V/500V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com