Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS9490B Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS9490B
Description  USB to 1-Wire/iButton Adapters High-Speed 12Mbps Universal Serial Bus (USB) Interface
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9490B Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS9490B Datasheet HTML 1Page - Maxim Integrated Products DS9490B Datasheet HTML 2Page - Maxim Integrated Products DS9490B Datasheet HTML 3Page - Maxim Integrated Products DS9490B Datasheet HTML 4Page - Maxim Integrated Products DS9490B Datasheet HTML 5Page - Maxim Integrated Products DS9490B Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DS9490R/DS9490B
4 of 6
MECHANICAL DIMENSIONS
All dimensions are in millimeters.
Figure 6. DS9490R
11.66
3.12
20.42
42.65
13.89
21.54
Figure 7. DS9490B
3.28
11.66
56.82
24.94
16.54
8.74
ENVIRONMENTAL REQUIREMENTS
CONDITION
PARAMETER
VALUE
Storage
Temperature
-10°C to +85°C
Storage
Relative humidity, noncondensing
95%
Storage
Duration
1yr (max) at 95%RH and +85
°C
Operating
Temperature
0°C to +70°C
Operating
Relative humidity, noncondensing
80%


Similar Part No. - DS9490B

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9490B DALLAS-DS9490B Datasheet
216Kb / 5P
   USB to 1-Wire/iButton Adapter
logo
Maxim Integrated Produc...
DS9490B MAXIM-DS9490B Datasheet
556Kb / 6P
   USB to 1-Wire/iButton Adapter
Rev 8/09
DS9490B MAXIM-DS9490B Datasheet
418Kb / 44P
   High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 3; 4/11
More results

Similar Description - DS9490B

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9490B DALLAS-DS9490B Datasheet
216Kb / 5P
   USB to 1-Wire/iButton Adapter
logo
Maxim Integrated Produc...
DS9490R MAXIM-DS9490R Datasheet
556Kb / 6P
   USB to 1-Wire/iButton Adapter
Rev 8/09
logo
Tyco Electronics
1-1775066-1 MACOM-1-1775066-1 Datasheet
760Kb / 1P
   Universal Serial Bus (USB) Connectors
logo
TDK Electronics
UAC355XB TDK-UAC355XB Datasheet
989Kb / 48P
   Universal Serial Bus (USB) Codecs
logo
NXP Semiconductors
UDA1325 PHILIPS-UDA1325 Datasheet
310Kb / 52P
   Universal Serial Bus USB CODEC
1999 May 10
logo
Maxim Integrated Produc...
DS9481R MAXIM-DS9481R Datasheet
1Mb / 9P
   DS9481R USB-to-1-Wire/iButton Adapter Evaluates: 1-Wire Slave and iButton Devices
Rev 0; 10/10
logo
SG Micro Corp
SGM2258 SGMICRO-SGM2258 Datasheet
335Kb / 11P
   Full-Speed USB (12Mbps) Switch
logo
JST Mfg. Co., Ltd.
UBC JST-UBC Datasheet
110Kb / 2P
   USB (Universal Serial Bus) Conforming Connector
logo
EXCEL CELL ELECTRONIC C...
ESB0 ECE-ESB0 Datasheet
259Kb / 5P
   UNIVERSAL SERIAL BUS CONNECTORS USB CONNECTORS
logo
Rohm
BD2225G ROHM-BD2225G Datasheet
120Kb / 5P
   High-Side Switch for Universal Serial Bus (USB)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com