Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS9097U Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS9097U
Description  Universal 1-Wire COM Port Adapter Provides Strong Pullup to 5V for Temperature
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9097U Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS9097U_11 Datasheet HTML 1Page - Maxim Integrated Products DS9097U_11 Datasheet HTML 2Page - Maxim Integrated Products DS9097U_11 Datasheet HTML 3Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS9097U
2 of 3
DESCRIPTION
The DS9097U is a sophisticated RS-232 to 1-Wire adapter, which performs RS-232 level conversion and actively
generates the 1-Wire communication signals. Together with an adequate software driver, it enables a Windows®-
based PC to directly communicate with any 1-Wire device connected to the adapter’s RJ11 port. The DB9 version
reads and writes any non-EPROM 1-Wire device. To write to EPROM devices, the DB25 version with external
power supply is required. For a list of suitable 1-Wire network cables, refer to the Connectivity Matrix table in the
DS1402x 1-Wire network cables data sheet.
All DS9097U adapters are based on the DS2480B serial 1-Wire line driver chip. The RXD/TXD polarity select input
of the DS2480B is connected to VDD (noninverting).
Free software drivers can be downloaded from www.maxim-ic.com/1-Wiredrivers.
The DS9097U communicates with 1-Wire devices at standard speed as well as overdrive speed. The serial port
must support a data transmission rate of 9600bps. Under software control, the adapter can be set up for RS-232
data rates of 19200bps, 57600bps, and 115200bps. The two higher rates are recommended for communication at
overdrive speed with overdrive-capable devices. Since the DS9097U operates in a byte mode, every data byte
received from the RS-232 port generates eight time slots on the 1-Wire line.
Note that there are some COM ports that use signal levels of less than (
±) 5V. The DB9 versions of this adapter do
not work with such ports. The DS9097U-E25 adapter, however, functions in most cases if external power is
supplied. Without EPROM programming, the external power can be anywhere in the range of 6V to 9V. For
EPROM programming the voltage must be at 12V in any case. Before using an externally powered DS9097U-E25
with a COM port of less than (
±) 5V, check whether the COM port will not be damaged by 5V on its RXD input.
Windows is a registered trademark of Microsoft Corp.


Similar Part No. - DS9097U_11

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9097U-009 DALLAS-DS9097U-009 Datasheet
26Kb / 2P
   Universal 1-Wire COM Port Adapter
DS9097U-E25 DALLAS-DS9097U-E25 Datasheet
26Kb / 2P
   Universal 1-Wire COM Port Adapter
DS9097U-S09 DALLAS-DS9097U-S09 Datasheet
26Kb / 2P
   Universal 1-Wire COM Port Adapter
More results

Similar Description - DS9097U_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1411 MAXIM-DS1411_11 Datasheet
58Kb / 2P
   Provides Strong Pullup to 5V for Temperature iButton and EEPROM iButton
Rev 6/11
logo
Dallas Semiconductor
DS9097U DALLAS-DS9097U Datasheet
26Kb / 2P
   Universal 1-Wire COM Port Adapter
logo
Maxim Integrated Produc...
DS9097 MAXIM-DS9097 Datasheet
183Kb / 3P
   COM Port Adapter
8/09
logo
Dallas Semiconductor
DS9097E DALLAS-DS9097E Datasheet
75Kb / 2P
   COM Port Adapter
logo
Maxim Integrated Produc...
USBTO232 MAXIM-USBTO232 Datasheet
266Kb / 31P
   USB-to-COM Port Adapter Board User Guide
Rev 0; 11/06
logo
Dallas Semiconductor
DS9490B DALLAS-DS9490B Datasheet
216Kb / 5P
   USB to 1-Wire/iButton Adapter
logo
Maxim Integrated Produc...
DS9490R MAXIM-DS9490R Datasheet
556Kb / 6P
   USB to 1-Wire/iButton Adapter
Rev 8/09
logo
List of Unclassifed Man...
SCS200 ETC2-SCS200 Datasheet
168Kb / 2P
   Secure Shell (SSH) access provides strong authentication and secure communications
logo
Fuji Electric
EDS8-10E FUJI-EDS8-10E Datasheet
371Kb / 4P
   2-WIRE UNIVERSAL TEMPERATURE TRANSMITTER
logo
Axiomtek Co., Ltd.
NA343R AXIOMTEK-NA343R Datasheet
253Kb / 1P
   BIOS redirected to COM port
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com