Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS8007 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS8007
Description  Multiprotocol Dual Smart Card Interface 8kV (min) ESD Protection on Card Interfaces
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS8007 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS8007 Datasheet HTML 1Page - Maxim Integrated Products DS8007 Datasheet HTML 2Page - Maxim Integrated Products DS8007 Datasheet HTML 3Page - Maxim Integrated Products DS8007 Datasheet HTML 4Page - Maxim Integrated Products DS8007 Datasheet HTML 5Page - Maxim Integrated Products DS8007 Datasheet HTML 6Page - Maxim Integrated Products DS8007 Datasheet HTML 7Page - Maxim Integrated Products DS8007 Datasheet HTML 8Page - Maxim Integrated Products DS8007 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
Multiprotocol Dual Smart Card Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +3.3V, VDDA = +3.3V, TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Alarm Pulse Width
tW
CDELAY = 22nF
10
ms
External crystal
4
20
External Clock Frequency
fXTAL
External oscillator
0
20
MHz
Internal Oscillator
fINT
1.6
2.5
3.7
MHz
3x step-up
5.7
Voltage on VUP Pin
VUP
2x step-up
4.1
V
Voltage Detection of VDDA for 2x,
3x Step-Up
VDET
3.35
3.50
3.60
V
Shutdown Temperature
TSD
+150
°C
Output Low
Voltage
VOLRST
IOLRST = 1mA
0
0.3
V
Card
Inactive
Mode
Output Current
IOLRST
VOLRST = 0V
0
-1
mA
Output Low
Voltage
VOLRSTL
IOLRST = +200μA
0
0.3
Output High
Voltage
VOHRSTH
IOHRST = -200μA
VCCx
0.5
VCCx
V
Rise Time
tRRST
CL = 30pF
0.1
Fall Time
tFRST
CL = 30pF
0.1
μs
Shutdown
Current
IRST(SD)
-25
RSTx
Pins
Card
Active
Mode
Current
Limitation
IRST(LIMIT)
-25
+25
mA
Output Low
Voltage
VOLCLK
IOLCLK = 1mA
0
0.3
V
Card
Inactive
Mode
Output Current
IOLCLK
VOLCLK = 0V
0
-1
mA
Output Low
Voltage
VOLCLK
IOLCLK = +200μA
0
0.3
Output High
Voltage
VOHCLK
IOHCLK = -200μA
VCCx
0.5
VCCx
V
Rise Time
tRCLK
CL = 30pF (Note 2)
8
Fall Time
tFCLK
CL = 30pF (Note 2)
8
ns
Card
Active
Mode
Current
Limitation
ICLK(LIMIT)
-70
+70
mA
Idle configuration (1MHz)
1
1.85
CLKx
Pins
Clock Frequency
fCLK
Operational
0
10
MHz
Duty Factor
CL = 30pF
45
55
%


Similar Part No. - DS8007

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS8007 DALLAS-DS8007 Datasheet
350Kb / 41P
   Multiprotocol Dual Smart Card Interface
DS8007-ENG DALLAS-DS8007-ENG Datasheet
350Kb / 41P
   Multiprotocol Dual Smart Card Interface
DS8007-ENG++ DALLAS-DS8007-ENG+ Datasheet
350Kb / 41P
   Multiprotocol Dual Smart Card Interface
logo
Maxim Integrated Produc...
DS8007A MAXIM-DS8007A Datasheet
410Kb / 41P
   Multiprotocol Dual Smart Card Interface
Rev 0; 4/08
DS8007A-EAG++ MAXIM-DS8007A-EAG+ Datasheet
410Kb / 41P
   Multiprotocol Dual Smart Card Interface
Rev 0; 4/08
More results

Similar Description - DS8007

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS8007A MAXIM-DS8007A Datasheet
410Kb / 41P
   Multiprotocol Dual Smart Card Interface
Rev 0; 4/08
logo
Dallas Semiconductor
DS8007 DALLAS-DS8007 Datasheet
350Kb / 41P
   Multiprotocol Dual Smart Card Interface
logo
NXP Semiconductors
TDA8008 PHILIPS-TDA8008 Datasheet
68Kb / 12P
   Dual multiprotocol smart card coupler
1999 Dec 14
logo
ATMEL Corporation
T83C5121 ATMEL-T83C5121_06 Datasheet
839Kb / 115P
   8-bit Microcontroller with Multiprotocol Smart Card Interface
logo
NXP Semiconductors
TDA8020HL PHILIPS-TDA8020HL Datasheet
114Kb / 24P
   Dual smart card interface
2001 Aug 15
logo
ON Semiconductor
NCN6804 ONSEMI-NCN6804 Datasheet
341Kb / 25P
   Dual Smart Card Interface IC
December, 2008 ??Rev. 1
logo
NXP Semiconductors
TDA8007B PHILIPS-TDA8007B Datasheet
159Kb / 36P
   Double multiprotocol IC card interface
2000 Nov 09
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
   SMART CARD INTERFACE
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
   Smart Card Interface
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
   Smart Card Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com