Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3231M Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS3231M
Description  5ppm, I2C Real-Time Clock Battery Backup for Continuous Timekeeping
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3231M Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS3231M Datasheet HTML 4Page - Maxim Integrated Products DS3231M Datasheet HTML 5Page - Maxim Integrated Products DS3231M Datasheet HTML 6Page - Maxim Integrated Products DS3231M Datasheet HTML 7Page - Maxim Integrated Products DS3231M Datasheet HTML 8Page - Maxim Integrated Products DS3231M Datasheet HTML 9Page - Maxim Integrated Products DS3231M Datasheet HTML 10Page - Maxim Integrated Products DS3231M Datasheet HTML 11Page - Maxim Integrated Products DS3231M Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
±5ppm, I2C Real-Time Clock
8
Detailed Description
The DS3231M is a serial real-time clock (RTC) driven by
an internal, temperature-compensated, microelectrome-
chanical systems (MEMS) resonator. The oscillator pro-
vides a stable and accurate reference clock and main-
tains the RTC to within Q0.432 seconds-per-day accu-
racy from -40NC to +85NC. The RTC is a low-power clock/
calendar with two programmable time-of-day alarms. INT/
SQW provides either an interrupt signal due to alarm
conditions or a 1Hz square wave. The clock/calendar
provides seconds, minutes, hours, day, date, month,
and year information. The date at the end of the month
is automatically adjusted for months with fewer than
31 days, including corrections for leap year. The clock
operates in either the 24-hour or 12-hour format with an
AM/PM indicator. The internal registers are accessible
though an I2C bus interface. A temperature-compensat-
ed voltage reference and comparator circuit monitors the
level of VCC to detect power failures and to automatically
switch to the backup supply when necessary. The RST
pin provides an external pushbutton function and acts as
an indicator of a power-fail event.
Operation
The Block Diagram shows the device’s main elements.
Each of the major blocks is described separately in the
following sections.
Block Diagram
Pin Description (continued)
DS3231M
N
N
TIME-BASE
RESONATOR
TEMP
SENSOR
INTERRUPT
OR 1Hz
SELECT
DIVIDER
INT/SQW
1Hz
DIGITAL
ADJUSTMENT
FACTORY TRIM
N
32KHZ
SDA
GND
SCL
VBAT
VCC
RST
RPU
CLOCK/CALENDAR
WITH ALARM
CONTROL AND STATUS
REGISTERS
I2C
INTERFACE
POWER
CONTROL
PIN
NAME
FUNCTION
8 SO
16 SO
7
15
SDA
Serial-Data Input/Output. This pin is the data input/output for the I2C serial interface. This open-drain
pin requires an external pullup resistor. The pullup voltage can be up to 5.5V, regardless of the volt-
age on VCC.
8
16
SCL
Serial-Clock Input. This pin is the clock input for the I2C serial interface and is used to synchronize
data movement on the serial interface. The pullup voltage can be up to 5.5V, regardless of the
voltage on VCC.


Similar Part No. - DS3231M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M Datasheet
1Mb / 20P
   짹5ppm, I2C Real-Time Clock
19-5312; Rev 0; 6/10
DS3231M MAXIM-DS3231M Datasheet
1Mb / 20P
   ±5ppm, I2C Real-Time Clock
Rev 3; 12/11
DS3231M MAXIM-DS3231M Datasheet
1Mb / 20P
   ±5ppm, I2C Real-Time Clock
Rev 4; 9/12
DS3231M++ MAXIM-DS3231M+ Datasheet
1Mb / 20P
   짹5ppm, I2C Real-Time Clock
19-5312; Rev 0; 6/10
DS3231M++ MAXIM-DS3231M+ Datasheet
1Mb / 20P
   ±5ppm, I2C Real-Time Clock
Rev 4; 9/12
More results

Similar Description - DS3231M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M_12 Datasheet
1Mb / 20P
   ±5ppm, I2C Real-Time Clock
Rev 4; 9/12
DS3231M_1112 MAXIM-DS3231M_1112 Datasheet
1Mb / 20P
   ±5ppm, I2C Real-Time Clock
Rev 3; 12/11
logo
Intersil Corporation
ISL12008 INTERSIL-ISL12008 Datasheet
293Kb / 19P
   I2C Real Time Clock with Battery Backup
logo
Maxim Integrated Produc...
DS3232M_V1 MAXIM-DS3232M_V1 Datasheet
2Mb / 23P
   ±5ppm, I2C Real-Time Clock with SRAM
Rev 1; 8/12
DS3232M MAXIM-DS3232M Datasheet
2Mb / 23P
   ±5ppm, I2C Real-Time Clock with SRAM
Rev 0; 3/12
logo
Cymbet Corporation
DS-72-34 CYMBET-DS-72-34 Datasheet
1Mb / 18P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
CBC34803 CYMBET-CBC34803 Datasheet
511Kb / 9P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
logo
Epson Company
RX8130CE EPSON-RX8130CE Datasheet
362Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus) Build in backup battery charge control function
logo
ARTSCHIP ELECTRONICS CO...
DS1307 ARTSCHIP-DS1307 Datasheet
249Kb / 14P
   I2C Real-Time Clock
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com