Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMC7D0CN20CA_0812 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KMC7D0CN20CA_0812
Description  Common N-Ch Trench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMC7D0CN20CA_0812 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KMC7D0CN20CA_0812 Datasheet HTML 1Page - KEC(Korea Electronics) KMC7D0CN20CA_0812 Datasheet HTML 2Page - KEC(Korea Electronics) KMC7D0CN20CA_0812 Datasheet HTML 3Page - KEC(Korea Electronics) KMC7D0CN20CA_0812 Datasheet HTML 4Page - KEC(Korea Electronics) KMC7D0CN20CA_0812 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2008. 12. 19
1/5
SEMICONDUCTOR
TECHNICAL DATA
KMC7D0CN20CA
Common N-Ch Trench MOSFET
Revision No : 3
General Description
Switching regulator and DC-DC Converter applications.
It’s mainly suitable for Li-ion battery pack.
FEATURES
VDSS=20V, ID=7A.
Low Drain to Source On Resistance.
: RDS(ON)=20.5m (Max.) @ VGS=4.5V
: RDS(ON)=21.0m (Max.) @ VGS=4.0V
: RDS(ON)=22.5m (Max.) @ VGS=3.1V
: RDS(ON)=26.0m (Max.) @ VGS=2.5V
ESD Protection.
Super High Dense Cell Design.
MAXIMUM RATING (Ta=25
)
DIM
MILLIMETERS
A
A
A1
A1
C
B
B
D
C
E
E1
TSSOP-8
6.40 0.20
0.65 Typ.
1.2 MAX
0.15 MAX
D
E
E1
4.40 0.10
+
_
0.28
1
+
_
L
L
0.50 0.20
+
_
0.25
3.0
0.10
GAUGE
PLANE
14
5
8
+
_
+
_
Note > *Surface Mounted on 1”
1” FR4 Board, t≤10sec
1
2
S
D
D
1
S
1
G
2
3
4
8
7
6
5
1
S
2
G
2
S
1
2
3
Rg
Rg
4
8
PIN CONNECTION (TOP VIEW)
7
6
5
KMC7D0
CN20CA
Type Name
Lot No.
CHARACTERISTIC
SYMBOL
RATING
UNIT
Drain to Source Voltage
VDSS
20
V
Gate to Source Voltage
VGSS
12
V
Drain Current
DC
ID *
7
A
Pulsed
IDP *
28
Source to Drain Diode Current
IS *
1.7
A
Drain Power Dissipation
Ta = 25
PD *
1.5
W
Maximum Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
Thermal Resistance, Junction to Ambient
RthJA*
83.3
/W
Marking


Similar Part No. - KMC7D0CN20CA_0812

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMC7D0CN20CA KEC-KMC7D0CN20CA Datasheet
598Kb / 5P
   Common N-Ch Trench MOSFET
More results

Similar Description - KMC7D0CN20CA_0812

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMC7D0CN20CA KEC-KMC7D0CN20CA Datasheet
598Kb / 5P
   Common N-Ch Trench MOSFET
KMC6D5CN20CA KEC-KMC6D5CN20CA Datasheet
78Kb / 4P
   Common N-Ch Trench MOSFET
KU2307K KEC-KU2307K Datasheet
80Kb / 4P
   N-Ch Trench MOSFET
KU2307Q KEC-KU2307Q Datasheet
59Kb / 4P
   N-Ch Trench MOSFET
KMB012N30QA KEC-KMB012N30QA_15 Datasheet
809Kb / 4P
   N-Ch Trench MOSFET
KMB7D0N40QA KEC-KMB7D0N40QA Datasheet
372Kb / 4P
   N-Ch Trench MOSFET
KMB3D5N40SA KEC-KMB3D5N40SA Datasheet
824Kb / 5P
   N-Ch Trench MOSFET
KMB054N45DA KEC-KMB054N45DA Datasheet
247Kb / 5P
   N-Ch Trench MOSFET
logo
KODENSHI_AUK CORP.
SNN4510D KODENSHI-SNN4510D Datasheet
416Kb / 8P
   N-Ch Trench MOSFET
logo
KEC(Korea Electronics)
KMB2D0N60SA KEC-KMB2D0N60SA Datasheet
471Kb / 5P
   N-Ch Trench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com