Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMC7D0CN20C Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KMC7D0CN20C
Description  TSSOP-8 PACKAGE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMC7D0CN20C Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KMC7D0CN20C Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SEMICONDUCTOR
KMC7D0CN20C
2
1
3
601
KMC7D0
CN 20C
2006. 6. 12
1/1
MARKING SPECIFICATION
TSSOP-8 PACKAGE
Revision No : 0
1. Marking method
Laser Marking.
2. Marking
No.
Item
Marking
Description
Device Name
KMC7D0CN20C
KMC7D0CN20C
Pin No.
Dot
Pin 1
Lot No.
601
6
Year
0~9 : 2000~2009
01
Week
01 : 1st Week


Similar Part No. - KMC7D0CN20C

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMC7D0CN20CA KEC-KMC7D0CN20CA Datasheet
598Kb / 5P
   Common N-Ch Trench MOSFET
KMC7D0CN20CA KEC-KMC7D0CN20CA Datasheet
66Kb / 5P
   Common N-Ch Trench MOSFET
KMC7D0CN20CA_0812 KEC-KMC7D0CN20CA_0812 Datasheet
66Kb / 5P
   Common N-Ch Trench MOSFET
More results

Similar Description - KMC7D0CN20C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V41067A IDT-IDT5V41067A Datasheet
194Kb / 13P
   20-pin TSSOP package
IDT5V41068A IDT-IDT5V41068A Datasheet
185Kb / 13P
   16-pin TSSOP package
logo
International Rectifier
TSSOP-14PIN IRF-TSSOP-14PIN Datasheet
19Kb / 1P
   TSSOP Package 14-Pin
logo
Maxim Integrated Produc...
21-0066 MAXIM-21-0066 Datasheet
42Kb / 1P
   PACKAGE OUTLINE, TSSOP 4.40MM BODY
Rev L
90-0171 MAXIM-90-0171 Datasheet
28Kb / 1P
   PACKAGE LAND PATTERN, (U28) 4.4MM TSSOP
Rev B
21-0108 MAXIM-21-0108 Datasheet
71Kb / 2P
   PACKAGE OUTLINE, TSSOP 4.4MM BODY, EXPOSED PAD
Rev K
logo
ON Semiconductor
OPAMP3EVB ONSEMI-OPAMP3EVB Datasheet
129Kb / 12P
   Op Amp Evaluation Board Manual TSSOP-16 Package
September, 2005 ??Rev. 0
logo
Estek Electronics Co. L...
24C02 ESTEK-24C02 Datasheet
1Mb / 13P
   8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
logo
Integrated Circuit Solu...
ICS280 ICSI-ICS280 Datasheet
160Kb / 8P
   Package Outline and Package Dimensions (16-pin TSSOP,173 Mil. Body)
logo
Maxim Integrated Produc...
90-0117 MAXIM-90-0117 Datasheet
29Kb / 1P
   PACKAGE LAND PATTERN, (U16) 4.4MM TSSOP, 16 LEADS
Rev C
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com