Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4957 Datasheet(PDF) 2 Page - Semicoa Semiconductor

Part # 2N4957
Description  Type 2N4957 Geometry 0006 Polarity PNP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N4957 Datasheet(HTML) 2 Page - Semicoa Semiconductor

  2N4957 Datasheet HTML 1Page - Semicoa Semiconductor 2N4957 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet No. 2N4957
OFF Characteristics
Symbol
Min
Max
Unit
Collector-Base Breakdown Voltage
IC = 100 µA, IE = 0
Collector-Emitter Breakdown Voltage
IC = 1.0 mA, IB = 0
Emitter-Base Breakdown Voltage
IE = 100 µA, IC = 0
Collector-Base Cutoff Current
VCB = 20 V, IE 0, TC = +25
oC
Collector-Base Cutoff Current
VCB = 20 V, IE 0, TC = +150
oC
---
V(BR)EBO
3.0
---
V
Electrical Characteristics
TC = 25
oC unless otherwise specified
V
V
V(BR)CBO
30
---
V(BR)CEO
30
100
µA
ICBO1
---
100
na
ICBO2
---
ON Characteristics
Symbol
Min
Max
Unit
DC Current Gain
IC = 0.5 mA, VCE = 10 V
hFE1
15
---
---
IC = 2.0 mA, VCE = 10 V
hFE2
20
---
---
IC = 5.0 mA, VCE = 10 V
hFE3
30
165
---
IC = 5.0 mA, VCE = 10 V, TA = -55
oC
hFE4
10
---
---
Small Signal Characteristics
Symbol
Min
Max
Unit
Magnitude of Common Emitter Small Signal
Short Circuit Forward Current Transfer Ratio
VCE = 10 V, IE = 2.0 mA, f = 100 MHz
Collector to Base Feedback Capacitance
VCB = 10 V, IE = 0, 100 kHz < f < 1 MHz
Collector to Base Time Constant
VCB = 10 V, IE = 2.0 mA, f = 63.6 MHz
Common Emitter Small Signal Power Gain
VCE = 10 V, IC = 2.0 mA, f = 450 MHz
rb'CC
1.0
8.0
ps
pF
Ccb
---
0.8
---
|hfe|
12
36
GPE
17
25
dB


Similar Part No. - 2N4957

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N4957 SEMICOA-2N4957 Datasheet
29Kb / 1P
   Chip Type 2C4957 Geometry 0006 Polarity PNP
2N4957 SEMICOA-2N4957 Datasheet
216Kb / 2P
   Silicon PNP Transistor
logo
New Jersey Semi-Conduct...
2N4957 NJSEMI-2N4957 Datasheet
68Kb / 1P
   TO-72
2N4957 NJSEMI-2N4957 Datasheet
156Kb / 1P
   PNP SILICON ANNULAR SMALL-SIGNAL
logo
Semicoa Semiconductor
2N4957UB SEMICOA-2N4957UB Datasheet
29Kb / 1P
   Chip Type 2C4957 Geometry 0006 Polarity PNP
More results

Similar Description - 2N4957

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N4957UB SEMICOA-2N4957UB Datasheet
67Kb / 2P
   Type 2N4957UB Geometry 0006 Polarity PNP
2C4957 SEMICOA-2C4957 Datasheet
29Kb / 1P
   Chip Type 2C4957 Geometry 0006 Polarity PNP
2N2907A SEMICOA-2N2907A Datasheet
45Kb / 2P
   Type 2N2907A Geometry 0600 Polarity PNP
2N3485A SEMICOA-2N3485A Datasheet
45Kb / 2P
   Type 2N3485A Geometry 0600 Polarity PNP
2N4033 SEMICOA-2N4033 Datasheet
86Kb / 2P
   Type 2N4033 Geometry 6700 Polarity PNP
2N5151 SEMICOA-2N5151 Datasheet
55Kb / 2P
   Type 2N5151 Geometry 9702 Polarity PNP
2N5151L SEMICOA-2N5151L Datasheet
59Kb / 2P
   Type 2N5151L Geometry 9702 Polarity PNP
2N5153L SEMICOA-2N5153L Datasheet
59Kb / 2P
   Type 2N5153L Geometry 9702 Polarity PNP
2N6987 SEMICOA-2N6987 Datasheet
69Kb / 2P
   Type 2N6987 Geometry 0600 Polarity PNP
2N3468L SEMICOA-2N3468L Datasheet
107Kb / 2P
   Type 2N3468L Geometry 6706 Polarity PNP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com