Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6515H-IGTR Datasheet(PDF) 8 Page - Teridian Semiconductor Corporation

Part # 71M6515H-IGTR
Description  Up to 10ppmC precision ultra-stable voltage reference Digital temperature compensation
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6515H-IGTR Datasheet(HTML) 8 Page - Teridian Semiconductor Corporation

Back Button 71M6515H-IGTR Datasheet HTML 4Page - Teridian Semiconductor Corporation 71M6515H-IGTR Datasheet HTML 5Page - Teridian Semiconductor Corporation 71M6515H-IGTR Datasheet HTML 6Page - Teridian Semiconductor Corporation 71M6515H-IGTR Datasheet HTML 7Page - Teridian Semiconductor Corporation 71M6515H-IGTR Datasheet HTML 8Page - Teridian Semiconductor Corporation 71M6515H-IGTR Datasheet HTML 9Page - Teridian Semiconductor Corporation 71M6515H-IGTR Datasheet HTML 10Page - Teridian Semiconductor Corporation 71M6515H-IGTR Datasheet HTML 11Page - Teridian Semiconductor Corporation 71M6515H-IGTR Datasheet HTML 12Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
71M6515H
Energy Meter IC
DATA SHEET
JULY 2011
Page: 8 of 60
© 2005
−2011 Teridian Semiconductor Corporation
1.6
A Maxim Integrated Products Brand
Temperature Coefficient of Input
Impedance
Vin=65Hz
1.7
Ω/°C
LSB size
355
nV/LSB
Digital Full Scale
+884736
LSB
ADC Gain Error vs.
%Power Supply Variation
3
.
3
/
3
3
100
/
357
10
6
A
P
V
V
nV
Nout
IN
PK
Vin=200mV pk, 65Hz
V3P3A=3.0V, 3.6V
50
PPM/
%
Input Offset (Vin-V3P3A)
-10
+10
mV
1 Guaranteed by design; not production tested.
RECOMMENDED EXTERNAL COMPONENTS
NAME
FROM
TO
FUNCTION
VALUE
UNIT
C1
V3P3A
AGND
Bypass capacitor for 3.3V supply
≥0.1±20%
µF
C2
V3P3D
DGND
Bypass capacitor for 3.3V supply
≥0.1±20%
µF
XTAL
XIN
XOUT
32.768kHz crystal – electrically similar to
ECS .327-12.5-17X or Vishay XT26T, load
capacitance 12.5pF
32.768
kHz
CXS
XIN
AGND
Load capacitor for crystal (depends on crystal
specs and board parasitics).
27
±10%
pF
CXL
XOUT
AGND
27
±10%
pF
C2P5
V2P5
DGND
Bypass capacitor for V2P5
≥0.1±20%
µF
FOOTNOTES:
1 This spec is guaranteed, has been verified in production samples, but is not measured in production.
2 This spec is guaranteed, has been verified in production samples, but is measured in production only at DC.
3 This spec is measured in production at the limits of the specified operating temperature.
4 This spec defines a nominal relationship rather than a measured parameter. Correct circuit operation is verified with other specs that use
this nominal relationship as a reference


Similar Part No. - 71M6515H-IGTR

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6515H-IGTR/F TERIDIAN-71M6515H-IGTR/F Datasheet
674Kb / 57P
   Energy Meter IC
More results

Similar Description - 71M6515H-IGTR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX78615-LMU MAXIM-MAX78615-LMU Datasheet
810Kb / 63P
   Digital Temperature Compensation
Rev 2; 1/15
logo
Analog Devices
REF-02 AD-REF-02 Datasheet
337Kb / 8P
   5V Precision Voltage Reference/Temperature Trangsducer
REV. B
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
logo
National Semiconductor ...
LM4030 NSC-LM4030 Datasheet
379Kb / 14P
   Ultra-High Precision Shunt Voltage Reference
logo
Intersil Corporation
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
logo
Linear Technology
LTZ1000 LINER-LTZ1000_15 Datasheet
166Kb / 8P
   Ultra Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com