Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6515H Datasheet(PDF) 1 Page - Teridian Semiconductor Corporation

Part # 71M6515H
Description  Up to 10ppmC precision ultra-stable voltage reference Digital temperature compensation
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6515H Datasheet(HTML) 1 Page - Teridian Semiconductor Corporation

  71M6515H_11 Datasheet HTML 1Page - Teridian Semiconductor Corporation 71M6515H_11 Datasheet HTML 2Page - Teridian Semiconductor Corporation 71M6515H_11 Datasheet HTML 3Page - Teridian Semiconductor Corporation 71M6515H_11 Datasheet HTML 4Page - Teridian Semiconductor Corporation 71M6515H_11 Datasheet HTML 5Page - Teridian Semiconductor Corporation 71M6515H_11 Datasheet HTML 6Page - Teridian Semiconductor Corporation 71M6515H_11 Datasheet HTML 7Page - Teridian Semiconductor Corporation 71M6515H_11 Datasheet HTML 8Page - Teridian Semiconductor Corporation 71M6515H_11 Datasheet HTML 9Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
71M6515H
Energy Meter IC
DATA SHEET
JULY 2011
Page: 1 of 60
© 2005
2011 Teridian Semiconductor Corporation
1.6
A Maxim Integrated Products Brand
GENERAL DESCRIPTION
The 71M6515H is a high-accuracy analog front-end
(AFE) IC that provides measurements for 3-quadrant
3-phase metering. The combination of a 21-bit
sigma-delta A/D converter with a six-input analog
front-end, a thermally compensated high-precision
reference, and a compute engine results in high
accuracy and wide dynamic range. Our Single
Converter Technology® reduces cross talk and cost.
This IC also provides RTC and battery backup for
time-of-use (TOU) metering.
HOST
PRO-
CESSOR
SSI
UART, IRQZ
VOLTAGE
REFERENCE
COMPUTE
ENGINE
RTC
Battery
RAM
TERIDIAN 71M6515H
DIO
CONTROL
Figure 1: Meter Block Diagram
As shown in the block diagram (Figure 1), the host
processor
communicates
with
the
71M6515H
through a UART interface using the programmable
IRQZ interrupt. The 71M6515H calculates and accu-
mulates meter measurements for each accumulation
interval. A high-speed synchronous serial port (SSI)
is provided to facilitate high-end metering. Integrated
rectifying functions on the battery-backup circuit
enable minimal external component usage and
minimum back-up current. Also, eight multipurpose
pins are provided for control of peripherals.
FEATURES
High Accuracy
 < 0.1% Wh accuracy over 2000:1 range
 Exceeds IEC 62053/ANSIC 12.20 specifications
 Up to 10ppm/C precision ultra-stable voltage
reference
 Single Converter Technology reduces cross talk
and power consumption
 Six sensor inputs—referenced to V3P3
 Compatible with CTs, resistive shunts and
Rogowski Coil sensors
 Digital temperature compensation
 Sag detection
 Measures Wh, VARh, VAh, Vrms, Irms, V-to-V
phase and load angle on each phase
 Four-quadrant metering.
 Four low-jitter pulse outputs from selectable
measurements
 Four pulse count registers
 Selectable default status for pulse pins
 Same calibration data for 46Hz to 64Hz line
frequency
 Broad CT phase compensation (±7deg)
Battery Backup
 Powers real-time clock during power supply
outage
 Compatible with Li-ion, NiCd, or super capacitor
 Battery backup current 2µA typical at 25°C
External Data Interface
 UART control interface, two selectable data rates
 8 general-purpose I/O pins with alarm capability
 5 or 10MHz selectable high-speed synchronous
serial output for DSP interface
 IRQ output signal for alarms and end of
measurement intervals
 Alarms on voltage sag, overvoltage, overcurrent
Low System Cost
 Power consumption 30mW at 3.3V typical
 Real-time clock with temperature compensation
 Built-in power-fault detection
 Single 32kHz crystal time base
 Single-supply operation (3.3V)
 64-lead LQFP package
Single Converter Technology is a registered trademark of
Maxim Integrated Products, Inc.
19-5361; Rev 7/11


Similar Part No. - 71M6515H_11

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6515H-IGT/F TERIDIAN-71M6515H-IGT/F Datasheet
674Kb / 57P
   Energy Meter IC
71M6515H-IGTR/F TERIDIAN-71M6515H-IGTR/F Datasheet
674Kb / 57P
   Energy Meter IC
More results

Similar Description - 71M6515H_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX78615-LMU MAXIM-MAX78615-LMU Datasheet
810Kb / 63P
   Digital Temperature Compensation
Rev 2; 1/15
logo
Analog Devices
REF-02 AD-REF-02 Datasheet
337Kb / 8P
   5V Precision Voltage Reference/Temperature Trangsducer
REV. B
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
logo
National Semiconductor ...
LM4030 NSC-LM4030 Datasheet
379Kb / 14P
   Ultra-High Precision Shunt Voltage Reference
logo
Intersil Corporation
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
logo
Linear Technology
LTZ1000 LINER-LTZ1000_15 Datasheet
166Kb / 8P
   Ultra Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com