Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UEI15-033-Q12NL1-C Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # UEI15-033-Q12NL1-C
Description  Isolated Wide Input Range 15-Watt DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UEI15-033-Q12NL1-C Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  UEI15-033-Q12NL1-C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. UEI15-033-Q12NL1-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UEI15-033-Q12NL1-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UEI15-033-Q12NL1-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UEI15-033-Q12NL1-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UEI15-033-Q12NL1-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UEI15-033-Q12NL1-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UEI15-033-Q12NL1-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UEI15-033-Q12NL1-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
UEI15 Series
Isolated Wide Input Range 15-Watt DC/DC Converters
www.murata-ps.com
email: sales@murata-ps.com
14 Mar 2011
MDC_UEI15W.B42 Page 4 of 16
Absolute Maximum Ratings
Absolute maximums are stress ratings. Exposure of devices to greater than any
of these conditions may adversely affect long-term reliability. Proper operation
under conditions other than those listed in the Performance/Functional Specifi-
cations is neither implied nor recommended.
(4) Mean Time Before Failure is calculated using the Telcordia (Belcore) SR-
332 Method 1, Case 3, ground fixed conditions, Tpcboard=+25 deg.C, full load,
natural air convection.
(5) The On/Off Control is normally controlled by a switch. But it may also be
driven with external logic or by applying appropriate external voltages which
are referenced to Input Common. The On/Off Control Input should use either an
open collector or open drain transistor.
(6) Output current limiting begins when the output voltage degrades
approximately 2% from the selected setting.
(7) The outputs are not intended to sink appreciable reverse current. This
may damage the outputs.
(8) Output noise may be further reduced by adding an external filter. See
I/O Filtering and Noise Reduction.
(9) All models are fully operational and meet published specifications,
including “cold start” at –40°C.
(10) Regulation specifications describe the deviation as the line input voltage
or output load current is varied from a nominal midpoint value to either extreme.
(11) The output overvoltage protection is automatic recovery after fault
removal. The overvoltage may occur either from internal failure or from an
external forcing voltage as in a shared power system.
(12) Output current limit and short circuit protection is non-latching. When
the overcurrent fault is removed, the converter will immediately recover.
(13) Do not exceed maximum power specifications when adjusting the
output trim.
(14) At zero output current, the output may contain low frequency com-
ponents which exceed the ripple specification. The output may be operated
indefinitely with no load.
(15) If reverse polarity is accidentally applied to the input, to ensure reverse
input protection with full output load, always connect an external input fuse in
series with the +VIN input. Use approximately twice the full input current rating
with nominal input voltage.
(16) “Hiccup” operation repeatedly attempts to restart the converter with
a brief, full-current output. If the overcurrent condition still exists, the restart
current will be removed and then tried again. This short current pulse prevents
overheating and damaging the converter. Once the fault is removed, the con-
verter immediately recovers normal operation.
(17) On model UEI15-050-Q48, if VIN <20V, output trim may only be adjusted
downwards from +5.0V (more negative).
(18) Shown at Vin = 10V.
CAUTION: This product is not internally fused. To comply with safety
agency certifications and to avoid injury to personnel or equipment, the user
must connect an external fast-blow fuse to the input terminals. See fuse
information.
(19) All models require 10% of Imax minimum output load to meet specifi-
cations. However, they will not be damaged at zero output load.
SPECIFICATION NOTES
(1) All models are tested and specified with external capacitors listed in the
table below. The external capacitors listed below are ONLY for establishing test
specifications. They are required for our test fixtures and equipment. Your applica-
tion may not need them. The converter is stable with no external capacitors but
Murata Power Solutions strongly recommends external caps. All caps are low-ESR
types. Where two or more capacitors are listed, these are connected in parallel. All
caps should mount close to the DC/DC using short leads.
All specifications are typical unless noted. General conditions for Specifica-
tions are +25 deg.C, VIN=nominal, VOUT=nominal, full load. Adequate airflow
must be supplied for extended testing under power.
(2) Input Ripple Current is tested and specified over a 5 Hz to 20 MHz band-
width. Input filtering is CIN=33 μF, 100V tantalum, CBUS=220 μF, 100V electro-
lytic, LBUS=12 μH.
(3) Note that Maximum Power Derating curves indicate an average current at
nominal input voltage. At higher temperatures and/or lower airflow, the DC/DC
converter will tolerate brief full current outputs if the total RMS current over time
does not exceed the Derating curve. All Derating curves are presented at sea level
altitude. Be aware of reduced power dissipation with increasing density altitude.
ABSOLUTE MAXIMUM RATINGS
Input
Voltage
Q12 models
Volts Max. continuous
36 VDC
Volts, transient 100mS
50 VDC
Q48 models
Volts Max. continuous
75 VDC
Volts, transient 100mS
100 VDC
On/Off control,
referred to –VIN
Volts, Min.
–0.3
Volts, Max.
15
Input Reverse Polarity Protection
See fuse section
Output Overvoltage, Volts Max.
VOUT nom. +20%
Output Current, sustained short circuit
Current-limited, see specs
Storage Temperature
Range, Min. ºC
-55
Max. ºC
+125
INPUT/OUTPUT EXTERNAL TEST CAPACITORS
Model
Input Capacitor
Output Capacitor(s)
UEI15-033-Q12
100 μF
1 μF & 10 μF
UEI15-033-Q48
4.7 μF ceramic
1 μF & 10 μF
UEI15-050-Q12
100 μF
1 μF & 10 μF
UEI15-050-Q48
4.7 μF ceramic
1 μF & 10 μF
UEI15-120-Q12
100 μF
1 μF & 10 μF
UEI15-120-Q48
4.7 μF ceramic
1 μF & 10 μF
UEI15-150-Q12
100 μF
1 μF & 10 μF
UEI15-150-Q48
4.7 μF ceramic
1 μF & 10 μF


Similar Part No. - UEI15-033-Q12NL1-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UEI15-033-Q12N-C MURATA-UEI15-033-Q12N-C Datasheet
1Mb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
More results

Similar Description - UEI15-033-Q12NL1-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MDC_UEI-15W MURATA-MDC_UEI-15W Datasheet
331Kb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15 Datasheet
277Kb / 5P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
UEI-15 MURATA-UEI-15 Datasheet
1Mb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15_10 Datasheet
401Kb / 14P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
BEI15 MURATA-BEI15_11 Datasheet
255Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
BEI15 MURATA-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
BEI15 MURATA-PS-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
BPM15 MURATA-PS-BPM15 Datasheet
430Kb / 29P
   Encapsulated Isolated Wide Input Bipolar 15-Watt DC-DC Converters
logo
RSG Electronic Componen...
EC2EE01 RSG-EC2EE01 Datasheet
49Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
EC3CB01 RSG-EC3CB01 Datasheet
773Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com