Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ12010 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMZ12010
Description  10A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMZ12010 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMZ12010 Datasheet HTML 1Page - National Semiconductor (TI) LMZ12010 Datasheet HTML 2Page - National Semiconductor (TI) LMZ12010 Datasheet HTML 3Page - National Semiconductor (TI) LMZ12010 Datasheet HTML 4Page - National Semiconductor (TI) LMZ12010 Datasheet HTML 5Page - National Semiconductor (TI) LMZ12010 Datasheet HTML 6Page - National Semiconductor (TI) LMZ12010 Datasheet HTML 7Page - National Semiconductor (TI) LMZ12010 Datasheet HTML 8Page - National Semiconductor (TI) LMZ12010 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
//htmlimg2.alldatasheet.com/htmldatasheet2/423080/NSC/LMZ12010/55/1/LMZ12010.png


Similar Part No. - LMZ12010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ12010 TI-LMZ12010 Datasheet
1Mb / 29P
[Old version datasheet]   LMZ12010 10A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ12010 TI1-LMZ12010 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12010TZ TI-LMZ12010TZ Datasheet
1Mb / 29P
[Old version datasheet]   LMZ12010 10A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ12010TZ TI1-LMZ12010TZ Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12010TZ/NOPB TI1-LMZ12010TZ/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
More results

Similar Description - LMZ12010

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ22005 NSC-LMZ22005 Datasheet
1Mb / 22P
   5A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ12010TZ TI-LMZ12010TZ Datasheet
1Mb / 29P
[Old version datasheet]   LMZ12010 10A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ23610TZE TI-LMZ23610TZE Datasheet
1Mb / 31P
[Old version datasheet]   LMZ23610 10A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage and
LMZ12008 TI1-LMZ12008 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
National Semiconductor ...
LMZ23605TZ NSC-LMZ23605TZ Datasheet
1Mb / 22P
   5A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage
logo
Texas Instruments
LMZ23610 TI-LMZ23610_15 Datasheet
1Mb / 37P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module With 36-V Maximum Input Voltage and Current Sharing
LMZ12003TZ-ADJ-NOPB TI1-LMZ12003TZ-ADJ-NOPB Datasheet
2Mb / 24P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
National Semiconductor ...
LMZ12001 NSC-LMZ12001 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ22008 TI1-LMZ22008_14 Datasheet
1Mb / 27P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
National Semiconductor ...
LMZ12002 NSC-LMZ12002_1 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com