Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UEI15-033-Q48PML1-C Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # UEI15-033-Q48PML1-C
Description  Isolated Wide Input Range 15-Watt DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UEI15-033-Q48PML1-C Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  UEI15-033-Q48PML1-C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. UEI15-033-Q48PML1-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UEI15-033-Q48PML1-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UEI15-033-Q48PML1-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UEI15-033-Q48PML1-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UEI15-033-Q48PML1-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UEI15-033-Q48PML1-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UEI15-033-Q48PML1-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UEI15-033-Q48PML1-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
UEI15 Series
Isolated Wide Input Range 15-Watt DC/DC Converters
www.murata-ps.com
email: sales@murata-ps.com
MECHANICAL SPECIFICATIONS, OPEN FRAME
0.32
MAX
8.1
0.41
.30
TYP
0.400
10.16
0.15
0.58
SIDE VIEW
MOUNTING
PLANE
.040±.002
.071
.002 SHOULDER
6X AT PINS 1-6
CL
BOTTOM VIEW
#5
#4
#3
CL
CL
#6
#2
#1
RECOMMENDED
PRI-SEC BARRIER
0.400
10.16
0.400
10.16
0.100
2.54
0.200
5.08
0.800
20.32
TOP VIEW
PIN #1
1.10
27.9
0.96
24.4
END VIEW
0.475
REF
0.25
6.3
14 Mar 2011
MDC_UEI15W.B42 Page 5 of 16
INPUT/OUTPUT CONNECTIONS
Pin
Function P85
1
Positive Vin
2
Negative Vin
3
Positive Vout
4
Output Trim
5
Negative Vout
6
On/Off Control*
*The Remote On/Off can be provided
with either positive (P suffix) or nega-
tive (N suffix) polarity
PHYSICAL CHARACTERISTICS
Pin Material
Copper alloy
Pin Diameter
0.04˝ (1.016mm)
Pin Finish
Gold plate
Weight
0.352 oz./10 grams
Electromagnetic Interference
EN55022/CISPR22 (see note 1)
(Requires external filter)
Flammability Rating
UL 94V-0
Safety
Certified to UL/cUL 60950-1,
CAN/CSA-C22.2-60950-1, IEC/EN
60950-1, 2nd edition
Case 75
Third Angle Projection
Dimensions are in inches (mm shown for ref. only).
Components are shown for reference only.
Tolerances (unless otherwise specified):
.XX ± 0.02 (0.5)
.XXX ± 0.010 (0.25)
Angles ± 1˚
Standard pin length is shown. Please refer to
the Ordering Guide for alternate pin lengths.


Similar Part No. - UEI15-033-Q48PML1-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UEI15-033-Q48P-C MURATA-UEI15-033-Q48P-C Datasheet
1Mb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
More results

Similar Description - UEI15-033-Q48PML1-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MDC_UEI-15W MURATA-MDC_UEI-15W Datasheet
331Kb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15 Datasheet
277Kb / 5P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
UEI-15 MURATA-UEI-15 Datasheet
1Mb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15_10 Datasheet
401Kb / 14P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
BEI15 MURATA-BEI15_11 Datasheet
255Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
BEI15 MURATA-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
BEI15 MURATA-PS-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
BPM15 MURATA-PS-BPM15 Datasheet
430Kb / 29P
   Encapsulated Isolated Wide Input Bipolar 15-Watt DC-DC Converters
logo
RSG Electronic Componen...
EC2EE01 RSG-EC2EE01 Datasheet
49Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
EC3CB01 RSG-EC3CB01 Datasheet
773Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com