Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OX-2201-EAE-2580-12M80 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # OX-2201-EAE-2580-12M80
Description  OCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

OX-2201-EAE-2580-12M80 Datasheet(HTML) 2 Page - Vectron International, Inc

  OX-2201-EAE-2580-12M80 Datasheet HTML 1Page - Vectron International, Inc OX-2201-EAE-2580-12M80 Datasheet HTML 2Page - Vectron International, Inc OX-2201-EAE-2580-12M80 Datasheet HTML 3Page - Vectron International, Inc OX-2201-EAE-2580-12M80 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OX-2201-EAE-2580-12M80
Preliminary version: Subject to technical modification.
OCXO
www.vectron.com
modified 2011-05-25 by Göhrig, Detlef Index : P2
printed 2011-05-26 • page 2 of 4
Vectron International • Product Specifications OX-2201-EAE-2580
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Units
Condition
Operable temperature range
-40
85
°C
Storage temperature range
-40
85
°C
Enclosure
Type G185C
Height 12.1 mm
all units in mm
Pin Connections
Pin
1: I.C. (=> do not connect)
Pin
2: N.C.
Pin
3: Vs (supply voltage)
Pin
4: RF-Output
Pin
5-6: N.C.
Pin
7: GND (Case)
Marking
OX-2201-EAE-2580
12,80 MHz
Ser.No. AYYWW *
* pin-1 marking


Similar Part No. - OX-2201-EAE-2580-12M80

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OX-2201-EAE-2580-10M00 VECTRON-OX-2201-EAE-2580-10M00 Datasheet
240Kb / 4P
   OCXO
More results

Similar Description - OX-2201-EAE-2580-12M80

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OX-221-9115-10M000 VECTRON-OX-221-9115-10M000 Datasheet
530Kb / 6P
   OCXO
OX-401-9015-98M304 VECTRON-OX-401-9015-98M304 Datasheet
1Mb / 9P
   OCXO
logo
Advanced XTAL Products
AXIOM30 AXTAL-AXIOM30 Datasheet
55Kb / 2P
   OCXO
logo
Raltron Electronics Cor...
OX4020A-LZ-28-12.800-STR3 RALTRON-OX4020A-LZ-28-12.800-STR3 Datasheet
33Kb / 1P
   OCXO
OX6536A RALTRON-OX6536A Datasheet
45Kb / 2P
   OCXO
logo
Advanced Linear Devices
OX6749A ALD-OX6749A Datasheet
45Kb / 2P
   OCXO
logo
Vectron International, ...
OX-2226-EAJ-1080-20M00 VECTRON-OX-2226-EAJ-1080-20M00 Datasheet
240Kb / 5P
   OCXO
OX-4011-EAE-2580-20M00 VECTRON-OX-4011-EAE-2580-20M00 Datasheet
239Kb / 4P
   OCXO
OX-2201-EAE-2580-10M00 VECTRON-OX-2201-EAE-2580-10M00 Datasheet
240Kb / 4P
   OCXO
OX-221-9102-49M152 VECTRON-OX-221-9102-49M152 Datasheet
686Kb / 9P
   OCXO
OX-221-9100-20M000 VECTRON-OX-221-9100-20M000 Datasheet
685Kb / 9P
   OCXO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com